Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML4827 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # ML4827
Description  Fault-Protected PFC and PWM Controller Combo
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ML4827 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  ML4827 Datasheet HTML 1Page - Fairchild Semiconductor ML4827 Datasheet HTML 2Page - Fairchild Semiconductor ML4827 Datasheet HTML 3Page - Fairchild Semiconductor ML4827 Datasheet HTML 4Page - Fairchild Semiconductor ML4827 Datasheet HTML 5Page - Fairchild Semiconductor ML4827 Datasheet HTML 6Page - Fairchild Semiconductor ML4827 Datasheet HTML 7Page - Fairchild Semiconductor ML4827 Datasheet HTML 8Page - Fairchild Semiconductor ML4827 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
www.fairchildsemi.com
REV. 1.0.1 6/27/01
Features
• Pin-compatible with industry-standard ML4824-1
• TriFault Detect™ to conform to UL1950™ requirements
• Available in 50% or 74% max duty cycle versions
• Low total harmonic distortion
• Reduces ripple current in the storage capacitor between
the PFC and PWM sections
• Average current, continuous boost leading edge PFC
• High efficiency trailing-edge PWM can be configured for
current mode or voltage mode operation
• Average line voltage compensation with brown-out
control
• PFC overvoltage comparator eliminates output
“runaway” due to load removal
• Current fed gain modulator for improved noise immunity
• Overvoltage protection, UVLO, and soft start
General Description
The ML4827 is a controller for power factor corrected,
switched mode power supplies, that includes circuitry
necessary for conformance to the safety requirements of
UL1950. A direct descendent of the industry-standard
ML4824-1, the ML4827 adds a TriFault Detect™ function to
guarantee that no unsafe conditions may result from single
component failure in the PFC. Power Factor Correction
(PFC) allows the use of smaller, lower cost bulk capacitors,
reduces power line loading and stress on the switching FETs,
and results in a power supply that fully complies with
IEC1000-3-2 specification. The ML4827 includes circuits
for the implementation of a leading edge, average current,
“boost” type power factor correction and a trailing edge,
pulse width modulator (PWM). The device is available in
two versions; the ML4827-1 (Duty CycleMAX = 50%) and
the ML4827-2 (Duty CycleMAX = 74%). The higher
maximum duty cycle of the -2 allows enhanced utilization of
a given transformer core’s power handling capacity. An over-
voltage comparator shuts down the PFC section in the event
of a sudden decrease in load. The PFC section also includes
peak current limiting and input voltage brown-out
protection. The PWM section can be operated in current or
voltage mode, and includes a duty cycle limit to prevent
transformer saturation.
Block Diagram
VEAO
IEAO
VFB
IAC
VRMS
ISENSE
RAMP 1
OSCILLATOR
OVP
PFC ILIMIT
UVLO
VREF
PULSE WIDTH MODULATOR
POWER FACTOR CORRECTOR
BROKEN WIRE
COMPARATOR
2.5V
+
+
7.5V
REFERENCE
VCC
VCCZ
VREF
VEA
+
IEA
+
+
+
PFC OUT
S
R
Q
Q
S
R
Q
Q
2.7V
–1V
0.5V
2
µA
RAMP 2
PWM OUT
S
R
Q
Q
VDC
SS
DC ILIMIT
VCC
DUTY CYCLE
LIMIT
+
1V
+
2.5V
VFB
+
8V
8V
VIN OK
GAIN
MODULATOR
VCCZ
3.5k
3.5k
1.25V
50
µA
+
13.5V
DC ILIMIT
14
12
11
GND
10
15
2
4
3
7
8
6
5
9
16
1
13
ML4827
Fault-Protected PFC and PWM Controller Combo


Similar Part No. - ML4827

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML4827 MICRO-LINEAR-ML4827 Datasheet
256Kb / 16P
   Fault-Protected PFC and PWM Controller Combo
ML4827CP-1 MICRO-LINEAR-ML4827CP-1 Datasheet
256Kb / 16P
   Fault-Protected PFC and PWM Controller Combo
ML4827CP-2 MICRO-LINEAR-ML4827CP-2 Datasheet
256Kb / 16P
   Fault-Protected PFC and PWM Controller Combo
ML4827CS-1 MICRO-LINEAR-ML4827CS-1 Datasheet
256Kb / 16P
   Fault-Protected PFC and PWM Controller Combo
ML4827CS-2 MICRO-LINEAR-ML4827CS-2 Datasheet
256Kb / 16P
   Fault-Protected PFC and PWM Controller Combo
More results

Similar Description - ML4827

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML4827 MICRO-LINEAR-ML4827 Datasheet
256Kb / 16P
   Fault-Protected PFC and PWM Controller Combo
logo
Fairchild Semiconductor
FAN4803CP2 FAIRCHILD-FAN4803CP2 Datasheet
116Kb / 12P
   8-Pin PFC and PWM Controller Combo
FAN4803CP1 FAIRCHILD-FAN4803CP1 Datasheet
109Kb / 12P
   8-Pin PFC and PWM Controller Combo
logo
Micro Linear Corporatio...
ML4803 MICRO-LINEAR-ML4803 Datasheet
195Kb / 13P
   8-Pin PFC and PWM Controller Combo
ML4826 MICRO-LINEAR-ML4826 Datasheet
296Kb / 16P
   PFC and Dual Output PWM Controller Combo
logo
Fairchild Semiconductor
ML4803 FAIRCHILD-ML4803 Datasheet
133Kb / 12P
   8-Pin PFC and PWM Controller Combo
FAN4803CS1X FAIRCHILD-FAN4803CS1X Datasheet
109Kb / 1P
   8-Pin PFC and PWM Controller Combo
logo
Renesas Technology Corp
HA16141P RENESAS-HA16141P_05 Datasheet
363Kb / 18P
   PFC and PWM Controller
logo
Fairchild Semiconductor
FAN4803CS1 FAIRCHILD-FAN4803CS1 Datasheet
109Kb / 12P
   8-Pin PFC and PWM Controller Combo
ML4826 FAIRCHILD-ML4826 Datasheet
431Kb / 16P
   PFC and Dual Output PWM Controller Combo
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com