Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPM-7311-TR1 Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPM-7311-TR1
Description  UMTS800 4x4 Power Amplifier (824-849MHz)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPM-7311-TR1 Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACPM-7311-TR1 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPM-7311-TR1 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPM-7311-TR1 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPM-7311-TR1 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPM-7311-TR1 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPM-7311-TR1 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPM-7311-TR1 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACPM-7311-TR1 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ACPM-7311-TR1 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
7
Figure 11. Evaluation Board Schematic
Evaluation Board Description
Figure 12. Evaluation Board Assembly Diagram
1 Ven
2 Vmode0
3 Vmode1
4 RF In
5 Vcc1
GND 10
GND 9
RF Out 8
GND 7
Vcc2 6
Ven
Vmode0
RF In
Vcc1
Vcc2
RF Out
C1
100pF
C2
100pF
C7
2.2uF
C6
2.2nF
C4
680pF
C5
2.2uF
Vmode1
C3
100pF
C3 C2
C1
C6
C4
C5
C7
AVAGO
ACPM -7311
PYYWW
TLAAAAAA
Figure 13. Marking Specifications
Pin 1 Mark
AVAGO
ACPM-7311
PYWW
TLAAAAAA
Manufacturing Part Number
Lot Number
P
Manufacturing info
YY
Manufacturing Year
WW
Work Week
TLAAAAAA Assembly Lot Number


Similar Part No. - ACPM-7311-TR1

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPM-7311-TR1 BOARDCOM-ACPM-7311-TR1 Datasheet
1Mb / 18P
   UMTS800 4x4 Power Amplifier
More results

Similar Description - ACPM-7311-TR1

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPM-7312 BOARDCOM-ACPM-7312 Datasheet
1Mb / 16P
   UMTS Band5 (824-849MHz) 4x4 Power Amplifier Module
ACPM-7311-TR1 BOARDCOM-ACPM-7311-TR1 Datasheet
1Mb / 18P
   UMTS800 4x4 Power Amplifier
ACPM-7311-OR1 BOARDCOM-ACPM-7311-OR1 Datasheet
672Kb / 16P
   UMTS800 4x4 Power Amplifier Module
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-5205 AVAGO-ACPM-5205 Datasheet
327Kb / 13P
   UMTS Band5 (824-849MHz) 3x3mm Power Amplifier Module
logo
Mitsubishi Electric Sem...
M67766A MITSUBISHI-M67766A Datasheet
99Kb / 2P
   824-849MHz, 12.5V, 6W, MOBILE RADIO
M67754 MITSUBISHI-M67754 Datasheet
305Kb / 3P
   824-849MHz, 12.5V, 6W, FM MOBILE RADIO
logo
Broadcom Corporation.
ACPM-7331-TR1 BOARDCOM-ACPM-7331-TR1 Datasheet
1Mb / 18P
   UMTS1900 4x4 Power Amplifier
ACPM-7381-TR1 BOARDCOM-ACPM-7381-TR1 Datasheet
1Mb / 18P
   UMTS2100 4x4 Power Amplifier
ACPM-7381-OR1 BOARDCOM-ACPM-7381-OR1 Datasheet
803Kb / 15P
   UMTS2100 4x4 Power Amplifier Module
ACPM-7331-OR1 BOARDCOM-ACPM-7331-OR1 Datasheet
803Kb / 16P
   UMTS1900 4x4 Power Amplifier Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com