Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPM-7331-BLKR Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPM-7331-BLKR
Description  UMTS1900 4x4 Power Amplifier (1850-1910MHz)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPM-7331-BLKR Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACPM-7331-BLKR Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPM-7331-BLKR Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPM-7331-BLKR Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPM-7331-BLKR Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPM-7331-BLKR Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPM-7331-BLKR Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPM-7331-BLKR Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACPM-7331-BLKR Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ACPM-7331-BLKR Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
7
Figure 12. Evaluation Board Assembly Diagram
Figure 11. Evaluation Board Schematic
Evaluation Board Description
1 Vcc1
2 RF In
3 Vmode1
4 Vmode0
5 Ven
Vcc2 10
GND 9
RF Out 8
GND 7
GND 6
Ven
Vmode0
RF In
Vcc1
Vcc2
RF Out
C1
100pF
C2
100pF
C7
2.2uF
C6
220pF
C4
100pF
C5
2.2uF
Vmode1
C3
100pF
C3 C2
C1
C6
C4
C5
C7
AVAGO
ACPM -7331
PYYWW
THAAAAAA
Figure 13. Marking Specifications
Pin 1 Mark
AVAGO
ACPM-7331
PYYWW
THAAAAAA
Manufacturing Part Number
Lot Number
T
Manufacturing info
YY
Manufacturing Year
WW
Work Week
THAAAAAA
Assembly Lot Number


Similar Part No. - ACPM-7331-BLKR

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-7331-BLKR AVAGO-ACPM-7331-BLKR Datasheet
803Kb / 16P
   Low quiescent current
logo
Broadcom Corporation.
ACPM-7331-BLKR BOARDCOM-ACPM-7331-BLKR Datasheet
803Kb / 16P
   UMTS1900 4x4 Power Amplifier Module
ACPM-7331-BLKR BOARDCOM-ACPM-7331-BLKR Datasheet
1Mb / 18P
   UMTS1900 4x4 Power Amplifier
More results

Similar Description - ACPM-7331-BLKR

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPM-7331-TR1 BOARDCOM-ACPM-7331-TR1 Datasheet
1Mb / 18P
   UMTS1900 4x4 Power Amplifier
ACPM-7331-OR1 BOARDCOM-ACPM-7331-OR1 Datasheet
803Kb / 16P
   UMTS1900 4x4 Power Amplifier Module
ACPM-7332 BOARDCOM-ACPM-7332 Datasheet
1Mb / 16P
   UMTS Band2 (1850-1910MHz) 4x4mm Power Amplifier Module
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-5202 AVAGO-ACPM-5202 Datasheet
323Kb / 13P
   UMTS Band2 (1850-1910MHz) 3x3mm Power Amplifi er Module
logo
Broadcom Corporation.
ACPM-5202 BOARDCOM-ACPM-5202 Datasheet
312Kb / 13P
   UMTS Band2 (1850-1910MHz) 3x3mm Power Amplifi er Module
ACPM-7311-TR1 BOARDCOM-ACPM-7311-TR1 Datasheet
1Mb / 18P
   UMTS800 4x4 Power Amplifier
ACPM-7381-TR1 BOARDCOM-ACPM-7381-TR1 Datasheet
1Mb / 18P
   UMTS2100 4x4 Power Amplifier
ACPM-7381-OR1 BOARDCOM-ACPM-7381-OR1 Datasheet
803Kb / 15P
   UMTS2100 4x4 Power Amplifier Module
ACPM-7311-OR1 BOARDCOM-ACPM-7311-OR1 Datasheet
672Kb / 16P
   UMTS800 4x4 Power Amplifier Module
logo
Tyco Electronics
PA1133 MACOM-PA1133 Datasheet
162Kb / 1P
   1850-1910 MHz,Linear Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com