Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TISP4350H3BJR Datasheet(PDF) 7 Page - Bourns Electronic Solutions

Part # TISP4350H3BJR
Description  TISP4xxxH3BJ Overvoltage Protector Series
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TISP4350H3BJR Datasheet(HTML) 7 Page - Bourns Electronic Solutions

Back Button TISP4350H3BJR Datasheet HTML 3Page - Bourns Electronic Solutions TISP4350H3BJR Datasheet HTML 4Page - Bourns Electronic Solutions TISP4350H3BJR Datasheet HTML 5Page - Bourns Electronic Solutions TISP4350H3BJR Datasheet HTML 6Page - Bourns Electronic Solutions TISP4350H3BJR Datasheet HTML 7Page - Bourns Electronic Solutions TISP4350H3BJR Datasheet HTML 8Page - Bourns Electronic Solutions TISP4350H3BJR Datasheet HTML 9Page - Bourns Electronic Solutions TISP4350H3BJR Datasheet HTML 10Page - Bourns Electronic Solutions TISP4350H3BJR Datasheet HTML 11Page - Bourns Electronic Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
NOVEMBER 1997 - REVISED JANUARY 2007
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Typical Characteristics
TISP4xxxH3BJ Overvoltage Protector Series
Figure 2.
Figure 3.
Figure 4.
Figure 5.
T
J - Junction Temperature - °C
-25
0
25
50
75
100
125
150
0·001
0·01
0·1
1
10
100
TCHAG
V
D = ±50 V
T
J - Junction Temperature - °C
-25
0
25
50
75
100
125
150
0.95
1.00
1.05
1.10
TC4HAF
V
T - On-State Voltage - V
0.7
1.5
2
3
4
5
7
110
1.5
2
3
4
5
7
15
20
30
40
50
70
150
200
1
10
100
T
A = 25 °C
t
W = 100 µs
TC4HACB
'4240
THRU
'4400
'4070
THRU
'4115
'4125
THRU
'4220
T
J - Junction Temperature - °C
-25
0
25
50
75
100
125
150
0.4
0.5
0.6
0.7
0.8
0.9
1.5
2.0
1.0
TC4HAD
OFF-STATE CURRENT
vs
JUNCTION TEMPERATURE
ON-STATE CURRENT
vs
ON-STATE VOLTAGE
NORMALIZED HOLDING CURRENT
vs
JUNCTION TEMPERATURE
NORMALIZED BREAKOVER VOLTAGE
vs
JUNCTION TEMPERATURE


Similar Part No. - TISP4350H3BJR

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISP4350H3BJR-S BOURNS-TISP4350H3BJR-S Datasheet
392Kb / 13P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results

Similar Description - TISP4350H3BJR

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISP4300H3BJR-S BOURNS-TISP4300H3BJR-S Datasheet
392Kb / 13P
   TISP4xxxH3BJ Overvoltage Protector Series
TISP3XXXH3SL BOURNS-TISP3XXXH3SL Datasheet
353Kb / 12P
   Overvoltage Protector Series
TISP4P0XXL1N BOURNS-TISP4P0XXL1N Datasheet
397Kb / 5P
   Overvoltage Protector Series
TISP1XXXH3BJ BOURNS-TISP1XXXH3BJ Datasheet
205Kb / 7P
   Overvoltage Protector Series
TISP3XXXT3BJ BOURNS-TISP3XXXT3BJ Datasheet
363Kb / 11P
   Overvoltage Protector Series
TISP9110LDM BOURNS-TISP9110LDM_07 Datasheet
212Kb / 5P
   Overvoltage Protector
TISP4A250H3BJ BOURNS-TISP4A250H3BJ Datasheet
535Kb / 8P
   Overvoltage Protector
TISP4350H3LMR BOURNS-TISP4350H3LMR Datasheet
518Kb / 13P
   TISP4xxxH3LM Overvoltage Protector Series
TISP61089HDM BOURNS-TISP61089HDM_07 Datasheet
279Kb / 7P
   Overvoltage Protector
TISP1XXXF3 BOURNS-TISP1XXXF3 Datasheet
752Kb / 13P
   Overvoltage Protector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com