Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TISP4070H3BJ Datasheet(PDF) 5 Page - Bourns Electronic Solutions

Part # TISP4070H3BJ
Description  TISP4xxxH3BJ Overvoltage Protector Series
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TISP4070H3BJ Datasheet(HTML) 5 Page - Bourns Electronic Solutions

  TISP4070H3BJ Datasheet HTML 1Page - Bourns Electronic Solutions TISP4070H3BJ Datasheet HTML 2Page - Bourns Electronic Solutions TISP4070H3BJ Datasheet HTML 3Page - Bourns Electronic Solutions TISP4070H3BJ Datasheet HTML 4Page - Bourns Electronic Solutions TISP4070H3BJ Datasheet HTML 5Page - Bourns Electronic Solutions TISP4070H3BJ Datasheet HTML 6Page - Bourns Electronic Solutions TISP4070H3BJ Datasheet HTML 7Page - Bourns Electronic Solutions TISP4070H3BJ Datasheet HTML 8Page - Bourns Electronic Solutions TISP4070H3BJ Datasheet HTML 9Page - Bourns Electronic Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
NOVEMBER 1997 - REVISED JANUARY 2007
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Electrical Characteristics, TA = 25 °C (Unless Otherwise Noted) (continued)
TISP4xxxH3BJ Overvoltage Protector Series
Coff
Off-state capacitance
f = 100 kHz,
Vd =1 V rms, VD =0,
f = 100 kHz,
Vd =1 V rms, VD =-1 V
f = 100 kHz,
Vd =1 V rms, VD =-2 V
f = 100 kHz,
Vd =1 V rms, VD =-50 V
f = 100 kHz,
Vd =1 V rms, VD = -100 V
(see Note 6)
‘4070 thru ‘4115
‘4125 thru ‘4220
‘4240 thru ‘4400
‘4070 thru ‘4115
‘4125 thru ‘4220
‘4240 thru ‘4400
‘4070 thru ‘4115
‘4125 thru ‘4220
‘4240 thru ‘4400
‘4070 thru ‘4115
‘4125 thru ‘4220
‘4240 thru ‘4400
‘4125 thru ‘4220
‘4240 thru ‘4400
145
80
70
130
71
60
120
65
55
62
30
24
28
22
170
90
84
150
79
67
140
74
62
73
35
28
33
26
pF
NOTE
6: To avoid possible voltage clipping, the ‘4125 is tested with VD =-98 V.
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Thermal Characteristics
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
RθJA
Junction to free air thermal resistance
EIA/JESD51-3 PCB, IT = ITSM(1000),
TA = 25 °C, (see Note 7)
113
°C/W
265 mm x 210 mm populated line card,
4-layer PCB, IT = ITSM(1000), TA = 25 °C
50
NOTE
7:
EIA/JESD51-2 environment and PCB has standard footprint dimensions connected with 5 A rated printed wiring track widths.


Similar Part No. - TISP4070H3BJ

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TISP4070H3BJ POINN-TISP4070H3BJ Datasheet
312Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
logo
Bourns Electronic Solut...
TISP4070H3BJ BOURNS-TISP4070H3BJ Datasheet
392Kb / 13P
   Overvoltage Protector Series BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4070H3BJ BOURNS-TISP4070H3BJ Datasheet
392Kb / 13P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results

Similar Description - TISP4070H3BJ

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISP4300H3BJR-S BOURNS-TISP4300H3BJR-S Datasheet
392Kb / 13P
   TISP4xxxH3BJ Overvoltage Protector Series
TISP3XXXH3SL BOURNS-TISP3XXXH3SL Datasheet
353Kb / 12P
   Overvoltage Protector Series
TISP4P0XXL1N BOURNS-TISP4P0XXL1N Datasheet
397Kb / 5P
   Overvoltage Protector Series
TISP1XXXH3BJ BOURNS-TISP1XXXH3BJ Datasheet
205Kb / 7P
   Overvoltage Protector Series
TISP3XXXT3BJ BOURNS-TISP3XXXT3BJ Datasheet
363Kb / 11P
   Overvoltage Protector Series
TISP9110LDM BOURNS-TISP9110LDM_07 Datasheet
212Kb / 5P
   Overvoltage Protector
TISP4A250H3BJ BOURNS-TISP4A250H3BJ Datasheet
535Kb / 8P
   Overvoltage Protector
TISP4350H3LMR BOURNS-TISP4350H3LMR Datasheet
518Kb / 13P
   TISP4xxxH3LM Overvoltage Protector Series
TISP61089HDM BOURNS-TISP61089HDM_07 Datasheet
279Kb / 7P
   Overvoltage Protector
TISP1XXXF3 BOURNS-TISP1XXXF3 Datasheet
752Kb / 13P
   Overvoltage Protector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com