Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPM-7353-BLK Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPM-7353-BLK
Description  CDMA Dual Band 4x5 Power Amplifier Module (Cellular/PCS)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPM-7353-BLK Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACPM-7353-BLK Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPM-7353-BLK Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPM-7353-BLK Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPM-7353-BLK Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPM-7353-BLK Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPM-7353-BLK Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACPM-7353-BLK Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ACPM-7353-BLK Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ACPM-7353-BLK Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
8
Package Dimensions
All dimensions are in millimeters
5 ± 0.1
2
3
4
4 ± 0.1
Pin 1 Mark
1
0.6
0.9 ± 0.1
5
6
7
13
12
11
14
10
9
8
Marking Specification
Pin 1 Mark
AVA G O
ACPM-735 3
PYYW W
AAAA A
Manufacturing Part Number
Lot Number
P
Manufacturing info
YY
Manufacturing Year
WW
Work Week
AAAAA
Assembly Lot Number


Similar Part No. - ACPM-7353-BLK

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-7355 AVAGO-ACPM-7355 Datasheet
378Kb / 19P
   UMTS Dual-Band 4x5mm Power Amplifier Module (Band2/Band5)
logo
Broadcom Corporation.
ACPM-7355 BOARDCOM-ACPM-7355 Datasheet
378Kb / 19P
   UMTS Dual-Band 4x5mm Power Amplifier Module
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-7355-BLK AVAGO-ACPM-7355-BLK Datasheet
378Kb / 19P
   UMTS Dual-Band 4x5mm Power Amplifier Module (Band2/Band5)
logo
Broadcom Corporation.
ACPM-7355-BLK BOARDCOM-ACPM-7355-BLK Datasheet
378Kb / 19P
   UMTS Dual-Band 4x5mm Power Amplifier Module
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-7355-TR1 AVAGO-ACPM-7355-TR1 Datasheet
378Kb / 19P
   UMTS Dual-Band 4x5mm Power Amplifier Module (Band2/Band5)
More results

Similar Description - ACPM-7353-BLK

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6321 ANADIGICS-AWT6321 Datasheet
422Kb / 8P
   HELP2TM Dual-band Cellular/PCS CDMA 3.4 V Linear Power Amplifier Module
AWC6323 ANADIGICS-AWC6323 Datasheet
608Kb / 11P
   HELP3ETM Dual-band Cellular & PCS CDMA 3.4 V Linear Power Amplifier Module
AWC6325 ANADIGICS-AWC6325 Datasheet
895Kb / 11P
   HELP3E Dual-band Cellular & PCS CDMA 3.4 V Linear Power Amplifier Module
AWT6310R ANADIGICS-AWT6310R_08 Datasheet
380Kb / 8P
   Dual-band CDMA/PCS 3.4 V/28 dBm Linear Power Amplifier Module
AWT6314R ANADIGICS-AWT6314R Datasheet
166Kb / 12P
   Dual-band CDMA/PCS 3.4 V/28 dBm Linear Power Amplifier Module
AWT6310R ANADIGICS-AWT6310R Datasheet
158Kb / 12P
   Dual-band CDMA/PCS 3.4 V/28 dBm Linear Power Amplifier Module
AWT6314R ANADIGICS-AWT6314R_08 Datasheet
388Kb / 8P
   Dual-band CDMA/PCS 3.4 V/28 dBm Linear Power Amplifier Module
ALT6725 ANADIGICS-ALT6725 Datasheet
881Kb / 13P
   HELP3E Dual-band Cellular & PCS LTE 3.4 V Linear Power Amplifier Module
logo
Maxim Integrated Produc...
MAX1798 MAXIM-MAX1798 Datasheet
642Kb / 20P
   CDMA Cellular/PCS System Power Supplies
19-1655; Rev 1; 2/01
logo
TriQuint Semiconductor
TQ3M31 TRIQUINT-TQ3M31 Datasheet
381Kb / 18P
   Dual Band LNA: 2.8V, Cellular and PCS Band CDMA/AMPS LNA IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com