Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AUIR3314STRL Datasheet(PDF) 9 Page - International Rectifier

Part # AUIR3314STRL
Description  PROGRAMMABLE CURRENT SENSE HIGH SIDE SWITCH
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIR3314STRL Datasheet(HTML) 9 Page - International Rectifier

Back Button AUIR3314STRL Datasheet HTML 5Page - International Rectifier AUIR3314STRL Datasheet HTML 6Page - International Rectifier AUIR3314STRL Datasheet HTML 7Page - International Rectifier AUIR3314STRL Datasheet HTML 8Page - International Rectifier AUIR3314STRL Datasheet HTML 9Page - International Rectifier AUIR3314STRL Datasheet HTML 10Page - International Rectifier AUIR3314STRL Datasheet HTML 11Page - International Rectifier AUIR3314STRL Datasheet HTML 12Page - International Rectifier AUIR3314STRL Datasheet HTML 13Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AUIR3314(S)
www.irf.com
9
0
2
4
6
8
10
020
40
60
Spec. Max.
With calibration
1
10
100
100
1000
10000
I load, load current (A)
Rifb, feedback resistor (
)
Figure 10 – Error (+/- A) Vs I load (A)
Figure 11 – Ids (A) Vs Rifb (
)
1
10
100
10
100
1000
0
10
20
-50
0
50
100
150
60°C/W
35°C/W
Tamb., ambient temperature (°C)
Inductance (µH)
Figure 12 – Max. Iout (A) Vs Tamb. (°C)
Figure 13 – Max. Iout (A) Vs inductance (µH)


Similar Part No. - AUIR3314STRL

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
AUIR3314STRL INFINEON-AUIR3314STRL Datasheet
301Kb / 16P
   PROGRAMMABLE CURRENT SENSE HIGH SIDE SWITCH
November, 14th 2010 revision E
More results

Similar Description - AUIR3314STRL

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
AUIR3313 INFINEON-AUIR3313 Datasheet
596Kb / 16P
   PROGRAMMABLE CURRENT SENSE HIGH SIDE SWITCH
December, 10th 2010 revision F
logo
International Rectifier
IR3313STRLPBF IRF-IR3313STRLPBF Datasheet
253Kb / 12P
   PROGRAMMABLE CURRENT SENSE HIGH SIDE SWITCH
logo
Infineon Technologies A...
AUIR3314 INFINEON-AUIR3314 Datasheet
301Kb / 16P
   PROGRAMMABLE CURRENT SENSE HIGH SIDE SWITCH
November, 14th 2010 revision E
logo
International Rectifier
IR3313PBF IRF-IR3313PBF Datasheet
778Kb / 10P
   PROGRAMMABLE CURRENT SENSE HIGH SIDE SWITCH
IR3313S IRF-IR3313S Datasheet
821Kb / 11P
   PROGRAMMABLE CURRENT SENSE HIGH SIDE SWITCH
AUIR3313 IRF-AUIR3313 Datasheet
596Kb / 16P
   PROGRAMMABLE CURRENT SENSE HIGH SIDE SWITCH
AUIR3314 IRF-AUIR3314_15 Datasheet
301Kb / 16P
   PROGRAMMABLE CURRENT SENSE HIGH SIDE SWITCH
AUIR3315 IRF-AUIR3315_15 Datasheet
289Kb / 16P
   PROGRAMMABLE CURRENT SENSE HIGH SIDE SWITCH
IR3313SPBF IRF-IR3313SPBF Datasheet
353Kb / 12P
   PROGRAMMABLE CURRENT SENSE HIGH SIDE SWITCH
AUIR3315 IRF-AUIR3315 Datasheet
289Kb / 16P
   PROGRAMMABLE CURRENT SENSE HIGH SIDE SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com