Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AUIRFZ44NS Datasheet(PDF) 1 Page - International Rectifier

Part # AUIRFZ44NS
Description  AUTOMOTIVE GRADE
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIRFZ44NS Datasheet(HTML) 1 Page - International Rectifier

  AUIRFZ44NS Datasheet HTML 1Page - International Rectifier AUIRFZ44NS Datasheet HTML 2Page - International Rectifier AUIRFZ44NS Datasheet HTML 3Page - International Rectifier AUIRFZ44NS Datasheet HTML 4Page - International Rectifier AUIRFZ44NS Datasheet HTML 5Page - International Rectifier AUIRFZ44NS Datasheet HTML 6Page - International Rectifier AUIRFZ44NS Datasheet HTML 7Page - International Rectifier AUIRFZ44NS Datasheet HTML 8Page - International Rectifier AUIRFZ44NS Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
AUIRFZ44NS
AUIRFZ44NL
HEXFET® Power MOSFET
08/29/11
www.irf.com
1
S
D
G
AUTOMOTIVE GRADE
l
Advanced Planar Technology
l
Low On-Resistance
l
Dynamic dV/dT Rating
l
175°C Operating Temperature
l
Fast Switching
l
Fully Avalanche Rated
l
Repetitive Avalanche Allowed up to Tjmax
l
Lead-Free, RoHS Compliant
l
Automotive Qualified *
Features
Description
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These
are stress ratings only; and functional operation of the device at these or any other condition beyond those indicated
in the specifications is not implied.Exposure to absolute-maximum-rated conditions for extended periods may affect
device reliability. The thermal resistance and power dissipation ratings are measured under board mounted and still
air conditions. Ambient temperature (TA) is 25°C, unless otherwise specified.
HEXFET® is a registered trademark of International Rectifier.
*Qualification standards can be found at http://www.irf.com/
GD
S
Gate
Drain
Source
V(BR)DSS
55V
RDS(on) max. 17.5mΩ
ID
49A
D2Pak
AUIRFZ44NS
TO-262
AUIRFZ44NL
S
D
G
D
D
S
G
Specifically designed for Automotive applications, this
Stripe Planar design of HEXFET® Power MOSFETs
utilizes the latest processing techniques to achieve low
on-resistance per silicon area. This benefit combined with
the fast switching speed and ruggedized device design
that HEXFET power MOSFETs are well known for,
provides the designer with an extremely efficient and
reliable device for use in Automotive and a wide variety
of other applications.
Parameter
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
A
IDM
Pulsed Drain Current
™
PD @TA = 25°C
Power Dissipation
PD @TC = 25°C
Power Dissipation
Linear Derating Factor
W/°C
VGS
Gate-to-Source Voltage
V
EAS (Thermally Limited)
Single Pulse Avalanche Energy
h
EAS (tested)
Single Pulse Avalanche Energy Tested Value
g
IAR
Avalanche Current
Ù
A
EAR
Repetitive Avalanche Energy
™
mJ
dv/dt
Peak Diode Recovery dv/dt
e
V/ns
TJ
Operating Junction and
TSTG
Storage Temperature Range
°C
Soldering Temperature, for 10 seconds
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
1.5
RθJA
Junction-to-Ambient
–––
40
mJ
530
9.4
300 (1.6mm from case )
3.8
25
-55 to + 175
150
W
°C/W
94
Max.
49
35
160
0.63
±20
5.0
PD-96391A


Similar Part No. - AUIRFZ44NS

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
AUIRFZ44NS INFINEON-AUIRFZ44NS Datasheet
643Kb / 11P
   Dynamic dV/dT and dI/dT capability
2015-10-27
More results

Similar Description - AUIRFZ44NS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIRFZ48Z IRF-AUIRFZ48Z Datasheet
258Kb / 14P
   AUTOMOTIVE GRADE
logo
Kersemi Electronic Co.,...
IRFR4105ZTRL KERSEMI-IRFR4105ZTRL Datasheet
4Mb / 12P
   AUTOMOTIVE GRADE
logo
International Rectifier
AUIRLR3105 IRF-AUIRLR3105 Datasheet
632Kb / 13P
   AUTOMOTIVE GRADE
logo
Infineon Technologies A...
AUIRF9952Q INFINEON-AUIRF9952Q Datasheet
329Kb / 11P
   AUTOMOTIVE GRADE
2015-10-5
AUIRF7379Q INFINEON-AUIRF7379Q Datasheet
355Kb / 11P
   AUTOMOTIVE GRADE
2015-9-30
AUIRF7341Q INFINEON-AUIRF7341Q Datasheet
427Kb / 10P
   AUTOMOTIVE GRADE
2015-9-30
AUIRF7319Q INFINEON-AUIRF7319Q Datasheet
371Kb / 11P
   AUTOMOTIVE GRADE
2015-9-30
AUIRF7304Q INFINEON-AUIRF7304Q Datasheet
523Kb / 9P
   AUTOMOTIVE GRADE
2015-11-16
logo
List of Unclassifed Man...
AUIRF1324 ETC2-AUIRF1324 Datasheet
438Kb / 11P
   AUTOMOTIVE GRADE
logo
International Rectifier
AUIRS2123S IRF-AUIRS2123S Datasheet
324Kb / 18P
   Automotive Grade
AUIRF2903Z IRF-AUIRF2903Z Datasheet
211Kb / 12P
   AUTOMOTIVE GRADE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com