Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML4824IS-2 Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # ML4824IS-2
Description  Power Factor Correction and PWM Controller Combo
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ML4824IS-2 Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button ML4824IS-2 Datasheet HTML 5Page - Fairchild Semiconductor ML4824IS-2 Datasheet HTML 6Page - Fairchild Semiconductor ML4824IS-2 Datasheet HTML 7Page - Fairchild Semiconductor ML4824IS-2 Datasheet HTML 8Page - Fairchild Semiconductor ML4824IS-2 Datasheet HTML 9Page - Fairchild Semiconductor ML4824IS-2 Datasheet HTML 10Page - Fairchild Semiconductor ML4824IS-2 Datasheet HTML 11Page - Fairchild Semiconductor ML4824IS-2 Datasheet HTML 12Page - Fairchild Semiconductor ML4824IS-2 Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ML4824
REV. 1.01 12/7/2000
9
FUNCTIONAL DESCRIPTION (Continued)
open-loop crossover frequency should be 1/2 that of the
line frequency, or 23Hz for a 47Hz line (lowest
anticipated international power frequency). The gain vs.
input voltage of the ML4824’s voltage error amplifier has a
specially shaped nonlinearity such that under steady-state
operating conditions the transconductance of the error
amplifier is at a local minimum. Rapid perturbations in
line or load conditions will cause the input to the voltage
error amplifier (VFB) to deviate from its 2.5V (nominal)
value. If this happens, the transconductance of the voltage
error amplifier will increase significantly, as shown in the
Typical Performance Characteristics. This raises the gain-
bandwidth product of the voltage loop, resulting in a
much more rapid voltage loop response to such
perturbations than would occur with a conventional linear
gain characteristic.
The current amplifier compensation is similar to that of
the voltage error amplifier with the exception of the
choice of crossover frequency. The crossover frequency of
the current amplifier should be at least 10 times that of
the voltage amplifier, to prevent interaction with the
voltage loop. It should also be limited to less than 1/6th
that of the switching frequency, e.g. 16.7kHz for a
100kHz switching frequency.
There is a modest degree of gain contouring applied to the
transfer characteristic of the current error amplifier, to
increase its speed of response to current-loop
perturbations. However, the boost inductor will usually be
the dominant factor in overall current loop response.
Therefore, this contouring is significantly less marked than
that of the voltage error amplifier. This is illustrated in the
Typical Performance Characteristics.
For more information on compensating the current and
voltage control loops, see Application Notes 33 and 34.
Application Note 16 also contains valuable information for
the design of this class of PFC.
Oscillator (RAMP 1)
The oscillator frequency is determined by the values of RT
and CT, which determine the ramp and off-time of the
oscillator output clock:
f
tt
OSC
RAMP
DEADTIME
=
+
1
(2)
The deadtime of the oscillator is derived from the
following equation:
tC
R
In
V
V
RAMP
T
T
REF
REF
×
125
375
.
.
(3)
at VREF = 7.5V:
tC
R
RAMP
T
T
× 051
.
The deadtime of the oscillator may be determined using:
t
V
mA
CC
DEADTIME
T
T
=
×
25
51
490
.
.
(4)
The deadtime is so small (tRAMP >> tDEADTIME) that the
operating frequency can typically be approximated by:
f
t
OSC
RAMP
=
1
(5)
EXAMPLE:
For the application circuit shown in the data sheet, with
the oscillator running at:
fkHz
t
OSC
RAMP
==
100
1
tC
R
RAMP
T
T
×
= ×
051 1 10 5
.
Solving for RT x CT yields 2 x 10-4. Selecting standard
components values, CT = 470pF, and RT = 41.2kΩ.
The deadtime of the oscillator adds to the Maximum PWM
Duty Cycle (it is an input to the Duty Cycle Limiter). With
zero oscillator deadtime, the Maximum PWM Duty Cycle
is typically 45%. In many applications, care should be
taken that CT not be made so large as to extend the
Maximum Duty Cycle beyond 50%. This can be
accomplished by using a stable 470pF capacitor for CT.
PWM SECTION
Pulse Width Modulator
The PWM section of the ML4824 is straightforward, but
there are several points which should be noted. Foremost
among these is its inherent synchronization to the PFC
section of the device, from which it also derives its basic
timing (at the PFC frequency in the ML4824-1, and at
twice the PFC frequency in the ML4824-2). The PWM is
capable of current-mode or voltage mode operation. In
current-mode applications, the PWM ramp (RAMP 2) is
usually derived directly from a current sensing resistor or
current transformer in the primary of the output stage, and
is thereby representative of the current flowing in the
converter’s output stage. DC ILIMIT, which provides cycle-
by-cycle current limiting, is typically connected to RAMP
2 in such applications. For voltage-mode operation or
certain specialized applications, RAMP 2 can be
connected to a separate RC timing network to generate a
voltage ramp against which VDC will be compared. Under
these conditions, the use of voltage feedforward from the
PFC buss can assist in line regulation accuracy and
response. As in current mode operation, the DC ILIMIT
input is used for output stage overcurrent protection.


Similar Part No. - ML4824IS-2

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML4824IS-2 MICRO-LINEAR-ML4824IS-2 Datasheet
262Kb / 16P
   Power Factor Correction and PWM Controller Combo
More results

Similar Description - ML4824IS-2

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ML4824 FAIRCHILD-ML4824_03 Datasheet
105Kb / 15P
   Power Factor Correction and PWM Controller Combo
logo
Micro Linear Corporatio...
ML4824 MICRO-LINEAR-ML4824 Datasheet
262Kb / 16P
   Power Factor Correction and PWM Controller Combo
logo
Fairchild Semiconductor
ML4800 FAIRCHILD-ML4800 Datasheet
154Kb / 14P
   Power Factor Correction and PWM Controller Combo
ML4800_0109 FAIRCHILD-ML4800_0109 Datasheet
119Kb / 14P
   Power Factor Correction and PWM Controller Combo
logo
Micro Linear Corporatio...
ML4804 MICRO-LINEAR-ML4804 Datasheet
246Kb / 14P
   Power Factor Correction and PWM Controller Combo
logo
Fairchild Semiconductor
ML4804 FAIRCHILD-ML4804 Datasheet
145Kb / 14P
   Power Factor Correction and PWM Controller Combo
ML4824CS2X FAIRCHILD-ML4824CS2X Datasheet
109Kb / 15P
   Power Factor Correction and PWM Controller Combo
logo
Micro Linear Corporatio...
ML4819 MICRO-LINEAR-ML4819 Datasheet
290Kb / 15P
   Power Factor and PWM Controller Combo
logo
Linear Technology
LT1509 LINER-LT1509_15 Datasheet
301Kb / 16P
   Power Factor and PWM Controller
LT1508 LINER-LT1508_15 Datasheet
311Kb / 16P
   Power Factor and PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com