Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AUIRFS3307ZTRR Datasheet(PDF) 3 Page - International Rectifier

Part # AUIRFS3307ZTRR
Description  Advanced Process Technology
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIRFS3307ZTRR Datasheet(HTML) 3 Page - International Rectifier

  AUIRFS3307ZTRR Datasheet HTML 1Page - International Rectifier AUIRFS3307ZTRR Datasheet HTML 2Page - International Rectifier AUIRFS3307ZTRR Datasheet HTML 3Page - International Rectifier AUIRFS3307ZTRR Datasheet HTML 4Page - International Rectifier AUIRFS3307ZTRR Datasheet HTML 5Page - International Rectifier AUIRFS3307ZTRR Datasheet HTML 6Page - International Rectifier AUIRFS3307ZTRR Datasheet HTML 7Page - International Rectifier AUIRFS3307ZTRR Datasheet HTML 8Page - International Rectifier AUIRFS3307ZTRR Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
AUIRFS/SL3307Z
www.irf.com
3
Qualification standards can be found at International Rectifier’s web site: http//www.irf.com/
††
Exceptions (if any) to AEC-Q101 requirements are noted in the qualification report.
††† Highest passing voltage
Qualification Information
3L-D2 PAK
MSL1
3L-TO-262
N/A
Charged Device Model
Class C5(+/- 2000V )†††
(per AEC-Q101-005)
Qualification Level
Automotive
(per AEC-Q101)
††
Comments: This part number(s) passed Automotive
qualification.
IR’s
Industrial
and
Consumer
qualification level is granted by extension of the
higher Automotive level.
Moisture Sensitivity Level
RoHS Compliant
Yes
ESD
Machine Model
Class M4(+/- 800V )†††
(per AEC-Q101-002)
Human Body Model
Class H1C(+/- 2000V )†††
(per AEC-Q101-001)


Similar Part No. - AUIRFS3307ZTRR

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
AUIRFS3307Z INFINEON-AUIRFS3307Z Datasheet
712Kb / 11P
   Advanced Process Technology
2015-10-27
More results

Similar Description - AUIRFS3307ZTRR

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com