Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF6217TRPBF Datasheet(PDF) 3 Page - International Rectifier

Part # IRF6217TRPBF
Description  SMPS MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF6217TRPBF Datasheet(HTML) 3 Page - International Rectifier

  IRF6217TRPBF Datasheet HTML 1Page - International Rectifier IRF6217TRPBF Datasheet HTML 2Page - International Rectifier IRF6217TRPBF Datasheet HTML 3Page - International Rectifier IRF6217TRPBF Datasheet HTML 4Page - International Rectifier IRF6217TRPBF Datasheet HTML 5Page - International Rectifier IRF6217TRPBF Datasheet HTML 6Page - International Rectifier IRF6217TRPBF Datasheet HTML 7Page - International Rectifier IRF6217TRPBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
IRF6217PbF
www.irf.com
3
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance
Vs. Temperature
0.01
0.1
1
10
0.1
1
10
100
20µs PULSE WIDTH
T = 25
C
J
°
TOP
BOTTOM
VGS
-15V
-12V
-10V
-8.0V
-7.0V
-6.0V
-5.5V
-5.0V
-V
, Drain-to-Source Voltage (V)
DS
-5.0V
0.01
0.1
1
10
0.1
1
10
100
20µs PULSE WIDTH
T = 150
C
J
°
TOP
BOTTOM
VGS
-15V
-12V
-10V
-8.0V
-7.0V
-6.0V
-5.5V
-5.0V
-V
, Drain-to-Source Voltage (V)
DS
-5.0V
0.01
0.1
1
10
4
5
7
8
9
11
12
V
= -50V
20µs PULSE WIDTH
DS
-V
, Gate-to-Source Voltage (V)
GS
T = 25
C
J
°
T = 150
C
J
°
-60
-40
-20
0
20
40
60
80
100
120
140
160
0.0
0.5
1.0
1.5
2.0
2.5
T , Junction Temperature
(
C)
J
°
V
=
I
=
GS
D
-10V
-0.70A


Similar Part No. - IRF6217TRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6217TRPbF-1 IRF-IRF6217TRPbF-1 Datasheet
200Kb / 8P
   Industry-standard pinout SO-8 Package
More results

Similar Description - IRF6217TRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFPS30N60KPBF IRF-IRFPS30N60KPBF Datasheet
135Kb / 8P
   SMPS MOSFET
IRFR1N60APBF IRF-IRFR1N60APBF Datasheet
231Kb / 10P
   SMPS MOSFET
IRFB9N65APBF IRF-IRFB9N65APBF Datasheet
129Kb / 8P
   SMPS MOSFET
IRLR3715PBF IRF-IRLR3715PBF Datasheet
268Kb / 10P
   SMPS MOSFET
IRFR3412PBF IRF-IRFR3412PBF Datasheet
224Kb / 10P
   SMPS MOSFET
IRF7466PBF IRF-IRF7466PBF Datasheet
131Kb / 8P
   SMPS MOSFET
IRF7468PBF IRF-IRF7468PBF Datasheet
126Kb / 8P
   SMPS MOSFET
IRFB18N50KPBF IRF-IRFB18N50KPBF Datasheet
173Kb / 8P
   SMPS MOSFET
IRFIB8N50K IRF-IRFIB8N50K Datasheet
147Kb / 8P
   SMPS MOSFET
IRFR420A IRF-IRFR420A Datasheet
114Kb / 10P
   SMPS MOSFET
logo
Kersemi Electronic Co.,...
IRFR220N KERSEMI-IRFR220N Datasheet
3Mb / 10P
   SMPS MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com