Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFHM830PBF Datasheet(PDF) 8 Page - International Rectifier

Part # IRFHM830PBF
Description  Battery Operated DC Motor Inverter MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFHM830PBF Datasheet(HTML) 8 Page - International Rectifier

  IRFHM830PBF Datasheet HTML 1Page - International Rectifier IRFHM830PBF Datasheet HTML 2Page - International Rectifier IRFHM830PBF Datasheet HTML 3Page - International Rectifier IRFHM830PBF Datasheet HTML 4Page - International Rectifier IRFHM830PBF Datasheet HTML 5Page - International Rectifier IRFHM830PBF Datasheet HTML 6Page - International Rectifier IRFHM830PBF Datasheet HTML 7Page - International Rectifier IRFHM830PBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
IRFHM830PbF
8
www.irf.com
†
Qualification standards can be found at International Rectifier’s web site
http://www.irf.com/product-info/reliability
††
Higher qualification ratings may be available should the user have such requirements.
Please contact your International Rectifier sales representative for further information:
http://www.irf.com/whoto-call/salesrep/
††† Applicable version of JEDEC standard at the time of product release.
Notes:
 Repetitive rating; pulse width limited by max. junction temperature.
‚ Starting TJ = 25°C, L = 0.41mH, RG = 25Ω, IAS = 20A.
ƒ Pulse width ≤ 400µs; duty cycle ≤ 2%.
„ Rθ is measured at TJ of approximately 90°C.
… When mounted on 1 inch square 2 oz copper pad on 1.5x1.5 in. board of FR-4 material.
† Calculated continouous current based on maximum allowable junction temperature. Package is limited to 40A by
production test capability.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information.09/2010
Data and specifications subject to change without notice.
PQFN 3.3x3.3 Outline Tape and Reel
REEL DIMENSIONS
NOTE: Controlling dimensions in mm
Std reel quantity is 4000 parts.
STANDARD OPTION (QTY 4000)
MIN
326.0
20.2
12.8
1.5
17.8
12.4
CODE
A
B
C
D
E
F
G
MAX
330.25
20.45
13.50
2.5
18.3
12.9
MIN
12.835
0.795
0.504
0.059
0.701
0.488
MAX
13.002
0.805
0.531
0.098
0.720
0.508
METRIC
IMPERIAL
102.0 REF
4.016 REF
DIMENSIONS
MIN
7.90
3.90
11.70
5.45
3.50
3.50
0.25
1.10
CODE
A
B
C
D
E
F
G
H
MAX
8.10
4.10
12.30
5.55
3.70
3.70
0.35
1.30
MIN
0.311
0.154
0.461
0.215
0.138
0.138
0.010
0.043
MAX
0.319
0.161
0.484
0.219
0.146
0.146
0.014
0.051
METRIC
IMPERIAL
MSL1
(per JEDEC J-STD-020D
†††)
RoHS Compliant
Moisture Sensitivity Level
PQFN 3.3mm x 3.3mm
Yes
Qualification Information
Qualification level
Industrial ††
(per JEDEC JESD47F††† guidelines)


Similar Part No. - IRFHM830PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFHM830PBF IRF-IRFHM830PBF Datasheet
250Kb / 9P
   Compatible with Existing Surface Mount Techniques
logo
Infineon Technologies A...
IRFHM830PBF INFINEON-IRFHM830PBF Datasheet
865Kb / 10P
   Battery Operated DC Motor Inverter MOSFET
2021-03-17
logo
International Rectifier
IRFHM830PBF IRF-IRFHM830PBF_15 Datasheet
250Kb / 9P
   Compatible with Existing Surface Mount Techniques
logo
Infineon Technologies A...
IRFHM830PBF INFINEON-IRFHM830PBF_V01 Datasheet
865Kb / 10P
   Battery Operated DC Motor Inverter MOSFET
2021-03-17
More results

Similar Description - IRFHM830PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLTS6342TRPBF IRF-IRLTS6342TRPBF Datasheet
232Kb / 8P
   Battery operated DC motor inverter MOSFET
IRL6342TRPBF IRF-IRL6342TRPBF Datasheet
273Kb / 8P
   Battery operated DC motor inverter MOSFET
IRL6372PBF IRF-IRL6372PBF Datasheet
278Kb / 8P
   Battery operated DC motor inverter MOSFET
IRLHM630PBF IRF-IRLHM630PBF Datasheet
266Kb / 8P
   Battery Operated DC Motor Inverter MOSFET
IRLHM620PBF IRF-IRLHM620PBF_15 Datasheet
236Kb / 9P
   Battery Operated DC Motor Inverter MOSFET
IRF6201PBF IRF-IRF6201PBF_15 Datasheet
252Kb / 9P
   Battery operated DC motor inverter MOSFET
IRFH5300PBF IRF-IRFH5300PBF_15 Datasheet
266Kb / 9P
   Battery Operated DC Motor Inverter MOSFET
IRL6342PBF IRF-IRL6342PBF_15 Datasheet
273Kb / 8P
   BATTERY OPERATED DC MOTOR INVERTER MOSFET
logo
Infineon Technologies A...
IRFHM830PBF INFINEON-IRFHM830PBF_V01 Datasheet
865Kb / 10P
   Battery Operated DC Motor Inverter MOSFET
2021-03-17
logo
International Rectifier
IRLHM630PBF IRF-IRLHM630PBF_15 Datasheet
241Kb / 9P
   Battery Operated DC Motor Inverter MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com