Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCR5LM-12RBB00 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # BCR5LM-12RBB00
Description  600V - 5A - Triac Medium Power Use
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BCR5LM-12RBB00 Datasheet(HTML) 1 Page - Renesas Technology Corp

  BCR5LM-12RBB00 Datasheet HTML 1Page - Renesas Technology Corp BCR5LM-12RBB00 Datasheet HTML 2Page - Renesas Technology Corp BCR5LM-12RBB00 Datasheet HTML 3Page - Renesas Technology Corp BCR5LM-12RBB00 Datasheet HTML 4Page - Renesas Technology Corp BCR5LM-12RBB00 Datasheet HTML 5Page - Renesas Technology Corp BCR5LM-12RBB00 Datasheet HTML 6Page - Renesas Technology Corp BCR5LM-12RBB00 Datasheet HTML 7Page - Renesas Technology Corp BCR5LM-12RBB00 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
R07DS0969EJ0100 Rev.1.00
Page 1 of 7
Dec 20, 2012
Preliminary Datasheet
BCR5LM-12RB
600V - 5A - Triac
Medium Power Use
Features
 I
T (RMS) : 5 A
 V
DRM : 600 V
 I
FGTI, IRGTI, IRGT
: 15 mA
 Viso: 1800 V
 Insulated Type
 Tj: 150 °C
 Planar Passivation Type
 UL Recognized: File No. E223904
Outline
RENESAS Package code: PRSS0003AF-A)
(Package name: TO-220FL)
1
2
3
2
1
3
1. T1 Terminal
2. T2 Terminal
3. Gate Terminal
Applications
Electric rice cooker, electric pot, and other heater control
Maximum Ratings
Voltage class
Parameter
Symbol
12
Unit
Repetitive peak off-state voltage
Note1
VDRM
600
V
Non-repetitive peak off-state voltage
Note1
VDSM
720
V
Parameter
Symbol
Ratings
Unit
Conditions
RMS on-state current
IT (RMS)
5
A
Commercial frequency, sine full wave
360
 conduction, Tc = 122C
Surge on-state current
ITSM
50
A
60 Hz sine wave 1 full cycle,
peak value, non-repetitive
I
2t for fusion
I
2t
10.4
A
2s
Value corresponding to 1 cycle of half
wave 60 Hz, surge on-state current
Peak gate power dissipation
PGM
3
W
Average gate power dissipation
PG (AV)
0.3
W
Peak gate voltage
VGM
10
V
Peak gate current
IGM
2
A
Junction Temperature
Tj
–40 to +150
C
Storage temperature
Tstg
–40 to +150
C
Mass
1.5
g
Typical value
Isolation voltage
Note4
Viso
1800
V
Ta = 25
C, AC 1 minute
T1 T2 G terminal to case
R07DS0969EJ0100
Rev.1.00
Dec 20, 2012


Similar Part No. - BCR5LM-12RBB00

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BCR5LM-12RB ISC-BCR5LM-12RB Datasheet
219Kb / 1P
   isc Thyristors
logo
Renesas Technology Corp
BCR5LM-12RB RENESAS-BCR5LM-12RB_15 Datasheet
101Kb / 8P
   600V - 5A - Triac
More results

Similar Description - BCR5LM-12RBB00

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR5FM-12LB RENESAS-BCR5FM-12LB_15 Datasheet
63Kb / 4P
   600V - 5A - Triac Medium Power Use
BCR5FM-12RB RENESAS-BCR5FM-12RB_15 Datasheet
59Kb / 4P
   600V - 5A - Triac Medium Power Use
BCR5CM-12RA RENESAS-BCR5CM-12RA Datasheet
473Kb / 8P
   600V - 5A - Triac Medium Power Use
Feb. 1, 2019
BCR5FM-12LB RENESAS-BCR5FM-12LB Datasheet
63Kb / 4P
   600V - 5A - Triac Medium Power Use
BCR5CM-12LB RENESAS-BCR5CM-12LB Datasheet
132Kb / 8P
   600V - 5A - Triac Medium Power Use
BCR5FM-12RB RENESAS-BCR5FM-12RB Datasheet
59Kb / 4P
   600V - 5A - Triac Medium Power Use
BCR5CM-12RA RENESAS-BCR5CM-12RA_15 Datasheet
103Kb / 7P
   600V - 5A - Triac Medium Power Use
BCR5CM-12LB RENESAS-BCR5CM-12LB_15 Datasheet
132Kb / 8P
   600V - 5A - Triac Medium Power Use
BCR5PM-14LJ RENESAS-BCR5PM-14LJ Datasheet
117Kb / 8P
   700V - 5A - Triac Medium Power Use
BCR5LM-14LJ RENESAS-BCR5LM-14LJ_15 Datasheet
110Kb / 8P
   700V - 5A - Triac Medium Power Use
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com