Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCR5LM-12RB-A8B00 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # BCR5LM-12RB-A8B00
Description  600V - 5A - Triac Medium Power Use
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BCR5LM-12RB-A8B00 Datasheet(HTML) 3 Page - Renesas Technology Corp

  BCR5LM-12RB-A8B00 Datasheet HTML 1Page - Renesas Technology Corp BCR5LM-12RB-A8B00 Datasheet HTML 2Page - Renesas Technology Corp BCR5LM-12RB-A8B00 Datasheet HTML 3Page - Renesas Technology Corp BCR5LM-12RB-A8B00 Datasheet HTML 4Page - Renesas Technology Corp BCR5LM-12RB-A8B00 Datasheet HTML 5Page - Renesas Technology Corp BCR5LM-12RB-A8B00 Datasheet HTML 6Page - Renesas Technology Corp BCR5LM-12RB-A8B00 Datasheet HTML 7Page - Renesas Technology Corp BCR5LM-12RB-A8B00 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
BCR5LM-12RB
Preliminary
R07DS0969EJ0100 Rev.1.00
Page 3 of 7
Dec 20, 2012
Main Characteristics
102
103
101
–400
40
80
120
160
Typical Example
102
103
101
–400
40
80
120
160
Typical Example
101
10−1
100
101
102
103
104
10−1
100
101
102
102
103
104
100
101
102
0
Maximum On-State Characteristics
On-State Voltage (V)
Rated Surge On-State Current
Conduction Time (Cycles at 60Hz)
Gate Characteristics (I, II and III)
Gate Current (mA)
Gate Trigger Voltage vs.
Junction Temperature
Junction Temperature (°C)
Gate Trigger Current vs.
Junction Temperature
Junction Temperature (°C)
Maximum Transient Thermal Impedance
Characteristics (Junction to case)
Conduction Time (Cycles at 60Hz)
4
0123
102
101
100
10−1
Tj = 25°C
Tj = 150°C
80
40
60
20
100
IRGT III
IRGT I
IFGT I
6
5
4
2
1
0
VGM = 10V
PGM = 3W
IGM = 2A
PG(AV) = 0.3W
VGD = 0.1V
IGT = 15mA
VGT = 1.5V
3


Similar Part No. - BCR5LM-12RB-A8B00

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BCR5LM-12RB ISC-BCR5LM-12RB Datasheet
219Kb / 1P
   isc Thyristors
logo
Renesas Technology Corp
BCR5LM-12RB RENESAS-BCR5LM-12RB_15 Datasheet
101Kb / 8P
   600V - 5A - Triac
More results

Similar Description - BCR5LM-12RB-A8B00

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR5FM-12LB RENESAS-BCR5FM-12LB_15 Datasheet
63Kb / 4P
   600V - 5A - Triac Medium Power Use
BCR5FM-12RB RENESAS-BCR5FM-12RB_15 Datasheet
59Kb / 4P
   600V - 5A - Triac Medium Power Use
BCR5CM-12RA RENESAS-BCR5CM-12RA Datasheet
473Kb / 8P
   600V - 5A - Triac Medium Power Use
Feb. 1, 2019
BCR5FM-12LB RENESAS-BCR5FM-12LB Datasheet
63Kb / 4P
   600V - 5A - Triac Medium Power Use
BCR5CM-12LB RENESAS-BCR5CM-12LB Datasheet
132Kb / 8P
   600V - 5A - Triac Medium Power Use
BCR5FM-12RB RENESAS-BCR5FM-12RB Datasheet
59Kb / 4P
   600V - 5A - Triac Medium Power Use
BCR5CM-12RA RENESAS-BCR5CM-12RA_15 Datasheet
103Kb / 7P
   600V - 5A - Triac Medium Power Use
BCR5CM-12LB RENESAS-BCR5CM-12LB_15 Datasheet
132Kb / 8P
   600V - 5A - Triac Medium Power Use
BCR5PM-14LJ RENESAS-BCR5PM-14LJ Datasheet
117Kb / 8P
   700V - 5A - Triac Medium Power Use
BCR5LM-14LJ RENESAS-BCR5LM-14LJ_15 Datasheet
110Kb / 8P
   700V - 5A - Triac Medium Power Use
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com