Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVXC3245QSC Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # 74LVXC3245QSC
Description  74LVXC3245 8-Bit Dual Supply Configurable Voltage Interface Transceiver with 3-STATE Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVXC3245QSC Datasheet(HTML) 4 Page - Fairchild Semiconductor

  74LVXC3245QSC Datasheet HTML 1Page - Fairchild Semiconductor 74LVXC3245QSC Datasheet HTML 2Page - Fairchild Semiconductor 74LVXC3245QSC Datasheet HTML 3Page - Fairchild Semiconductor 74LVXC3245QSC Datasheet HTML 4Page - Fairchild Semiconductor 74LVXC3245QSC Datasheet HTML 5Page - Fairchild Semiconductor 74LVXC3245QSC Datasheet HTML 6Page - Fairchild Semiconductor 74LVXC3245QSC Datasheet HTML 7Page - Fairchild Semiconductor 74LVXC3245QSC Datasheet HTML 8Page - Fairchild Semiconductor 74LVXC3245QSC Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.fairchildsemi.com
4
DC Electrical Characteristics (Continued)
Note 3: Worst case package.
Note 4: Max number of outputs defined as (n). Data inputs are driven 0V to VCC level; one output at GND.
Note 5: Max number of Data Inputs (n) switching. (n–1) inputs switching 0V to VCC level. Input-under-test switching:
VCC level to threshold (VIHD), 0V to threshold (VILD), f = 1 MHz.
Symbol
Parameter
VCCA
VCCB
TA = 25°CTA = −40°C to +85°C
Units
Conditions
(V)
(V)
Typ
Guaranteed Limits
IOZA
Maximum 3-STATE
3.6
3.6
±0.5
±5.0
µA
VI = VIL, VIH,
Output Leakage
3.6
5.5
±0.5
±5.0
OE
= V
CCA
@ An
VO = VCCA, GND
IOZB
Maximum 3-STATE
3.6
3.6
±0.5
±5.0
µA
VI = VIL, VIH,
Output Leakage
3.6
5.5
±0.5
±5.0
OE
= V
CCA
@ Bn
VO = VCCB, GND
∆I
CC
Maximum
Bn
3.6
5.5
1.0
1.35
1.5
mA
VI = VCCB–2.1V
ICC/Input
All Inputs
3.6
3.6
0.35
0.5
VI = VCC–0.6V
ICCA1
Quiescent VCCA
An = VCCA or GND
Supply Current
3.6
Open
5
50
µAB
n = Open, OE = VCCA,
as B Port Floats
T/R
= V
CCA, VCCB =
Open
ICCA2
Quiescent VCCA
3.6
3.6
5
50
µA
An = VCCA or GND,
Supply Current
3.6
5.5
5
50
Bn = VCCB or GND,
OE
= GND, T/R = GND
ICCB
Quiescent VCCB
3.6
3.6
5
50
µA
An = VCCA or GND,
Supply Current
3.6
5.5
8
80
Bn = VCCB or GND,
OE
= GND, T/R = V
CCA
VOLPA
Quiet Output
3.3
3.3
0.8
V
(Note 3)(Note 4)
Maximum Dynamic
3.3
5.0
0.8
VOLPB
VOL
3.3
3.3
0.8
V
(Note 3)(Note 4)
3.3
5.0
1.5
VOLVA
Quiet Output
3.3
3.3
−0.8
V
(Note 3)(Note 4)
Minimum Dynamic
3.3
5.0
−0.8
VOLVB
VOL
3.3
3.3
−0.8
V
(Note 3)(Note 4)
3.3
5.0
−1.2
VIHDA
Minimum HIGH
3.3
3.3
2.0
V
(Note 3)(Note 5)
Level Dynamic
3.3
5.0
2.0
VIHDB
Input Voltage
3.3
3.3
2.0
V
(Note 3)(Note 5)
3.3
5.0
3.5
VILDA
Maximum LOW
3.3
3.3
0.8
V
(Note 3)(Note 5)
Level Dynamic
3.3
5.0
0.8
VILDB
Input Voltage
3.3
3.3
0.8
V
(Note 3)(Note 5)
3.3
5.0
1.5


Similar Part No. - 74LVXC3245QSC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVXC3245QSC FAIRCHILD-74LVXC3245QSC Datasheet
70Kb / 8P
   8-Bit Dual Supply Configurable Voltage Interface Transceiver with 3-STATE Outputs
74LVXC3245QSC FAIRCHILD-74LVXC3245QSC Datasheet
81Kb / 8P
   8-Bit Dual Supply Configurable Voltage Interface Transceiver with 3-STATE Outputs
logo
ON Semiconductor
74LVXC3245QSC ONSEMI-74LVXC3245QSC Datasheet
511Kb / 11P
   8-Bit Dual Supply Configurable Voltage Interface Transceiver
February 2009
logo
Fairchild Semiconductor
74LVXC3245QSC FAIRCHILD-74LVXC3245QSC_09 Datasheet
253Kb / 9P
   8-Bit Dual Supply Configurable Voltage Interface Transceiver with 3-STATE Outputs
More results

Similar Description - 74LVXC3245QSC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVXC3245 FAIRCHILD-74LVXC3245 Datasheet
70Kb / 8P
   8-Bit Dual Supply Configurable Voltage Interface Transceiver with 3-STATE Outputs
74LVXC4245 FAIRCHILD-74LVXC4245 Datasheet
82Kb / 8P
   8-Bit Dual Supply Configurable Voltage Interface Transceiver with 3-STATE Outputs
74LVXC3245 FAIRCHILD-74LVXC3245 Datasheet
81Kb / 8P
   8-Bit Dual Supply Configurable Voltage Interface Transceiver with 3-STATE Outputs
74LVXC3245 FAIRCHILD-74LVXC3245_09 Datasheet
253Kb / 9P
   8-Bit Dual Supply Configurable Voltage Interface Transceiver with 3-STATE Outputs
logo
National Semiconductor ...
54LVXC4245 NSC-54LVXC4245 Datasheet
115Kb / 9P
   8-Bit Dual Supply Configurable Voltage Interface Transceiver with TRI-STATE Outputs
logo
Texas Instruments
SN74LVC8T245_101 TI-SN74LVC8T245_101 Datasheet
905Kb / 23P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC16245DGGR TI-SN74LVC16245DGGR Datasheet
1Mb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC138PW TI-SN74LVC138PW Datasheet
1Mb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC8T245 TI1-SN74AVC8T245_17 Datasheet
1Mb / 31P
[Old version datasheet]   8-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and 3-State Outputs
SN74LVCH8T245 TI-SN74LVCH8T245_10 Datasheet
941Kb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com