Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCR8LM-12LA Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # BCR8LM-12LA
Description  600V - 8A - Triac
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BCR8LM-12LA Datasheet(HTML) 1 Page - Renesas Technology Corp

  BCR8LM-12LA Datasheet HTML 1Page - Renesas Technology Corp BCR8LM-12LA Datasheet HTML 2Page - Renesas Technology Corp BCR8LM-12LA Datasheet HTML 3Page - Renesas Technology Corp BCR8LM-12LA Datasheet HTML 4Page - Renesas Technology Corp BCR8LM-12LA Datasheet HTML 5Page - Renesas Technology Corp BCR8LM-12LA Datasheet HTML 6Page - Renesas Technology Corp BCR8LM-12LA Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
R07DS0683EJ0100 Rev.1.00
Page 1 of 6
Feb 25, 2013
Preliminary Datasheet
BCR8LM-12LA
600V - 8A - Triac
Medium Power Use
Features
 I
T (RMS) : 8 A
 V
DRM : 600 V
 I
FGTI, IRGTI, IRGT III : 10 mA
 V
iso : 1800V
 Insulated Type
 Planar Type
 UL Recognized : File No. E223904
Outline
RENESAS Package code: PRSS0003AF-A)
(Package name: TO-220FL)
1
2
3
2
1
3
1. T1 Terminal
2. T2 Terminal
3. Gate Terminal
Applications
Switching mode power supply, washing machine, motor control, heater control, and other general purpose AC power
control applications
Maximum Ratings
Voltage class
Parameter
Symbol
12
Unit
Repetitive peak off-state voltage
Note1
VDRM
600
V
Non-repetitive peak off-state voltage
Note1
VDSM
720
V
Parameter
Symbol
Ratings
Unit
Conditions
RMS on-state current
IT (RMS)
8
A
Commercial frequency, sine full wave
360
conduction, Tc = 82C
Surge on-state current
ITSM
80
A
60 Hz sine wave 1 full cycle, peak value,
non-repetitive
I
2t for fusion
I
2t
26
A
2s
Value corresponding to 1 cycle of half
wave 60 Hz, surge on-state current
Peak gate power dissipation
PGM
5
W
Average gate power dissipation
PG (AV)
0.5
W
Peak gate voltage
VGM
10
V
Peak gate current
IGM
2
A
Junction Temperature
Tj
–40 to +125
C
Storage temperature
Tstg
–40 to +125
C
Mass
1.5
g
Typical value
Isolation voltage
Note4
Viso
1800
V
Ta = 25
C, AC 1 minute,
T1
 T2  G terminal to case
R07DS0683EJ0100
Rev.1.00
Feb 25, 2013


Similar Part No. - BCR8LM-12LA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR8LM-12LA RENESAS-BCR8LM-12LA_15 Datasheet
138Kb / 7P
   600V - 8A - Triac Medium Power Use
More results

Similar Description - BCR8LM-12LA

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HST08 HSMC-HST08 Datasheet
130Kb / 4P
   TRIAC 600V,8A
logo
SemiHow Co.,Ltd.
HTX8-600 SEMIHOW-HTX8-600 Datasheet
267Kb / 6P
   600V 8A TRIAC
logo
Renesas Technology Corp
BCR8FM-12LB RENESAS-BCR8FM-12LB_15 Datasheet
138Kb / 8P
   600V - 8A - Triac Medium Power Use
BCR8CM-12LB RENESAS-BCR8CM-12LB_15 Datasheet
151Kb / 9P
   600V - 8A - Triac Medium Power Use
BCR8PM-12LE RENESAS-BCR8PM-12LE_15 Datasheet
194Kb / 8P
   600V ??8A - Triac Medium Power Use
BCR8LM-12LA RENESAS-BCR8LM-12LA_15 Datasheet
138Kb / 7P
   600V - 8A - Triac Medium Power Use
BCR8FM-12LC RENESAS-BCR8FM-12LC Datasheet
514Kb / 9P
   600V - 8A - Triac Medium Power Use
Feb. 19, 2019
logo
Unisonic Technologies
UCR8PM UTC-UCR8PM Datasheet
180Kb / 3P
   8A TRIAC
logo
Renesas Technology Corp
BCR8FM-12LB RENESAS-BCR8FM-12LB Datasheet
518Kb / 9P
   BCR8FM-12LB 600V - 8A - Triac Medium Power Use
Feb. 19, 2019
BCR8FM-14LB RENESAS-BCR8FM-14LB_17 Datasheet
823Kb / 9P
   700V - 8A - Triac
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com