Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML4824CS2 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # ML4824CS2
Description  Power Factor Correction and PWM Controller Combo
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ML4824CS2 Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button ML4824CS2 Datasheet HTML 2Page - Fairchild Semiconductor ML4824CS2 Datasheet HTML 3Page - Fairchild Semiconductor ML4824CS2 Datasheet HTML 4Page - Fairchild Semiconductor ML4824CS2 Datasheet HTML 5Page - Fairchild Semiconductor ML4824CS2 Datasheet HTML 6Page - Fairchild Semiconductor ML4824CS2 Datasheet HTML 7Page - Fairchild Semiconductor ML4824CS2 Datasheet HTML 8Page - Fairchild Semiconductor ML4824CS2 Datasheet HTML 9Page - Fairchild Semiconductor ML4824CS2 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ML4824
6
REV. 1.01 12/7/2000
TYPICAL PERFORMANCE CHARACTERISTICS
250
200
150
100
50
0
VFB (V)
05
3
14
2
250
200
150
100
50
0
IEA INPUT VOLTAGE (mV)
–500
500
0
400
300
200
100
0
VRMS (mV)
05
3
14
2
Voltage Error Amplifier (VEA) Transconductance (gm)
Current Error Amplifier (IEA) Transconductance (gm)
Gain Modulator Transfer Characteristic (K)
15
VEAO
IEAO
VFB
IAC
VRMS
ISENSE
RAMP 1
OSCILLATOR
OVP
PFC ILIMIT
2.5V
+
+
16
2
4
3
VEA
7
+
IEA
1
+
+
PFC OUT
12
S
R
Q
Q
S
R
Q
Q
2.7V
–1V
3.5k
3.5k
GAIN
MODULATOR
Figure 1. PFC Section Block Diagram.


Similar Part No. - ML4824CS2

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ML4824CS2 FAIRCHILD-ML4824CS2 Datasheet
105Kb / 15P
   Power Factor Correction and PWM Controller Combo
ML4824CS2X FAIRCHILD-ML4824CS2X Datasheet
109Kb / 15P
   Power Factor Correction and PWM Controller Combo
More results

Similar Description - ML4824CS2

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ML4824 FAIRCHILD-ML4824_03 Datasheet
105Kb / 15P
   Power Factor Correction and PWM Controller Combo
logo
Micro Linear Corporatio...
ML4824 MICRO-LINEAR-ML4824 Datasheet
262Kb / 16P
   Power Factor Correction and PWM Controller Combo
logo
Fairchild Semiconductor
ML4800 FAIRCHILD-ML4800 Datasheet
154Kb / 14P
   Power Factor Correction and PWM Controller Combo
ML4800_0109 FAIRCHILD-ML4800_0109 Datasheet
119Kb / 14P
   Power Factor Correction and PWM Controller Combo
logo
Micro Linear Corporatio...
ML4804 MICRO-LINEAR-ML4804 Datasheet
246Kb / 14P
   Power Factor Correction and PWM Controller Combo
logo
Fairchild Semiconductor
ML4804 FAIRCHILD-ML4804 Datasheet
145Kb / 14P
   Power Factor Correction and PWM Controller Combo
ML4824CS2X FAIRCHILD-ML4824CS2X Datasheet
109Kb / 15P
   Power Factor Correction and PWM Controller Combo
logo
Micro Linear Corporatio...
ML4819 MICRO-LINEAR-ML4819 Datasheet
290Kb / 15P
   Power Factor and PWM Controller Combo
logo
Linear Technology
LT1509 LINER-LT1509_15 Datasheet
301Kb / 16P
   Power Factor and PWM Controller
LT1508 LINER-LT1508_15 Datasheet
311Kb / 16P
   Power Factor and PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com