Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPM-7392-TR1 Datasheet(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPM-7392-TR1
Description  UTMS1700/2100(1710-1755MHz) and UMTS1700(1750-1785MHz)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPM-7392-TR1 Datasheet(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACPM-7392-TR1 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPM-7392-TR1 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPM-7392-TR1 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPM-7392-TR1 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACPM-7392-TR1 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ACPM-7392-TR1 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ACPM-7392-TR1 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED ACPM-7392-TR1 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED ACPM-7392-TR1 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
10
PCB Design Guidelines
The recommended PCB land pattern is shown in fig-
ures on the left side. The substrate is coated with solder
mask between the I/O and conductive paddle to protect
the gold pads from short circuit that is caused by solder
bleeding/bridging.
Stencil Design Guidelines
A properly designed solder screen or stencil is required
to ensure optimum amount of solder paste is deposited
onto the PCB pads.
The recommended stencil layout is shown here. Reducing
the stencil opening can potentially generate more voids.
On the other hand, stencil openings larger than 100% will
lead to excessive solder paste smear or bridging across
the I/O pads or conductive paddle to adjacent I/O pads.
Considering the fact that solder paste thickness will di-
rectly affect the quality of the solder joint, a good choice
is to use laser cut stencil composed of 0.100mm(4mils) or
0.127mm(5mils) thick stainless steel which is capable of
producing the required fine stencil outline.
Solder Paste Stencil Aperture
Solder Mask Opening
Metallization
Ø 0.3mm
on 0.6mm pitch
0.25
0.85
0.4
0.6
0.5
0.1
0.7
0.5
0.55
0.85
2.4
1.8
0.6
0.5
1.6
2.0
0.85
0.4


Similar Part No. - ACPM-7392-TR1

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPM-7392-TR1 BOARDCOM-ACPM-7392-TR1 Datasheet
769Kb / 18P
   UTMS1700/2100(1710-1755MHz) and UMTS1700(1750-1785MHz)
More results

Similar Description - ACPM-7392-TR1

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPM-7392 BOARDCOM-ACPM-7392 Datasheet
769Kb / 18P
   UTMS1700/2100(1710-1755MHz) and UMTS1700(1750-1785MHz)
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-5204 AVAGO-ACPM-5204 Datasheet
320Kb / 13P
   UMTS Band4 (1710-1755MHz) 3x3mm Power Amplifi er Module
logo
Broadcom Corporation.
ACPM-5004-TR1 BOARDCOM-ACPM-5004-TR1 Datasheet
352Kb / 13P
   Multimode PA - UMTS 1700MHz PA (1710-1785MHz) 3x3mm Power Amplifier Module with Coupler
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-5004-TR1 AVAGO-ACPM-5004-TR1 Datasheet
352Kb / 13P
   Multimode PA - UMTS 1700MHz PA (1710-1785MHz) 3x3mm Power Amplifier Module with Coupler
logo
Vishay Siliconix
2150 VISHAY-2150 Datasheet
125Kb / 1P
   2100 System Rack Adapters and Cabinets
Revision 20-Nov-03
logo
List of Unclassifed Man...
C1700HOAAC ETC2-C1700HOAAC Datasheet
147Kb / 2P
   1700 & 1750 Toggle Switches 16A 250Vac Single and Double Pole
logo
Amphenol Corporation
00175110300 AMPHENOL-00175110300 Datasheet
689Kb / 2P
   Terminal Junctions Modules with Fast and Sealed Terminations Type 1750-1765
logo
Dynex Semiconductor
MA31750 DYNEX-MA31750 Datasheet
436Kb / 42P
   High Performance MIL-STD-1750 Microprocessor
logo
Assmann Electronics Inc...
V6534A-T ASSMANN-V6534A-T Datasheet
40Kb / 1P
   ASS 2100 HS
logo
Fluke Corporation
1750 FLUKE-1750 Datasheet
2Mb / 8P
   Fluke 1750 Three-Phase Power Recorder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com