Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPM-7392-BLK Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPM-7392-BLK
Description  UTMS1700/2100(1710-1755MHz) and UMTS1700(1750-1785MHz)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPM-7392-BLK Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACPM-7392-BLK Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPM-7392-BLK Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPM-7392-BLK Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPM-7392-BLK Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPM-7392-BLK Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPM-7392-BLK Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPM-7392-BLK Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACPM-7392-BLK Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ACPM-7392-BLK Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
7
Package Dimensions
Marking Specification
All dimensions are in millimeter
Footprint
PIN Description
Pin #
Name
Description
1
Vcc1
DC Supply Voltage
2
RFin
RF Input
3
Vbp
Bypass Control
4
Vmode
Mode Control
5
Ven
PA Enable
6
GND
Ground
7
GND
Ground
8
RFout
RF Output
9
GND
Ground
10
Vcc2
DC Supply Voltage
All dimensions are in millimeter
5
2
3
4
10
6
9
8
7
4 ± 0.1
Pin 1 Mark
0.60
1
4 ± 0.1
0.9 ± 0.1
Pin 1 Mark
AVAGO
ACPM-7392
PYYWW
AAAAAA
Manufacturing Part Number
Lot Number
P
Manufacturing info
YY
Manufacturing Year
WW
Work Week
AAAAAA
Assembly Lot Number
1.90 1.70
0.85
1.20
1.90
0.40
0.40
0.10
X-Ray Top View


Similar Part No. - ACPM-7392-BLK

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPM-7392-BLK BOARDCOM-ACPM-7392-BLK Datasheet
769Kb / 18P
   UTMS1700/2100(1710-1755MHz) and UMTS1700(1750-1785MHz)
More results

Similar Description - ACPM-7392-BLK

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPM-7392 BOARDCOM-ACPM-7392 Datasheet
769Kb / 18P
   UTMS1700/2100(1710-1755MHz) and UMTS1700(1750-1785MHz)
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-5204 AVAGO-ACPM-5204 Datasheet
320Kb / 13P
   UMTS Band4 (1710-1755MHz) 3x3mm Power Amplifi er Module
logo
Broadcom Corporation.
ACPM-5004-TR1 BOARDCOM-ACPM-5004-TR1 Datasheet
352Kb / 13P
   Multimode PA - UMTS 1700MHz PA (1710-1785MHz) 3x3mm Power Amplifier Module with Coupler
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-5004-TR1 AVAGO-ACPM-5004-TR1 Datasheet
352Kb / 13P
   Multimode PA - UMTS 1700MHz PA (1710-1785MHz) 3x3mm Power Amplifier Module with Coupler
logo
Vishay Siliconix
2150 VISHAY-2150 Datasheet
125Kb / 1P
   2100 System Rack Adapters and Cabinets
Revision 20-Nov-03
logo
List of Unclassifed Man...
C1700HOAAC ETC2-C1700HOAAC Datasheet
147Kb / 2P
   1700 & 1750 Toggle Switches 16A 250Vac Single and Double Pole
logo
Amphenol Corporation
00175110300 AMPHENOL-00175110300 Datasheet
689Kb / 2P
   Terminal Junctions Modules with Fast and Sealed Terminations Type 1750-1765
logo
Dynex Semiconductor
MA31750 DYNEX-MA31750 Datasheet
436Kb / 42P
   High Performance MIL-STD-1750 Microprocessor
logo
Assmann Electronics Inc...
V6534A-T ASSMANN-V6534A-T Datasheet
40Kb / 1P
   ASS 2100 HS
logo
Fluke Corporation
1750 FLUKE-1750 Datasheet
2Mb / 8P
   Fluke 1750 Three-Phase Power Recorder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com