Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML4824IP1 Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # ML4824IP1
Description  Power Factor Correction and PWM Controller Combo
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ML4824IP1 Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button ML4824IP1 Datasheet HTML 4Page - Fairchild Semiconductor ML4824IP1 Datasheet HTML 5Page - Fairchild Semiconductor ML4824IP1 Datasheet HTML 6Page - Fairchild Semiconductor ML4824IP1 Datasheet HTML 7Page - Fairchild Semiconductor ML4824IP1 Datasheet HTML 8Page - Fairchild Semiconductor ML4824IP1 Datasheet HTML 9Page - Fairchild Semiconductor ML4824IP1 Datasheet HTML 10Page - Fairchild Semiconductor ML4824IP1 Datasheet HTML 11Page - Fairchild Semiconductor ML4824IP1 Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ML4824
8
REV. 1.01 12/7/2000
3) The output of the voltage error amplifier, VEAO. The
gain modulator responds linearly to variations in this
voltage.
The output of the gain modulator is a current signal, in the
form of a full wave rectified sinusoid at twice the line
frequency. This current is applied to the virtual-ground
(negative) input of the current error amplifier. In this way
the gain modulator forms the reference for the current
error loop, and ultimately controls the instantaneous
current draw of the PFC from the power line. The general
form for the output of the gain modulator is:
I
IVEAO
V
V
GAINMOD
AC
RMS
=
×
×
2
1
(1)
More exactly, the output current of the gain modulator is
given by:
I
K
VEAO
V
I
GAINMOD
AC
×
(.
)
15
where K is in units of V-1.
Note that the output current of the gain modulator is
limited to
≅ 200µA.
Current Error Amplifier
The current error amplifier’s output controls the PFC duty
cycle to keep the average current through the boost
inductor a linear function of the line voltage. At the
inverting input to the current error amplifier, the output
current of the gain modulator is summed with a current
which results from a negative voltage being impressed
upon the ISENSE pin (current into ISENSE ≅ VSENSE/3.5kΩ).
The negative voltage on ISENSE represents the sum of all
currents flowing in the PFC circuit, and is typically derived
from a current sense resistor in series with the negative
terminal of the input bridge rectifier. In higher power
applications, two current transformers are sometimes used,
one to monitor the ID of the boost MOSFET(s) and one to
monitor the IF of the boost diode. As stated above, the
inverting input of the current error amplifier is a virtual
ground. Given this fact, and the arrangement of the duty
cycle modulator polarities internal to the PFC, an increase
in positive current from the gain modulator will cause the
output stage to increase its duty cycle until the voltage on
ISENSE is adequately negative to cancel this increased
current. Similarly, if the gain modulator’s output decreases,
the output duty cycle will decrease, to achieve a less
negative voltage on the ISENSE pin.
Cycle-By-Cycle Current Limiter
The ISENSE pin, as well as being a part of the current
feedback loop, is a direct input to the cycle-by-cycle
current limiter for the PFC section. Should the input
voltage at this pin ever be more negative than -1V, the
output of the PFC will be disabled until the protection flip-
flop is reset by the clock pulse at the start of the next PFC
power cycle.
FUNCTIONAL DESCRIPTION (Continued)
Figure 2. Compensation Network Connections for the
Voltage and Current Error Amplifiers
15
VEAO
IEAO
VFB
IAC
VRMS
ISENSE
2.5V
+
16
2
4
3
VEA
+
IEA
+
VREF
1
PFC
OUTPUT
GAIN
MODULATOR
Overvoltage Protection
The OVP comparator serves to protect the power circuit
from being subjected to excessive voltages if the load
should suddenly change. A resistor divider from the high
voltage DC output of the PFC is fed to VFB. When the
voltage on VFB exceeds 2.7V, the PFC output driver is shut
down. The PWM section will continue to operate. The
OVP comparator has 125mV of hysteresis, and the PFC
will not restart until the voltage at VFB drops below 2.58V.
The VFB should be set at a level where the active and
passive external power components and the ML4824 are
within their safe operating voltages, but not so low as to
interfere with the boost voltage regulation loop.
Error Amplifier Compensation
The PWM loading of the PFC can be modeled as a
negative resistor; an increase in input voltage to the PWM
causes a decrease in the input current. This response
dictates the proper compensation of the two
transconductance error amplifiers. Figure 2 shows the
types of compensation networks most commonly used for
the voltage and current error amplifiers, along with their
respective return points. The current loop compensation is
returned to VREF to produce a soft-start characteristic on
the PFC: as the reference voltage comes up from zero
volts, it creates a differentiated voltage on IEAO which
prevents the PFC from immediately demanding a full duty
cycle on its boost converter.
There are two major concerns when compensating the
voltage loop error amplifier; stability and transient
response. Optimizing interaction between transient
response and stability requires that the error amplifier’s


Similar Part No. - ML4824IP1

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ML4824IP1 FAIRCHILD-ML4824IP1 Datasheet
105Kb / 15P
   Power Factor Correction and PWM Controller Combo
More results

Similar Description - ML4824IP1

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ML4824 FAIRCHILD-ML4824_03 Datasheet
105Kb / 15P
   Power Factor Correction and PWM Controller Combo
logo
Micro Linear Corporatio...
ML4824 MICRO-LINEAR-ML4824 Datasheet
262Kb / 16P
   Power Factor Correction and PWM Controller Combo
logo
Fairchild Semiconductor
ML4800 FAIRCHILD-ML4800 Datasheet
154Kb / 14P
   Power Factor Correction and PWM Controller Combo
ML4800_0109 FAIRCHILD-ML4800_0109 Datasheet
119Kb / 14P
   Power Factor Correction and PWM Controller Combo
logo
Micro Linear Corporatio...
ML4804 MICRO-LINEAR-ML4804 Datasheet
246Kb / 14P
   Power Factor Correction and PWM Controller Combo
logo
Fairchild Semiconductor
ML4804 FAIRCHILD-ML4804 Datasheet
145Kb / 14P
   Power Factor Correction and PWM Controller Combo
ML4824CS2X FAIRCHILD-ML4824CS2X Datasheet
109Kb / 15P
   Power Factor Correction and PWM Controller Combo
logo
Micro Linear Corporatio...
ML4819 MICRO-LINEAR-ML4819 Datasheet
290Kb / 15P
   Power Factor and PWM Controller Combo
logo
Linear Technology
LT1509 LINER-LT1509_15 Datasheet
301Kb / 16P
   Power Factor and PWM Controller
LT1508 LINER-LT1508_15 Datasheet
311Kb / 16P
   Power Factor and PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com