Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGL50N60RUFD Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # SGL50N60RUFD
Description  600 V, 50 A Short Circuit Rated IGBT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SGL50N60RUFD Datasheet(HTML) 6 Page - Fairchild Semiconductor

  SGL50N60RUFD Datasheet HTML 1Page - Fairchild Semiconductor SGL50N60RUFD Datasheet HTML 2Page - Fairchild Semiconductor SGL50N60RUFD Datasheet HTML 3Page - Fairchild Semiconductor SGL50N60RUFD Datasheet HTML 4Page - Fairchild Semiconductor SGL50N60RUFD Datasheet HTML 5Page - Fairchild Semiconductor SGL50N60RUFD Datasheet HTML 6Page - Fairchild Semiconductor SGL50N60RUFD Datasheet HTML 7Page - Fairchild Semiconductor SGL50N60RUFD Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
©1999 Fairchild Semiconductor Corporation
6
www.fairchildsemi.com
SGL50N60RUFD
Rev. C0
Fig 19. Reverse Recovery Current
Fig 18. Forward Characteristics
Fig 20. Stored Charge
Fig 21. Reverse Recovery Time
1
10
100
01
2
3
4
T
C =
25℃━━
T
C = 100
------
Forward Voltage Drop, V
FM [V]
100
1000
1
10
100
V
R = 200V
I
F = 30A
T
C =
25℃━━
T
C = 100
------
di/dt [A/us]
100
1000
0
200
400
600
800
1000
1200
1400
V
R = 200V
I
F = 30A
T
C =
25℃━━
T
C = 100
------
di/dt [A/us]
100
1000
20
40
60
80
100
120
140
160
180
200
V
R = 200V
I
F = 30A
T
C =
25℃━━
T
C = 100
------
di/dt [A/us]


Similar Part No. - SGL50N60RUFD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SGL50N60RUFD FAIRCHILD-SGL50N60RUFD Datasheet
623Kb / 8P
   Short Circuit Rated IGBT
More results

Similar Description - SGL50N60RUFD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGB19NC60KD STMICROELECTRONICS-STGB19NC60KD Datasheet
586Kb / 17P
   20 A - 600 V - short circuit rugged IGBT
STGB8NC60KD STMICROELECTRONICS-STGB8NC60KD Datasheet
562Kb / 18P
   600 V - 8 A - short circuit rugged IGBT
STGB30NC60K STMICROELECTRONICS-STGB30NC60K Datasheet
385Kb / 15P
   30 A - 600 V - short circuit rugged IGBT
STGB14NC60KD STMICROELECTRONICS-STGB14NC60KD_10 Datasheet
543Kb / 16P
   14 A, 600 V - short-circuit rugged IGBT
STGB19NC60K STMICROELECTRONICS-STGB19NC60K Datasheet
524Kb / 15P
   20 A - 600 V - short circuit rugged IGBT
STGW40NC60KD STMICROELECTRONICS-STGW40NC60KD Datasheet
846Kb / 13P
   600 V, 40 A short-circuit rugged IGBT
STGF14HF60KD STMICROELECTRONICS-STGF14HF60KD Datasheet
412Kb / 12P
   14 A - 600 V - short-circuit rugged IGBT
August 2009
STGP10HF60KD STMICROELECTRONICS-STGP10HF60KD Datasheet
477Kb / 13P
   10 A - 600 V - short-circuit rugged IGBT
February 2012
STGF10NC60KD STMICROELECTRONICS-STGF10NC60KD_V01 Datasheet
1Mb / 30P
   10 A, 600 V short-circuit rugged IGBT
Rev 7 June 2017
STGB10NC60KD STMICROELECTRONICS-STGB10NC60KD_09 Datasheet
613Kb / 20P
   10 A, 600 V short-circuit rugged IGBT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com