Selected language     English  ▼


7-1393215-5 Datasheet(PDF) 3 Page - Tyco Electronics

Part No. 7-1393215-5
Description  Power PCB Relay Card E
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

   
 3 page
background image
04-2011, Rev. 0411
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
3
SCHRACK
General Purpose Relays
PCB Relays
Power PCB Relay Card E (Continued)
Product code
Version
Contact arrangement Contact material
Coil
Part number
V23057-A0002-A101
Horizontal
1 form C (CO) contact
AgNi0.15
12VDC
1393215-4
V23057-A0002-A401
AgCdO
1393215-9
V23057-A0006-A101
AgNi0.15
24VDC
2-1393215-1
V23057-A0006-A201
AgNi 20
2-1393215-3
V23057-A0006-A401
AgCdO
2-1393215-5
V23057-B0001-A101
Vertical
AgNi0.15
6VDC
6-1393215-6
V23057-B0002-A101
12VDC
6-1393215-7
V23057-B0002-A201
AgNi 20
6-1393215-9
V23057-B0002-A401
AgCdO
7-1393215-1
V23057-B0006-A101
AgNi0.15
24VDC
7-1393215-5
V23057-B0006-A102
1 form A (NO) contact
7-1393215-9
V23057-B0006-A201
1 form C (CO) contact
AgNi 20
8-1393215-1
V23057-B0006-A401
AgCdO
8-1393215-5
V23057-B0006-A402
1 form A (NO) contact
8-1393215-6
V23057-B3006-A101
1 form C (CO) contact
AgNi0.15
2-1393216-6
V23057-B3023-A101
60VDC
2-1393216-8
This list represents the most common types and does not show all variants covered by this datasheet.
Other types on request
Product code structure
Typical product code
V23057
-A
0
006
-A
1
01
Type
V23057 Power PCB Relay Card E
Version
A Horizontal
B Vertical
Version
0
Standard
Coil
Coil code: please refer to coil versions table
Contact set
A Single contact
B Bifurcated contact (form C/CO version only)
Contact material
1
AgNi 0.15
4
AgCdO
2
AgNi 20
Contact configuration
01 1 form C contact (1 CO)
02 1 form A contact (1 NO)




Html Pages

1  2  3 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl