Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML6426-1 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # ML6426-1
Description  High Bandwidth Triple Video Filters with Buffered Outputs for RGB or YUV
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ML6426-1 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  ML6426-1 Datasheet HTML 1Page - Fairchild Semiconductor ML6426-1 Datasheet HTML 2Page - Fairchild Semiconductor ML6426-1 Datasheet HTML 3Page - Fairchild Semiconductor ML6426-1 Datasheet HTML 4Page - Fairchild Semiconductor ML6426-1 Datasheet HTML 5Page - Fairchild Semiconductor ML6426-1 Datasheet HTML 6Page - Fairchild Semiconductor ML6426-1 Datasheet HTML 7Page - Fairchild Semiconductor ML6426-1 Datasheet HTML 8Page - Fairchild Semiconductor ML6426-1 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
ML6426
DATA SHEET
2
REV. 3A August 2004
Pin Configuration
Pin Description
PIN
NAME
FUNCTION
1
A/B MUX
Logic input pin to select between Bank <A> and Bank <B> video inputs. This pin is
internally pulled high.
2RINA/YINA
Unfiltered analog R- or Y-channel input for Bank <A>. Sync must be provided at
SYNC IN pin.
3
GND
Analog ground
4VCC
Analog 5V supply
5RINB/YINB
Unfiltered analog R- or Y-channel input for Bank <B>. Sync must be provided at
SYNC IN pin.
6GINA/UINA
Unfiltered analog G- or U-channel input for Bank <A>. Sync must be provided at
SYNC IN pin.
7GINB/UINB
Unfiltered analog G- or U-channel input for Bank <B>. Sync must be provided at
SYNC IN pin.
8BINA/VINA
Unfiltered analog B- or V-channel input for Bank <A>. Sync must be provided at
SYNC IN pin.
9BINB/VINB
Unfiltered analog B- or V-channel input for Bank <B>. Sync must be provided at
SYNC IN pin.
10
BOUT
Analog B or V-channel output
11
GOUT
Analog G or U-channel output
12
VCCO
5V power supply for output buffers
13
ROUT
Analog R or Y-channel output
14
GNDO
Analog ground
15
DISABLE
Disable/Enable pin. Turns the chip off when logic high. Internally pulled low.
16
SYNC IN
Input for an external H-sync logic signal for filter channels. CMOS level input.
Active High.
ML6426
16-Pin Narrow SOIC (S16N)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
TOP VIEW
A/B MUX
RINA/YINA
GND
VCC
RINB/YINB
GINA/UINA
GINB/UINB
BINA/VINA
SYNC IN
DISABLE
GNDO
ROUT/YOUT
VCCO
GOUT/UOUT
BOUT/VOUT
BINB/VINB


Similar Part No. - ML6426-1

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML6426 MICRO-LINEAR-ML6426 Datasheet
287Kb / 17P
   High Bandwidth Triple Video Filters with Buffered Outputs for RGB or YUV
ML6426CS-1 MICRO-LINEAR-ML6426CS-1 Datasheet
287Kb / 17P
   High Bandwidth Triple Video Filters with Buffered Outputs for RGB or YUV
ML6426CS-15 MICRO-LINEAR-ML6426CS-15 Datasheet
287Kb / 17P
   High Bandwidth Triple Video Filters with Buffered Outputs for RGB or YUV
ML6426CS-2 MICRO-LINEAR-ML6426CS-2 Datasheet
287Kb / 17P
   High Bandwidth Triple Video Filters with Buffered Outputs for RGB or YUV
ML6426CS-3 MICRO-LINEAR-ML6426CS-3 Datasheet
287Kb / 17P
   High Bandwidth Triple Video Filters with Buffered Outputs for RGB or YUV
More results

Similar Description - ML6426-1

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML6426 MICRO-LINEAR-ML6426 Datasheet
287Kb / 17P
   High Bandwidth Triple Video Filters with Buffered Outputs for RGB or YUV
logo
Fairchild Semiconductor
FMS6418A FAIRCHILD-FMS6418A Datasheet
202Kb / 10P
   Triple Video Driver with Selectable HD/SD Video Filters for RGB or YUV Signals
logo
Unisonic Technologies
VF8418 UTC-VF8418 Datasheet
165Kb / 6P
   TRIPLE VIDEO DRIVER WITH SELECTABLE HD/SD VIDEO FILTERS FOR RGB OR YUV SIGNALS
logo
Fairchild Semiconductor
FMS6418B FAIRCHILD-FMS6418B Datasheet
313Kb / 11P
   Triple Video Driver with Selectable HD/SD Video Filters for RGB, YUV or YPbPr Signals
FMS6408 FAIRCHILD-FMS6408 Datasheet
250Kb / 9P
   Triple Video Filter Driver for RGB and YUV Signals
FMS6408 FAIRCHILD-FMS6408_07 Datasheet
394Kb / 11P
   Precision Triple Video Filter Driver for RGB and YUV Signals
logo
Texas Instruments
TLV5734 TI-TLV5734 Datasheet
300Kb / 17P
[Old version datasheet]   TRIPLE 8 BIT 30 MSPS ADC WITH HIGH -PRECISION CLAMP FOR YUV/RGB VIDEO
TLV5734 TI1-TLV5734_10 Datasheet
294Kb / 20P
[Old version datasheet]   TRIPLE 8 BIT 30 MSPS ADC WITH HIGH -PRECISION CLAMP FOR YUV/RGB VIDEO
logo
Fairchild Semiconductor
FMS6419 FAIRCHILD-FMS6419 Datasheet
160Kb / 10P
   Selectable RGB (YUV) HD/SD Video Filter Driver with Y, C, Composite Outputs
FMS6419 FAIRCHILD-FMS6419_05 Datasheet
125Kb / 10P
   Selectable RGB (YUV) HD/SD Video Filter Driver with Y, C, Composite Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com