Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM74C150 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # MM74C150
Description  16-Line to 1-Line Multiplexer 3-STATE . 16-Line to 1-Line Multiplexer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MM74C150 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  MM74C150 Datasheet HTML 1Page - Fairchild Semiconductor MM74C150 Datasheet HTML 2Page - Fairchild Semiconductor MM74C150 Datasheet HTML 3Page - Fairchild Semiconductor MM74C150 Datasheet HTML 4Page - Fairchild Semiconductor MM74C150 Datasheet HTML 5Page - Fairchild Semiconductor MM74C150 Datasheet HTML 6Page - Fairchild Semiconductor MM74C150 Datasheet HTML 7Page - Fairchild Semiconductor MM74C150 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
www.fairchildsemi.com
Absolute Maximum Ratings(Note 2)
Note 2: “Absolute Maximum Ratings” are those values beyond which the
safety of the device cannot be guaranteed. Except for “Operating Tempera-
ture Range” they are not meant to imply that the devices should be oper-
ated at these limits. The Electrical Characteristic table provides conditions
for actual device operation.
DC Electrical Characteristics
Min/Max limits apply across temperature range unless otherwise noted.
Voltage at Any Pin
−0.3V to V
CC+0.3V
Operating Temperature Range
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Power Dissipation
Dual-In-Line
700 mW
Small Outline
500 mW
Operating VCC Range
3.0V to 15V
VCC
18V
Lead Temperature
(soldering, 10 seconds)
260
°C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
CMOS to CMOS
VIN(1)
Logical “1” Input Voltage
VCC = 5.0V
3.5
V
VCC = 10V
8.0
V
VIN(0)
Logical “0” Input Voltage
VCC = 5.0V
1.5
V
VCC = 10V
2.0
V
VOUT(1)
Logical “1” Output Voltage
VCC = 5.0V, IO = −10 µA4.5
V
VCC = 10V, IO = −10 µA9.0
V
VOUT(0)
Logical “0” Output Voltage
VCC = 5.0V, IO = +10 µA0.5
V
VCC = 10V, IO = +10 µA1.0
V
IIN(1)
Logical “1” Input Current
VCC = 15V, VIN = 15V
0.005
1.0
V
IIN(0)
Logical “0” Input Current
VCC = 15V, VIN = 0V
−1.0
−0.005
µA
IOZ
Output Current in High
Impedance State
MM82C19
VCC = 15V, VO = 15V
0.005
1.0
µA
VCC = 15V, VO = 0V
−1.0
−0.005
µA
ICC
Supply Current
VCC = 15V
0.05
300
µA
CMOS/LPTTL Interface
VIN(1)
Logical “1” Input Voltage
74C, 82C, VCC = 4.75V
VCC−1.5
V
VIN(0)
Logical “0” Input Voltage
74C, 82C, VCC = 4.75V
0.8
V
VOUT(1)
Logical “1” Output Voltage
74C, 82C, VCC = 4.75V, IO = −1.6 mA
2.4
V
VOUT(0)
Logical “0” Output Voltage
74C, 82C, VCC = 4.75V, IO = 1.6 mA
0.4
V
Output Drive (Short Circuit Current)
ISOURCE
Output Source Current
VCC = 5.0V, VOUT = 0V, TA = 25°C
−4.35
−8mA
(P-Channel)
ISOURCE
Output Source Current
VCC = 10V, VOUT = 0V, TA = 25°C
−20
−40
mA
(P-Channel)
ISINK
Output Sink Current
VCC = 5.0V, VOUT = VCC, TA = 25°C4.35
8
mA
(N-Channel)
ISINK
Output Sink Current
VCC = 10V, VOUT = VCC, TA = 25°C20
40
mA
(N-Channel)


Similar Part No. - MM74C150

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM74C150 NSC-MM74C150 Datasheet
126Kb / 8P
   16-Line to 1-Line Multiplexer, TRI-STATE16-Line to 1-Line
MM74C150J NSC-MM74C150J Datasheet
126Kb / 8P
   16-Line to 1-Line Multiplexer, TRI-STATE16-Line to 1-Line
More results

Similar Description - MM74C150

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM82C19 FAIRCHILD-MM82C19 Datasheet
62Kb / 7P
   16-Line to 1-Line Multiplexer
logo
National Semiconductor ...
MM54C150 NSC-MM54C150 Datasheet
126Kb / 8P
   16-Line to 1-Line Multiplexer, TRI-STATE16-Line to 1-Line
logo
NXP Semiconductors
74F153 PHILIPS-74F153 Datasheet
74Kb / 8P
   Dual 4-line to 1-line multiplexer
1996 Jan 05
74F258A PHILIPS-74F258A Datasheet
74Kb / 8P
   Quad 2-line to 1-line selector/multiplexer, inverting 3-State
1996 Jan 05
logo
Texas Instruments
CD74AC151 TI1-CD74AC151_14 Datasheet
836Kb / 14P
[Old version datasheet]   8-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
SN74HC151-Q1 TI1-SN74HC151-Q1 Datasheet
177Kb / 9P
[Old version datasheet]   8-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
logo
NXP Semiconductors
74F257A PHILIPS-74F257A Datasheet
79Kb / 10P
   Quad 2-line to 1-line selector/multiplexer, non-inverting 3-State
1995 Mar 31
logo
Texas Instruments
SN74HC253-Q1 TI1-SN74HC253-Q1 Datasheet
197Kb / 11P
[Old version datasheet]   DUAL 4-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
SN74LVC257A-Q1 TI1-SN74LVC257A-Q1 Datasheet
224Kb / 11P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
74ACT11257 TI1-74ACT11257_09 Datasheet
425Kb / 13P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
APRIL 1996
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com