Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GJB-128A Datasheet(PDF) 9 Page - Roithner LaserTechnik GmbH

Part # GJB-128A
Description  Multi-Quanyum Well (MQW) Laser Diode
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

GJB-128A Datasheet(HTML) 9 Page - Roithner LaserTechnik GmbH

Back Button GJB-128A Datasheet HTML 2Page - Roithner LaserTechnik GmbH GJB-128A Datasheet HTML 3Page - Roithner LaserTechnik GmbH GJB-128A Datasheet HTML 4Page - Roithner LaserTechnik GmbH GJB-128A Datasheet HTML 5Page - Roithner LaserTechnik GmbH GJB-128A Datasheet HTML 6Page - Roithner LaserTechnik GmbH GJB-128A Datasheet HTML 7Page - Roithner LaserTechnik GmbH GJB-128A Datasheet HTML 8Page - Roithner LaserTechnik GmbH GJB-128A Datasheet HTML 9Page - Roithner LaserTechnik GmbH GJB-128A Datasheet HTML 10Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
03.08.2010
eld83npt5.doc
9 of 10
7.3.3 Use anti-static containers for transport and storage.
7.3.4 Laser deterioration and damage can occur due to excessive current spikes when the power is
turned on or off. Design circuits to avoid the generation of excessive current spikes.
7.3.5 Inductive surges near equipment that emits high frequency EMI can damage or destroy lasers.
Avoid using lasers near fluorescent lamps or other sources of EMI emissions.
7.4 Soldering
Use a grounded soldering iron to solder laser leads. Solder at a temperature of no more than 250
for a maximum of 3 seconds, at a point at least 2 mm from the base of the leads .
7.5 Handling laser diodes
Never touch the glass window of the laser. A damaged or dirtied window will impair the performance of
the laser.
7.6 Handling packages
Due to the glass window in each device, packages must not be dropped or subjected to excessive
pressure.
7.7 Safety
It is extremely dangerous to look, either directly or through a lens, at the laser beam emitted from a
laser diode. Use a TV camera or other similar device to adjust the optical axis.
8. Quality assurance
8.1
Laser diodes (semiconductor lasers) have a much longer life than other lasers such as gas or
solid-state lasers. The components of our lasers have optimum characteristic ranges. To ensure these
characteristics and product life, we manufacture our laser diodes based on comprehensive data
control using our own custom manufacturing, measuring, and inspection equipment.
8.2
Quality assurance system
8.2.1
After the wafers have been manufactured, electrical and optical characteristics are measured
to verify that characteristics can be achieved as the manufacturing process progresses.
8.2.2
In-process inspections are conducted at various manufacturing points to ensure the stability of
our assembly operations.
8.2.3
All products are burned-in to minimize initial and random failures.
8.2.4
Characteristics of all products are tested before shipping.
8.2.5
Products are managed by wafer lot.
8.2.6
Reliability tests are performed on randomly selected samples.
8.3
Quality assurance measures
8.3.1
Materials, manufacturing conditions, and inspection are controlled and maintained based on
company set standards. Temperature, dust, humidity and other environmental conditions are also
controlled based on company standards.
8.3.2
Measurement instruments used during the manufacturing process are regularly inspected and
calibrated based on company measurement control standards.
9.
Security
The laser beam emitted from a laser diode is almost invisible to both the human eye and the
animal eye, however, it will injure the eye and sufficient caution must be exercised to avoid direct
exposure or exposure through a fiber to the beam when a laser diode is in operation.
To adjust the optical axis or perform other similar work, we recommend using an infrared-sensitive ITV
camera.
We also recommend that protective glasses be worn
10. Note
No unauthorized transmission or reproduction of this specification, either in whole or in part, is
permitted.
The contents of these sheets are subject to change without notice. Always verify before use that
the contents are the latest specifications. If, by any chance, a defect should arise in the equipment as
a result of use without verification of the specifications, manufacturer, can bear no responsibility


Similar Part No. - GJB-128A

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
GJB-128A ROITHNER-GJB-128A Datasheet
215Kb / 11P
   The specification covers the appearance and characteristics of 850nm Laser Diode used as light sorce
More results

Similar Description - GJB-128A

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HL6724MG HITACHI-HL6724MG Datasheet
24Kb / 5P
   The HL6724MG is a 0.67 um band AlGaInP laser diode with a multi-quantum well (MQW) structure
logo
Renesas Technology Corp
NX6314EH RENESAS-NX6314EH_15 Datasheet
205Kb / 7P
   LASER DIODE 1 310 nm InGaAsP MQW-DFB LASER DIODE
NX6511GH RENESAS-NX6511GH_15 Datasheet
190Kb / 7P
   LASER DIODE 1 550 nm InGaAsP MQW-DFB LASER DIODE
logo
California Eastern Labs
NX6414EH CEL-NX6414EH Datasheet
173Kb / 8P
   LASER DIODE 1 490 nm InGaAsP MQW-DFB LASER DIODE
logo
Source Photonics, Inc.
C-15-DFB2.5-T-SFCL SOURCE-C-15-DFB2.5-T-SFCL Datasheet
742Kb / 6P
   1550nm 2.5G MQW-DFB Laser Diode
logo
Renesas Technology Corp
NX6510GH RENESAS-NX6510GH_15 Datasheet
207Kb / 7P
   LASER DIODE 1 550 nm InGaAsP MQW-DFB LASER DIODE
logo
Source Photonics, Inc.
C-15-DFB-P-SSC2I-APC-O-01 SOURCE-C-15-DFB-P-SSC2I-APC-O-01 Datasheet
385Kb / 3P
   1550nm MQW-DFB Laser Diode Module
C-15-DFB-T-SFCL SOURCE-C-15-DFB-T-SFCL Datasheet
747Kb / 6P
   1550nm MQW-DFB Laser Diode Module
C-13-DFB2.5-T-SFCL SOURCE-C-13-DFB2.5-T-SFCL Datasheet
732Kb / 6P
   1310nm 2.5G MQW-DFB Laser Diode Module
logo
Renesas Technology Corp
NX5522 RENESAS-NX5522 Datasheet
201Kb / 8P
   LASER DIODE 1 550 nm FOR FTTH InGaAsP MQW-FP LASER DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com