Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GJB-128A Datasheet(PDF) 10 Page - Roithner LaserTechnik GmbH

Part # GJB-128A
Description  Multi-Quanyum Well (MQW) Laser Diode
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

GJB-128A Datasheet(HTML) 10 Page - Roithner LaserTechnik GmbH

Back Button GJB-128A Datasheet HTML 2Page - Roithner LaserTechnik GmbH GJB-128A Datasheet HTML 3Page - Roithner LaserTechnik GmbH GJB-128A Datasheet HTML 4Page - Roithner LaserTechnik GmbH GJB-128A Datasheet HTML 5Page - Roithner LaserTechnik GmbH GJB-128A Datasheet HTML 6Page - Roithner LaserTechnik GmbH GJB-128A Datasheet HTML 7Page - Roithner LaserTechnik GmbH GJB-128A Datasheet HTML 8Page - Roithner LaserTechnik GmbH GJB-128A Datasheet HTML 9Page - Roithner LaserTechnik GmbH GJB-128A Datasheet HTML 10Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
03.08.2010
eld83npt5.doc
10 of 10
whatsoever.
Upon the sale of any such devices; other than for the buyer’s right to use such devices itself,
resell or otherwise dispose of the same; no express or implied right or license to practice or
commercially exploit any intellectual property rights or other proprietary rights owned or controlled by
us, is granted to any such buyer.
The products listed in this specification are designed to be used with ordinary electronic
equipment or devices (such as audio-visual equipment, office-automation equipment, communications
devices, electrical appliances, and electronic toys). Should you intend to use these products with
equipment or devices which require an extremely high level of reliability and the malfunction of which
would directly endanger human life (such as medical instruments, transportation equipment,
aerospace machinery, nuclear-reactor controllers, fuel controllers, or other safety devices) please be
sure to consult with our sales representatives in advance.
10.5 when exporting, please be sure to consult with our sales representatives to ascertain whether
any product is classified as a strategic material.


Similar Part No. - GJB-128A

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
GJB-128A ROITHNER-GJB-128A Datasheet
215Kb / 11P
   The specification covers the appearance and characteristics of 850nm Laser Diode used as light sorce
More results

Similar Description - GJB-128A

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HL6724MG HITACHI-HL6724MG Datasheet
24Kb / 5P
   The HL6724MG is a 0.67 um band AlGaInP laser diode with a multi-quantum well (MQW) structure
logo
Renesas Technology Corp
NX6314EH RENESAS-NX6314EH_15 Datasheet
205Kb / 7P
   LASER DIODE 1 310 nm InGaAsP MQW-DFB LASER DIODE
NX6511GH RENESAS-NX6511GH_15 Datasheet
190Kb / 7P
   LASER DIODE 1 550 nm InGaAsP MQW-DFB LASER DIODE
logo
California Eastern Labs
NX6414EH CEL-NX6414EH Datasheet
173Kb / 8P
   LASER DIODE 1 490 nm InGaAsP MQW-DFB LASER DIODE
logo
Source Photonics, Inc.
C-15-DFB2.5-T-SFCL SOURCE-C-15-DFB2.5-T-SFCL Datasheet
742Kb / 6P
   1550nm 2.5G MQW-DFB Laser Diode
logo
Renesas Technology Corp
NX6510GH RENESAS-NX6510GH_15 Datasheet
207Kb / 7P
   LASER DIODE 1 550 nm InGaAsP MQW-DFB LASER DIODE
logo
Source Photonics, Inc.
C-15-DFB-P-SSC2I-APC-O-01 SOURCE-C-15-DFB-P-SSC2I-APC-O-01 Datasheet
385Kb / 3P
   1550nm MQW-DFB Laser Diode Module
C-15-DFB-T-SFCL SOURCE-C-15-DFB-T-SFCL Datasheet
747Kb / 6P
   1550nm MQW-DFB Laser Diode Module
C-13-DFB2.5-T-SFCL SOURCE-C-13-DFB2.5-T-SFCL Datasheet
732Kb / 6P
   1310nm 2.5G MQW-DFB Laser Diode Module
logo
Renesas Technology Corp
NX5522 RENESAS-NX5522 Datasheet
201Kb / 8P
   LASER DIODE 1 550 nm FOR FTTH InGaAsP MQW-FP LASER DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com