Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74C14 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 74C14
Description  Hex Schmitt Trigger
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74C14 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74C14 Datasheet HTML 1Page - Fairchild Semiconductor 74C14 Datasheet HTML 2Page - Fairchild Semiconductor 74C14 Datasheet HTML 3Page - Fairchild Semiconductor 74C14 Datasheet HTML 4Page - Fairchild Semiconductor 74C14 Datasheet HTML 5Page - Fairchild Semiconductor 74C14 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
October 1987
Revised January 1999
© 1999 Fairchild Semiconductor Corporation
DS005879.prf
www.fairchildsemi.com
MM74C14
Hex Schmitt Trigger
General Description
The MM74C14 Hex Schmitt Trigger is a monolithic comple-
mentary MOS (CMOS) integrated circuit constructed with
N- and P-channel enhancement transistors. The positive
and negative going threshold voltages VT+ and VT−, show
low variation with respect to temperature (typ. 0.0005V/
°C
at VCC = 10V), and hysteresis, VT+ − VT− ≥ 0.2 VCC is guar-
anteed.
All inputs are protected from damage due to static dis-
charge by diode clamps to VCC and GND.
Features
s Wide supply voltage range:
3.0V to 15V
s High noise immunity: 0.70 VCC (typ.)
s Low power: TTL compatibility:
0.4 VCC (typ.) 0.2 VCC guaranteed
s Hysteresis: 0.4 VCC (typ.): 0.2 VCC guaranteed
Ordering Code:
Devices also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering code.
Connection Diagram
Pin Assignments for DIP and SOIC
Top View
Order Number
Package Number
Package Description
MM74C14M
M14A
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-120, 0.150” Narrow
MM74C14N
N14A
14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300” Wide


Similar Part No. - 74C14

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74C164 FAIRCHILD-74C164 Datasheet
78Kb / 7P
   8-Bit Parallel-Out Serial Shift Register
74C192 FAIRCHILD-74C192 Datasheet
62Kb / 6P
   Synchronous 4-Bit Up/Down Decade Counter . Synchronous 4-Bit Up/Down Binary Counter
logo
National Semiconductor ...
74C193 NSC-74C193 Datasheet
140Kb / 6P
   Synchronous 4-Bit Up/Down Decade Counter
More results

Similar Description - 74C14

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14584B ONSEMI-MC14584B Datasheet
163Kb / 8P
   Hex Schmitt Trigger
March, 2000 ??Rev. 3
MC14106B ONSEMI-MC14106B_14 Datasheet
126Kb / 8P
   Hex Schmitt Trigger
August, 2014 ??Rev. 10
logo
Fairchild Semiconductor
MM74C14MX FAIRCHILD-MM74C14MX Datasheet
69Kb / 6P
   Hex Schmitt Trigger
logo
ON Semiconductor
MC14106B ONSEMI-MC14106B_06 Datasheet
152Kb / 10P
   Hex Schmitt Trigger
October, 2006 ??Rev. 7
MC14106B ONSEMI-MC14106B Datasheet
182Kb / 8P
   Hex Schmitt Trigger
March, 2000 ??Rev. 3
logo
Rohm
BU4584B ROHM-BU4584B Datasheet
46Kb / 4P
   Hex Schmitt trigger
logo
National Semiconductor ...
CD40106BM NSC-CD40106BM Datasheet
134Kb / 6P
   Hex Schmitt Trigger
MM54C14 NSC-MM54C14 Datasheet
124Kb / 6P
   Hex Schmitt Trigger
logo
Fairchild Semiconductor
CD40106BC FAIRCHILD-CD40106BC_03 Datasheet
71Kb / 6P
   Hex Schmitt Trigger
logo
ON Semiconductor
MC14584B ONSEMI-MC14584B_06 Datasheet
145Kb / 8P
   Hex Schmitt Trigger
October, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com