Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCT2ESM Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # MCT2ESM
Description  PHOTOTRANSISTOR OPTOCOUPLERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MCT2ESM Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button MCT2ESM Datasheet HTML 7Page - Fairchild Semiconductor MCT2ESM Datasheet HTML 8Page - Fairchild Semiconductor MCT2ESM Datasheet HTML 9Page - Fairchild Semiconductor MCT2ESM Datasheet HTML 10Page - Fairchild Semiconductor MCT2ESM Datasheet HTML 11Page - Fairchild Semiconductor MCT2ESM Datasheet HTML 12Page - Fairchild Semiconductor MCT2ESM Datasheet HTML 13Page - Fairchild Semiconductor MCT2ESM Datasheet HTML 14Page - Fairchild Semiconductor MCT2ESM Datasheet HTML 15Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
6/15/05
Page 11 of 15
© 2005 Fairchild Semiconductor Corporation
MCT2
MCT2E
MCT210
MCT271
MCT2200
MCT2201
MCT2202
PHOTOTRANSISTOR OPTOCOUPLERS
White Package (-M Suffix)
NOTE
All dimensions are in inches (millimeters)
Package Dimensions (Through Hole)
Package Dimensions (Surface Mount)
Package Dimensions (0.4” Lead Spacing)
Recommended Pad Layout for
Surface Mount Leadform
0.350 (8.89)
0.320 (8.13)
0.260 (6.60)
0.240 (6.10)
0.320 (8.13)
0.070 (1.77)
0.040 (1.02)
0.014 (0.36)
0.010 (0.25)
0.200 (5.08)
0.115 (2.93)
0.100 (2.54)
0.015 (0.38)
0.020 (0.50)
0.016 (0.41)
0.100 (2.54)
15
°
0.012 (0.30)
Pin 1 ID
0.350 (8.89)
0.320 (8.13)
0.260 (6.60)
0.240 (6.10)
0.390 (9.90)
0.332 (8.43)
0.070 (1.77)
0.040 (1.02)
0.014 (0.36)
0.010 (0.25)
0.320 (8.13)
0.035 (0.88)
0.012 (0.30)
0.012 (0.30)
0.008 (0.20)
0.200 (5.08)
0.115 (2.93)
0.025 (0.63)
0.020 (0.51)
0.020 (0.50)
0.016 (0.41)
0.100 [2.54]
Pin 1 ID
0.350 (8.89)
0.320 (8.13)
0.260 (6.60)
0.240 (6.10)
0.070 (1.77)
0.040 (1.02)
0.014 (0.36)
0.010 (0.25)
0.200 (5.08)
0.115 (2.93)
0.020 (0.50)
0.016 (0.41)
0.100 [2.54]
0.100 (2.54)
0.015 (0.38)
0.012 (0.30)
0.008 (0.21)
0.425 (10.80)
0.400 (10.16)
Pin 1 ID
0.070 (1.78)
0.060 (1.52)
0.030 (0.76)
0.100 (2.54)
0.305 (7.75)
0.425 (10.79)


Similar Part No. - MCT2ESM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MCT2ESM FAIRCHILD-MCT2ESM Datasheet
264Kb / 11P
   Phototransistor Optocouplers
logo
ON Semiconductor
MCT2ESM ONSEMI-MCT2ESM Datasheet
294Kb / 9P
   6-Pin General Purpose Phototransistor Optocouplers
November-2017, Rev. 2
More results

Similar Description - MCT2ESM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
CNY17-1 FAIRCHILD-CNY17-1 Datasheet
575Kb / 14P
   Phototransistor Optocouplers
H11AG1SD FAIRCHILD-H11AG1SD Datasheet
146Kb / 8P
   PHOTOTRANSISTOR OPTOCOUPLERS
H11AV1-M FAIRCHILD-H11AV1-M Datasheet
530Kb / 10P
   PHOTOTRANSISTOR OPTOCOUPLERS
H11AV1 FAIRCHILD-H11AV1 Datasheet
534Kb / 10P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
QT Optoelectronics
CNY17-1 QT-CNY17-1 Datasheet
546Kb / 5P
   PHOTOTRANSISTOR OPTOCOUPLERS
MCT2200 QT-MCT2200 Datasheet
402Kb / 4P
   PHOTOTRANSISTOR OPTOCOUPLERS
MOC8111 QT-MOC8111 Datasheet
434Kb / 5P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
H11AV1M FAIRCHILD-H11AV1M Datasheet
277Kb / 10P
   Phototransistor Optocouplers
CNY171M FAIRCHILD-CNY171M Datasheet
268Kb / 10P
   Phototransistor Optocouplers
CNY17F2M FAIRCHILD-CNY17F2M Datasheet
253Kb / 11P
   Phototransistor Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com