Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALM-11136 Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Part # ALM-11136
Description  Low Noise, High Linearity Amplifier Module with Fail-Safe Bypass Feature
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ALM-11136 Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ALM-11136 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ALM-11136 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ALM-11136 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ALM-11136 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ALM-11136 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ALM-11136 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ALM-11136 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ALM-11136 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ALM-11136 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
Typical Performance
RF performance at TA = 25° C, Vdd = 5 V for LNA mode, Vdd = 0 V for Bypass mode, measured on demo board in Figure 7.
Signal = CW unless stated otherwise. ApplicationTest Circuit is shown in Figure 8 andTable 1. IIP3 test condition: FRF1-FRF2
= 1 MHz with input power of -15 dBm per tone.
Figure 9. Idd vs Temperature
Figure 10. Gain vs Frequency
Figure 11. S11 vs Frequency
Figure 12. S22 vs Frequency
Figure 13. NF vs Frequency
Figure 14. IIP3 vs Frequency
80
85
90
95
100
-40 -30 -20 -10 0 10 20 30 40 50 60 70 80 90
Temperature (°C)
870 875 880 885 890 895 900 905 910 915
Frequency (MHz)
-40
-35
-30
-25
-20
-15
-10
-5
0
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
13.0
13.5
14.0
14.5
15.0
15.5
16.0
16.5
17.0
-25
-24
-23
-22
-21
-20
-19
-18
-17
-16
-15
10
12
14
16
18
20
22
24
26
28
30
85° C
25° C
-40° C
870 875 880
885 890 895 900 905 910 915
Frequency (MHz)
870 875 880
885 890 895 900 905 910 915
Frequency (MHz)
870 875 880
885 890 895 900 905 910 915
Frequency (MHz)
870 875 880 885 890 895 900 905 910 915
Frequency (MHz)
85° C
25° C
-40° C
85° C
25° C
-40° C
85° C
25° C
-40° C
85° C
25° C
-40° C


Similar Part No. - ALM-11136

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ALM-11136 BOARDCOM-ALM-11136 Datasheet
414Kb / 12P
   Low Noise, High Linearity Amplifier Module with Fail-Safe Bypass Feature
logo
AVAGO TECHNOLOGIES LIMI...
ALM-11136 AVAGO-ALM-11136_15 Datasheet
414Kb / 12P
   Fail-Safe Bypass Feature
More results

Similar Description - ALM-11136

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ALM-11036 AVAGO-ALM-11036_15 Datasheet
417Kb / 12P
   Low Noise, High Linearity Amplifier Module with Fail-Safe Bypass Feature
logo
Broadcom Corporation.
ALM-11136 BOARDCOM-ALM-11136 Datasheet
414Kb / 12P
   Low Noise, High Linearity Amplifier Module with Fail-Safe Bypass Feature
logo
AVAGO TECHNOLOGIES LIMI...
ALM-11236 AVAGO-ALM-11236 Datasheet
391Kb / 12P
   Low Noise, High Linearity Amplifier Module with Fail-Safe Bypass Feature
ALM-11336 AVAGO-ALM-11336 Datasheet
398Kb / 12P
   Low Noise, High Linearity Amplifier Module with Fail-Safe Bypass Feature
logo
Broadcom Corporation.
ALM-11236 BOARDCOM-ALM-11236 Datasheet
391Kb / 12P
   Low Noise, High Linearity Amplifier Module with Fail-Safe Bypass Feature
DEMO-ALM-11X36 BOARDCOM-DEMO-ALM-11X36 Datasheet
417Kb / 12P
   Low Noise, High Linearity Amplifier Module with Fail-Safe Bypass Feature
logo
AVAGO TECHNOLOGIES LIMI...
ALM-11036 AVAGO-ALM-11036 Datasheet
417Kb / 12P
   Low Noise, High Linearity Amplifier Module with Fail-Safe Bypass Feature
logo
Broadcom Corporation.
ALM-11036 BOARDCOM-ALM-11036 Datasheet
417Kb / 12P
   Low Noise, High Linearity Amplifier Module with Fail-Safe Bypass Feature
ALM-11336 BOARDCOM-ALM-11336 Datasheet
391Kb / 12P
   1850 MHz ??1980 MHz Low Noise, High Linearity Amplifier Module with Fail-Safe Bypass Feature
logo
AVAGO TECHNOLOGIES LIMI...
ALM-11136 AVAGO-ALM-11136_15 Datasheet
414Kb / 12P
   Fail-Safe Bypass Feature
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com