Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5-1393766-5 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 5-1393766-5
Description  R10 Series Panel Plug-in Relay
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

5-1393766-5 Datasheet(HTML) 2 Page - Tyco Electronics

  5-1393766-5 Datasheet HTML 1Page - Tyco Electronics 5-1393766-5 Datasheet HTML 2Page - Tyco Electronics 5-1393766-5 Datasheet HTML 3Page - Tyco Electronics 5-1393766-5 Datasheet HTML 4Page - Tyco Electronics 5-1393766-5 Datasheet HTML 5Page - Tyco Electronics 5-1393766-5 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
General Purpose Relays
Industrial Relays
R10 Series Panel Plug-in Relay (Continued)
08-2011, Rev. 0811
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
2
Potter & Brumfield
Coil versions, DC coil (continued)
Coil
Rated
Operate
Coil
Rated coil
code
voltage
voltage
resistance
power
VDC
VDC
Ω±10%
mW
S - sensitive DC voltage adjustment (continued)
2 pole
SS110
3
2.25
110
85
SS350
5
3.75
350
75
SS500
6
4.5
500
75
SS2.0K
12
9
2000
75
SS4.5K
18
13.5
4500
75
SS7.5K
24
18
7500
80
SS15.0K
36
27
15000
85
SS30.0K
48
36
30000
80
3 and 4 pole
SS52
3
2.25
52
175
SS175
5
3.75
175
150
SS250
6
4.5
250
150
SS1.0K
12
9
1000
150
SS2.2K
18
13.5
2200
150
SS3.7K
24
18
3700
150
SS7.5K
36
27
7500
175
SS15.0K
48
36
15000
150
Coil
Maximum
Operate
Coil
Pick-up
code
coil current
current
resistance
coil power
mADC
mADC
Ω±10%
mW
J - sensitive DC current adjustment
2 pole
J1.0K
45
8.5
1000
75
J2.5K
28
5.8
2500
85
J5.0K
20
4.1
5000
85
J10.0K
14
3.1
10000
100
J15.0K
11.5
2.6
15000
100
J30.0K
8.3
1.7
30000
85
4 pole
J1.0K
45
13
1000
175
J2.5K
28
8.4
2500
175
J5.0K
20
6.2
5000
200
J10.0K
14
4.5
10000
200
J15.0K
11.5
3.5
15000
200
J30.0K
8.3
2.5
30000
200
6 pole
J1.0K
45
16
1000
250
J2.5K
28
10
2500
250
J5.0K
20
7.2
5000
250
J10.0K
14
5
10000
250
J15.0K
11.5
4.2
15000
270
J30.0K
8.3
2.9
30000
250
8 pole
J1.0K
45
20
1000
250
J2.5K
28
13
2500
250
J5.0K
20
9
5000
250
J10.0K
14
6.4
10000
250
J15.0K
11.5
5.3
15000
270
J30.0K
8.3
3.7
30000
250
J - sensitive DC current adjustment - R10S types only
1 pole
J500 1)
4.5
500
10
J1.0K 1)
3.2
1000
10
J2.5K
2
2500
10
J5.0K 2)
1.4
5000
10
J10.0K
1
10000
10
J16.0K
0.8
16000
10
J30.0K 3)
0.6
30000
11
Coil versions, DC coil (continued)
Coil
Rated
Operate
Coil
Rated coil
code
voltage
voltage
resistance
power
VDC
VDC
Ω±10%
mW
Q - special DC voltage adjustment
1 and 2 pole
Q52
5
3.1
52
500
Q110
6
4.5
110
350
Q450
12
9.2
450
350
Q1.8K
24
17.4
1,800
350
Q7.5K
48
36.2
7500
310
Q15.0K
72
49.5
15000
350
Q30.0K
115
67.5
30000
450
3 and 4 pole
Q32
5
3.8
32
800
Q52
6
4.2
52
700
Q185
12
8.4
185
800
Q1.0K
24
17.2
1000
600
Q3.2K
48
31.1
3200
750
Q7.5K
72
49.3
7500
700
Q15.0K
115
67.5
15000
900
S - sensitive DC voltage adjustment
1 and 2 pole
S50
3
2.25
50
180
S140
5
3.75
140
180
S200
6
4.5
200
180
S800
12
9
800
180
S3.2K
24
18
3200
180
S13.0K
48
36
13000
180
S28.0K
72
54
28000
190
S50.0K
115
86
50000
270
3 and 4 pole
S30
3
2.25
30
300
S80
5
3.75
80
350
S110
6
4.5
110
350
S450
12
9
450
350
S1.8K
24
18
1800
350
S7.5K
48
36
7500
300
S16.0K
72
54
16000
350
S40.0K
115
86
40000
350
6 pole
S20
3
2.25
20
500
S56
5
3.75
56
500
S80
6
4.5
80
500
S320
12
9
320
500
S1.2K
24
18
1200
500
S5.2K
48
36
5200
500
S13.0K
72
54
13000
400
S30.0K
115
86
30000
500
8 pole
S12
3
2.25
12
750
S35
5
3.75
35
750
S52
6
4.5
52
700
S200
12
9
200
750
S800
24
18
800
750
S3.2K
48
36
3200
750
S7.5K
72
54
7500
700
S16.0K
115
86
16000
850
SS - ultra sensitive DC voltage adjustment
1 pole
SS220
3
2.25
220
45
SS700
5
3.75
700
40
SS1.0K
6
4.5
1000
40
SS4.0K
12
9
4000
40
SS9.0K
18
13.5
9000
40
SS15.0K
24
18
15000
40
SS30.0K
36
27
30000
45


Similar Part No. - 5-1393766-5

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5-1393766-5 MACOM-5-1393766-5 Datasheet
762Kb / 6P
   General Purpose Relays Industrial Relays
5-1393766-5 MACOM-5-1393766-5 Datasheet
1Mb / 6P
   R10 Series Panel Plug-in Relay
logo
TE Connectivity Ltd
5-1393766-5 TEC-5-1393766-5 Datasheet
344Kb / 6P
   1 through 8 form C (CO) contact arrangement
More results

Similar Description - 5-1393766-5

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1393767-0 MACOM-2-1393767-0 Datasheet
1Mb / 6P
   R10 Series Panel Plug-in Relay
2-1393766-7 MACOM-2-1393766-7 Datasheet
1Mb / 6P
   R10 Series Panel Plug-in Relay
2-1393767-2 MACOM-2-1393767-2 Datasheet
1Mb / 6P
   R10 Series Panel Plug-in Relay
2-1393767-4 MACOM-2-1393767-4 Datasheet
1Mb / 6P
   R10 Series Panel Plug-in Relay
R10-E1Y2-J2.5K MACOM-R10-E1Y2-J2.5K Datasheet
1Mb / 6P
   R10 Series Panel Plug-in Relay
2-1393143-1 MACOM-2-1393143-1 Datasheet
1Mb / 6P
   R10 Series Panel Plug-in Relay
2-1393143-2 MACOM-2-1393143-2 Datasheet
1Mb / 6P
   R10 Series Panel Plug-in Relay
2-1393143-4 MACOM-2-1393143-4 Datasheet
1Mb / 6P
   R10 Series Panel Plug-in Relay
2-1393766-0 MACOM-2-1393766-0 Datasheet
1Mb / 6P
   R10 Series Panel Plug-in Relay
2-1393766-8 MACOM-2-1393766-8 Datasheet
1Mb / 6P
   R10 Series Panel Plug-in Relay
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com