Selected language     English  ▼


7-1393224-6 Datasheet(PDF) 1 Page - Tyco Electronics

Part No. 7-1393224-6
Description  Miniature Power PCB RYII & RYII Reflow Solderable
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

   
 1 page
background image
04-2011, Rev. 0411
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
1
SCHRACK
General Purpose Relays
PCB Relays
Miniature Power PCB RYII & RYII Reflow Solderable
n
1 pole 8A, 1 form C (CO) or 1 form A (NO) or 1 form B (NC) contact
n
Low component height 12.3mm
n
5kV/8mm coil-contact
n
Reinforced insulation (protection class II)
n
Pinnings: 3.2mm and 5mm
n
Reflow-solderable version
n
Especially suitable for resistive and inductive loads on
form A (NO) and form B (NC) contacts
n
Plastic materials according to IEC 60335-11) (domestic appliances)
Typical applications
heating control, interface technology, domestic appliances, timers,
temperature control
1) not available as reflow-solderable version
Approvals
VDE REG.-Nr. 5358, UL E214025
Technical data of approved types on request
Contact Data
Contact arrangement
1 form C (CO) or
1 form A (NO) or
1 form B (NC)
Rated voltage
250VAC
Max. switching voltage
400VAC
Rated current
8A
Breaking capacity max.
2000VA
Contact material
AgNi0.15, AgSnO2
Frequency of operation, with/without load
6/1200min-1
Operate/release time max.
9/5ms
Bounce time max., form A/form B
6/10ms
Contact ratings
Type
Contact
Load
Cycles
IEC61810
RY531
A (NO)
8A, 250VAC, 70°C
100x103
RY211
A (NO)
8A, 250VAC, 70°C
75x103
RY211
A (NO)
8A, 250VAC, 70°C
50x103
UL508
RY211
A/B (NO/NC) 10A, 250VAC, general purpose, 70°C
30x103
RY211
A (NO)
1/2hp, 240VAC, 85°C
30x103
RY211
A/B (NO/NC) B300, 70°C
6x103
EN60730-1
RY211
A/B (NO/NC) 6(4)A, 250VAC, 85°C
100x103
RY211
A (NO)
8(4)A, 250VAC, 75°C
100x103
Mechanical endurance, DC coil
30x106 operations
Coil Data
Coil voltage range
5 to 60VDC
Operative range, IEC 61810
2
Coil versions, DC coil
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
VDC
VDC
VDC
Ω±10%
mW
005
5
3.5
0.5
112
223
006
6
4.2
0.6
162
222
009
9
6.3
0.9
320
253
012
12
8.4
1.2
627
230
024
24
16.8
2.4
2350
245
048
48
33.6
4.8
9391
245
060
60
42.0
6.0
14000
257
All figures are given for coil without pre-energization, at ambient temperature +23°C
Other coil voltages on request
Insulation Data
Initial dielectric strength
between open contacts
1000Vrms
between contact and coil
5000Vrms
Clearance/creepage
between contact and coil
≥8/8mm
Material group of insulation parts
IIIa
Tracking index of relay base
PTI250
reflow-solderable version
PTI175
F0142-E
Z
V




Html Pages

1  2  3  4 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl