Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7-1393224-6 Datasheet(PDF) 3 Page - Tyco Electronics

Part # 7-1393224-6
Description  Miniature Power PCB RYII & RYII Reflow Solderable
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

7-1393224-6 Datasheet(HTML) 3 Page - Tyco Electronics

  7-1393224-6 Datasheet HTML 1Page - Tyco Electronics 7-1393224-6 Datasheet HTML 2Page - Tyco Electronics 7-1393224-6 Datasheet HTML 3Page - Tyco Electronics 7-1393224-6 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
04-2011, Rev. 0411
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
3
SCHRACK
General Purpose Relays
PCB Relays
Miniature Power PCB RYII & RYII Reflow Solderable (Continued)
Product code structure
Typical product code
RY
6
1
1
012
Type
RY Miniature Power PCB RYII & RYII reflow solderable
Version
2
pinning 3.2mm, flux proof
6
pinning 3.2mm, wash tight 2)
5
pinning 5mm, flux proof
A pinning 5mm, wash tight 2)
Contact arrangement
1
1 form C (1 CO), pinning 3.2mm
3
1 form A (1 NO), pinning 5mm
5
1 form B (1 NC), pinning 5mm
Contact material
1
AgNi 0.15
2
AgNi 0.15 gold plated
3
AgSnO2
Coil
Coil code: please refer to coil versions table
Version
Blank
Standard version
R
reflow-solderable
2) not available as reflow-solderable version
Soldering profile for
reflow-solderable version


Similar Part No. - 7-1393224-6

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
7-1393224-6 MACOM-7-1393224-6 Datasheet
399Kb / 4P
   General Purpose Relays PCB Relays
logo
TE Connectivity Ltd
7-1393224-6 TEC-7-1393224-6 Datasheet
411Kb / 4P
   Miniature Power PCB RYII & RYII Reflow Solderable
More results

Similar Description - 7-1393224-6

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-1393225-0 MACOM-1-1393225-0 Datasheet
411Kb / 4P
   Miniature Power PCB RYII & RYII Reflow Solderable
logo
TE Connectivity Ltd
RYII TEC-RYII Datasheet
411Kb / 4P
   Miniature Power PCB RYII & RYII Reflow Solderable
logo
Tyco Electronics
2-1393225-9 MACOM-2-1393225-9 Datasheet
517Kb / 4P
   Miniature Power PCB RYII & RYII Reflow Solderable
2-1393225-2 MACOM-2-1393225-2 Datasheet
517Kb / 4P
   Miniature Power PCB RYII & RYII Reflow Solderable
2-1393224-6 MACOM-2-1393224-6 Datasheet
517Kb / 4P
   Miniature Power PCB RYII & RYII Reflow Solderable
2-1393225-6 MACOM-2-1393225-6 Datasheet
517Kb / 4P
   Miniature Power PCB RYII & RYII Reflow Solderable
2-1393224-4 MACOM-2-1393224-4 Datasheet
517Kb / 4P
   Miniature Power PCB RYII & RYII Reflow Solderable
2-1393224-5 MACOM-2-1393224-5 Datasheet
517Kb / 4P
   Miniature Power PCB RYII & RYII Reflow Solderable
2-1393224-8 MACOM-2-1393224-8 Datasheet
517Kb / 4P
   Miniature Power PCB RYII & RYII Reflow Solderable
2-1393225-1 MACOM-2-1393225-1 Datasheet
517Kb / 4P
   Miniature Power PCB RYII & RYII Reflow Solderable
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com