Selected language     English  ▼


7-1393766-4 Datasheet(PDF) 3 Page - Tyco Electronics

Part No. 7-1393766-4
Description  R10 Series Panel Plug-in Relay
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

   
 3 page
background image
General Purpose Relays
Industrial Relays
R10 Series Panel Plug-in Relay (Continued)
08-2011, Rev. 0811
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
3
Potter & Brumfield
Operative Range
R10 Relays (DC Only) Typical Ranges of Operations @ 25°C
R10 Ultra-Sensitive “SS” and “JJ” Typical Ranges of Operation @ 25°C
Typical Coil Inductance
Coil versions, DC coil (continued)
Coil
Maximum
Operate
Coil
Pick-up
code
coil current
current
resistance
coil power
mADC
mADC
Ω±10%
mW
J - sensitive DC current adjustment – R10S types only
2 pole
J500 1)
6.3
500
20
J1.0K
4.5
1000
20
J2.5K 2)
2.9
2500
25
J5.0K
2
5000
20
J10.0K 3)
1.4
10000
20
J16.0K
1.2
16000
25
J30.0K
0.8
30000
20
4 pole
J500
9
500
45
J1.0K
6.5
1000
45
J2.5K 2)
4.1
2500
45
J5.0K 3)
2.9
5000
45
J10.0K
2
10000
40
J16.0K
1.4
16000
35
J30.0K
1.2
30000
45
1) Suggested for 5VDC operation
2) Suggested for 12VDC operation
3) Suggested for 24VDC operation
JJ - ultrasensitive DC current adjustment
1 pole
JJ1.0K
45
4.5
1000
20
JJ2.5K
28
2.9
2500
25
JJ5.0K
20
2.1
5000
25
JJ10.0K
14
1.5
10000
25
JJ15.0K
11.5
1.2
15000
25
JJ30.0K
8.3
0.85
30000
25
2 pole
JJ1.0K
45
6.5
1000
45
JJ2.5K
28
4.1
2500
45
JJ5.0K
20
2.9
5000
45
JJ10.0K
14
2
10000
40
JJ15.0K
11.5
1.7
15000
45
JJ30.0K
8.3
1.2
30000
45
4 pole
JJ1.0K
45
9
1000
85
JJ2.5K
28
5.8
2500
85
JJ5.0K
20
4.1
5000
85
JJ10.0K
14
3
10000
90
JJ15.0K
11.5
2.4
15000
85
JJ30.0K
8.3
1.7
30000
90
All figures are given for coil without preenergization, at ambient temperature +23°C.
Coil versions, AC coil (dual coil diode rectified construction)
Coil
Rated
Operate
Coil
code
voltage
voltage
resistance
VAC
VAC
Ω±20%
Standard AC
2 and 4 pole
6V
6
5
25
12V
12
9
120
24V
24
18
500
48V
48
36
2000
115V
115
86
9000
6 and 8 pole
6V
6
5
15
12V
12
9
90
24V
24
18
350
48V
48
36
1400
115V
115
86
7500
All figures are given for coil without preenergization, at ambient temperature +23°C.
Operate Time
Multiple of Max. Pull-in Voltage or Current
30
25
20
15
10
Release Time
(no suppression)
5
12
10
8
6
4
2
1.0
1.33 1.5
2.0
2.5
3.0
(Curves for reference only. If specific
values are required, testing is required.)
Typical Operate
and Release Time
(all contact configurations)
50
40
30
20
10
1.0
1.5
2.0
3.0
4.0
10
8
6
4
2
Operate Time
(Curves for reference only. If specific
values are required, testing is required.)
Release Time
(no suppression)
Typical Operate
and Release Time
(all contact configurations)
Multiple of Max. Pull-in Voltage or Current
Coil Resistance (Ohms)
500
100
50
10
1.0
0.5
0.1
10
50 100
500 1K
5K 10K
100K
Armature (open)
Armature (closed)




Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl