Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7-1393766-9 Datasheet(PDF) 6 Page - Tyco Electronics

Part # 7-1393766-9
Description  R10 Series Panel Plug-in Relay
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

7-1393766-9 Datasheet(HTML) 6 Page - Tyco Electronics

  7-1393766-9 Datasheet HTML 1Page - Tyco Electronics 7-1393766-9 Datasheet HTML 2Page - Tyco Electronics 7-1393766-9 Datasheet HTML 3Page - Tyco Electronics 7-1393766-9 Datasheet HTML 4Page - Tyco Electronics 7-1393766-9 Datasheet HTML 5Page - Tyco Electronics 7-1393766-9 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
General Purpose Relays
Industrial Relays
R10 Series Panel Plug-in Relay (Continued)
08-2011, Rev. 0811
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
6
Potter & Brumfield
Product Code Arrangement Material Contact Style/Rating Nom. Coil V
Terminals & Mounting
Part Number
R10-E1P2-115V
2 Form C, 2 CO Au overlay Ag
Bif crossbar / dry circuit
115 VAC
Solder/plug-in w/ #3-48 mounting stud
7-1393765-0
R10-E1P2-V700
24 VDC
6-1393765-9
R10-E1P4-115V
4 Form C, 4 CO
115 VAC
7-1393765-6
R10-E1P4-V700
24 VDC
7-1393765-5
R10-E1W2-V185
2 Form C, 2 CO
AgCdO
Single contact / 7.5A
12 VDC
8-1393765-9
R10-E1W2-V700
24 VDC
9-1393765-1
R10-E1W4-V185
4 Form C, 4 CO
12 VDC
9-1393765-3
R10-E1W4-V700
24 VDC
9-1393765-5
R10-E1X2-24V
2 Form C, 2 CO
Single contact / 5A
24 VAC
1-1393766-1
R10-E1X2-115V
115 VAC
1-1393766-0
R10-E1X2-S800
12 VDC
1393766-3
R10-E1X2-V185
1393766-5
R10-E1X2-V700
24 VDC
1393766-9
R10-E1X4-115V
4 Form C, 4 CO
115 VAC
1-1393766-8
R10-E1X4-V185
12 VDC
1-1393766-4
R10-E1X4-V700
24 VDC
1-1393766-7
R10-E1X4-V2.5K
48 VDC
1-1393766-5
R10-E1X6-115V
6 Form C, 6 CO
115 VAC
2-1393766-5
R10-E1X6-V90
12 VDC
2-1393766-4
R10-E1X6-V430
24 VAC
2-1393766-2
R10-E1Y2-J1.0K
2 Form C, 2 CO
Ag
Single contact / 2A typical
Not applicable
3-1393766-3
R10-E1Y2-J2.5K
3-1393766-4
R10-E1Y2-V185
12 VDC
4-1393766-0
R10-E1Y2-V700
24 VDC
4-1393766-4
R10-E1Y2-V2.5K
48 VDC
4-1393766-1
R10-E1Y2-V15.0K
115 VDC
3-1393766-9
R10-E1Y4-J10.0K 4 Form C, 4 CO
Not applicable
4-1393766-9
R10-E1Y4-V52
5-1393766-6
R10-E1Y4-V2.5K
48 VDC
5-1393766-5
R10-E1Y4-V700
24 VDC
5-1393766-7
R10-E1Y6-V430
6 Form C, 6 CO
6-1393766-1
R10-E1Y6-V1.5K
48 VDC
6-1393766-0
R10-E1Z2-V185
2 Form C, 2 CO
Bifurcated / 100mA typical
12 VDC
7-1393766-2
R10-E1Z2-V700
24 VDC
7-1393766-4
R10-E1Z4-V185
4 Form C, 4 CO
12 VDC
7-1393766-9
R10-E1Z4-V700
24 VDC
8-1393766-1
R10-E1Z4-V2.5K
48 VDC
8-1393766-0
R10-E1Z6-V430
6 Form C, 6 CO
24 VDC
8-1393766-6
R10-E1Z6-V1.5K
48 VDC
8-1393766-5
R10-T1P2-115V
2 Form C, 2 CO Au overlay Ag
Bif crossbar / dry circuit
115 VAC
2-1393769-8
R10S-E1Y1-J1.0K 1 Form C, 1 CO
Ag
Single contact / 2A typical
Not applicable
7-1393769-0
R10S-E1Y2-J5.0K 2 Form C, 2 CO
7-1393769-5
R10-E2P4-V185
4 Form C, 4 CO Au overlay Ag
Bif crossbar / dry circuit
12 VDC
PCB, .064" clearance, 1.25" seated ht.
1393767-3
R10-E2P4-V700
24 VDC
1393767-4
R10-E2W2-V185
2 Form C, 2 CO
AgCdO
Single contact / 5A
12 VDC
1393767-7
R10-E2X2-V185
1-1393767-1
R10-E2X2-V700
24 VDC
1-1393767-5
R10-E2X4-V185
4 Form C, 4 CO
12 VDC
1-1393767-7
R10-E2X4-V700
24 VDC
1-1393767-8
R10-E2Y2-V185
2 Form C, 2 CO
Ag
Single contact / 2A typical
12 VDC
2-1393767-6
R10-E2Y2-V700
24 VDC
2-1393767-9
R10-E2Y4-V185
4 Form C, 4 CO
12 VDC
3-1393767-5
R10-E2Y4-V700
24 VDC
3-1393767-6
R10S-E2Y1-J1.0K 1 Form C, 1 CO
Not applicable
8-1393769-1


Similar Part No. - 7-1393766-9

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
7-1393766-9 MACOM-7-1393766-9 Datasheet
762Kb / 6P
   General Purpose Relays Industrial Relays
7-1393766-9 MACOM-7-1393766-9 Datasheet
1Mb / 6P
   R10 Series Panel Plug-in Relay
logo
TE Connectivity Ltd
7-1393766-9 TEC-7-1393766-9 Datasheet
344Kb / 6P
   1 through 8 form C (CO) contact arrangement
More results

Similar Description - 7-1393766-9

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1393767-0 MACOM-2-1393767-0 Datasheet
1Mb / 6P
   R10 Series Panel Plug-in Relay
2-1393766-7 MACOM-2-1393766-7 Datasheet
1Mb / 6P
   R10 Series Panel Plug-in Relay
2-1393767-2 MACOM-2-1393767-2 Datasheet
1Mb / 6P
   R10 Series Panel Plug-in Relay
2-1393767-4 MACOM-2-1393767-4 Datasheet
1Mb / 6P
   R10 Series Panel Plug-in Relay
R10-E1Y2-J2.5K MACOM-R10-E1Y2-J2.5K Datasheet
1Mb / 6P
   R10 Series Panel Plug-in Relay
2-1393143-1 MACOM-2-1393143-1 Datasheet
1Mb / 6P
   R10 Series Panel Plug-in Relay
2-1393143-2 MACOM-2-1393143-2 Datasheet
1Mb / 6P
   R10 Series Panel Plug-in Relay
2-1393143-4 MACOM-2-1393143-4 Datasheet
1Mb / 6P
   R10 Series Panel Plug-in Relay
2-1393766-0 MACOM-2-1393766-0 Datasheet
1Mb / 6P
   R10 Series Panel Plug-in Relay
2-1393766-8 MACOM-2-1393766-8 Datasheet
1Mb / 6P
   R10 Series Panel Plug-in Relay
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com