Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALM-12124-TR1G Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # ALM-12124-TR1G
Description  50 Watt High Power SPDT Switch with LNA Module
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ALM-12124-TR1G Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  ALM-12124-TR1G Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ALM-12124-TR1G Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ALM-12124-TR1G Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ALM-12124-TR1G Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ALM-12124-TR1G Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ALM-12124-TR1G Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ALM-12124-TR1G Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ALM-12124-TR1G Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ALM-12124-TR1G Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
ALM-12124 Rx mode Typical Over-Temperature Performance
Figure 1. Ant Input Return Loss vs Frequency vs Temperature
Figure 2. LNA2 Output Return Loss vs Frequency vs Temperature
Figure 3. NF vs Frequency vs Temperature
Figure 4. Gain vs Frequency vs Temperature
Figure 5. Output IP3 vs Frequency vs Temperature
-26
-22
-18
-14
-10
1.8
1.9
2
2.1
2.2
Frequency (GHz)
25° C
85° C
-40° C
-30
-26
-22
-18
-14
-10
1.8
1.9
2
2.1
2.2
Frequency (GHz)
0.40
0.80
1.20
1.60
1.8
1.9
2
2.1
2.2
Frequency (GHz)
36
37
38
39
40
41
1.8
1.9
2
2.1
2.2
Frequency (GHz)
32
34
36
38
40
42
1.8
1.9
2
2.1
2.2
Frequency (GHz)
25° C
85° C
-40° C
25° C
85° C
-40° C
25° C
85° C
-40° C
25° C
85° C
-40° C


Similar Part No. - ALM-12124-TR1G

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ALM-12124 BOARDCOM-ALM-12124 Datasheet
299Kb / 12P
   1.88 GHz ??2.025 GHz 50 Watt High Power SPDT Switch with LNA Module
ALM-12124 BOARDCOM-ALM-12124 Datasheet
299Kb / 12P
   50 Watt High Power SPDT Switch with LNA Module
logo
AVAGO TECHNOLOGIES LIMI...
ALM-12124 AVAGO-ALM-12124_15 Datasheet
299Kb / 12P
   50 Watt High Power SPDT Switch with LNA Module
More results

Similar Description - ALM-12124-TR1G

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ALM-12124 AVAGO-ALM-12124_15 Datasheet
299Kb / 12P
   50 Watt High Power SPDT Switch with LNA Module
ALM-12224 AVAGO-ALM-12224 Datasheet
297Kb / 12P
   50 Watt High Power SPDT Switch with LNA Module
logo
Broadcom Corporation.
DEMO-ALM-12X24 BOARDCOM-DEMO-ALM-12X24 Datasheet
299Kb / 12P
   50 Watt High Power SPDT Switch with LNA Module
ALM-12224 BOARDCOM-ALM-12224 Datasheet
297Kb / 12P
   2.30 GHz ??2.40 GHz 50 Watt High Power SPDT Switch with LNA Module
ALM-12124 BOARDCOM-ALM-12124 Datasheet
299Kb / 12P
   1.88 GHz ??2.025 GHz 50 Watt High Power SPDT Switch with LNA Module
logo
TriQuint Semiconductor
QPB9324 TRIQUINT-QPB9324 Datasheet
608Kb / 8P
   High Power Switch LNA Module
logo
M/A-COM Technology Solu...
MAIA-011002 MA-COM-MAIA-011002 Datasheet
1Mb / 14P
   High Power Switch - LNA Module
logo
Qorvo, Inc
QPC9314 QORVO-QPC9314 Datasheet
1Mb / 11P
   High Power Switch LNA Module
QPB9325 QORVO-QPB9325 Datasheet
2Mb / 16P
   High Power Switch LNA Module
QPB9324 QORVO-QPB9324 Datasheet
1Mb / 12P
   High Power Switch LNA Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com