Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM74C174 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # MM74C174
Description  Hex D-Type Flip-Flop
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MM74C174 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  MM74C174 Datasheet HTML 1Page - Fairchild Semiconductor MM74C174 Datasheet HTML 2Page - Fairchild Semiconductor MM74C174 Datasheet HTML 3Page - Fairchild Semiconductor MM74C174 Datasheet HTML 4Page - Fairchild Semiconductor MM74C174 Datasheet HTML 5Page - Fairchild Semiconductor MM74C174 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
October 1987
Revised January 1999
© 1999 Fairchild Semiconductor Corporation
DS005899.prf
www.fairchildsemi.com
MM74C174
Hex D-Type Flip-Flop
General Description
The MM74C174 hex D-type flip-flop is a monolithic comple-
mentary MOS (CMOS) integrated circuit constructed with
N- and P-channel enhancement transistors. All have a
direct clear input. Information at the D inputs meeting the
setup time requirements is transferred to the Q outputs on
the positive-going edge of the clock pulse. Clear is inde-
pendent of clock and accomplished by a low level at the
clear input. All inputs are protected by diodes to VCC and
GND.
Features
s Wide supply voltage range:
3.0V to 15V
s Guaranteed noise margin: 1.0V
s High noise immunity: 0.45 VCC (typ.)
s Low power TTL compatibility:
Fan out of 2 driving 74L
Ordering Code:
Device also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering code.
Connection Diagram
Pin Assignments for DIP and SOIC
Top View
Truth Table
Order Number
Package Number
Package Description
MM74C174M
M16A
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150” Narrow
MM74C174N
N16E
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300” Wide
Inputs
Output
Clear
Clock
D
Q
LX
X
L
H
HH
H
LL
HL
X
Q


Similar Part No. - MM74C174

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM74C174 NSC-MM74C174 Datasheet
112Kb / 4P
   Hex D Flip-Flop
More results

Similar Description - MM74C174

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14174B ONSEMI-MC14174B_11 Datasheet
137Kb / 6P
   Hex Type D Flip-Flop
June, 2011 ??Rev. 7
MC14174B ONSEMI-MC14174B_13 Datasheet
143Kb / 6P
   Hex Type D Flip-Flop
May, 2013 ??Rev. 8
logo
Texas Instruments
CD74AC174 TI1-CD74AC174_14 Datasheet
833Kb / 14P
[Old version datasheet]   HEX D-TYPE FLIP-FLOP
logo
Fairchild Semiconductor
CD40174BC FAIRCHILD-CD40174BC Datasheet
58Kb / 7P
   Hex D-Type Flip-Flop 쨌 Quad D-Type Flip-Flop
logo
Hitachi Semiconductor
HD14174B HITACHI-HD14174B Datasheet
74Kb / 7P
   Hex D-type Flip Flop
logo
ON Semiconductor
MC14174B ONSEMI-MC14174B Datasheet
170Kb / 8P
   Hex Type D Flip-Flop
March, 2000 ??Rev. 3
logo
NXP Semiconductors
HEF40174B PHILIPS-HEF40174B Datasheet
62Kb / 5P
   Hex D-type flip-flop
January 1995
logo
ON Semiconductor
MC14174B_0008 ONSEMI-MC14174B_0008 Datasheet
95Kb / 8P
   Hex Type D Flip-Flop
August, 2000 ??Rev. 4
logo
Texas Instruments
CD40174B TI-CD40174B Datasheet
215Kb / 5P
[Old version datasheet]   CMOS HEX D-TYPE FLIP-FLOP
logo
Renesas Technology Corp
CD40174BMS RENESAS-CD40174BMS Datasheet
332Kb / 8P
   CMOS Hex ‘D’-Type Flip-Flop
Jan 13, 2017
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com