Selected language     English  ▼


4-1415400-1 Datasheet(PDF) 3 Page - Tyco Electronics

Part No. 4-1415400-1
Description  Miniature Power PCB RYII & RYII Reflow Solderable
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

   
 3 page
background image
04-2011, Rev. 0411
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
3
SCHRACK
General Purpose Relays
PCB Relays
Miniature Power PCB RYII & RYII Reflow Solderable (Continued)
Product code structure
Typical product code
RY
6
1
1
012
Type
RY Miniature Power PCB RYII & RYII reflow solderable
Version
2
pinning 3.2mm, flux proof
6
pinning 3.2mm, wash tight 2)
5
pinning 5mm, flux proof
A pinning 5mm, wash tight 2)
Contact arrangement
1
1 form C (1 CO), pinning 3.2mm
3
1 form A (1 NO), pinning 5mm
5
1 form B (1 NC), pinning 5mm
Contact material
1
AgNi 0.15
2
AgNi 0.15 gold plated
3
AgSnO2
Coil
Coil code: please refer to coil versions table
Version
Blank
Standard version
R
reflow-solderable
2) not available as reflow-solderable version
Soldering profile for
reflow-solderable version




Html Pages

1  2  3  4 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl