Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GB-2423.22 Datasheet(PDF) 7 Page - Roithner LaserTechnik GmbH

Part # GB-2423.22
Description  The specification covers the appearance and characteristics of 850nm Laser Diode used as light sorce
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

GB-2423.22 Datasheet(HTML) 7 Page - Roithner LaserTechnik GmbH

Back Button GB-2423.22 Datasheet HTML 3Page - Roithner LaserTechnik GmbH GB-2423.22 Datasheet HTML 4Page - Roithner LaserTechnik GmbH GB-2423.22 Datasheet HTML 5Page - Roithner LaserTechnik GmbH GB-2423.22 Datasheet HTML 6Page - Roithner LaserTechnik GmbH GB-2423.22 Datasheet HTML 7Page - Roithner LaserTechnik GmbH GB-2423.22 Datasheet HTML 8Page - Roithner LaserTechnik GmbH GB-2423.22 Datasheet HTML 9Page - Roithner LaserTechnik GmbH GB-2423.22 Datasheet HTML 10Page - Roithner LaserTechnik GmbH GB-2423.22 Datasheet HTML 11Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
03.08.2010
eld85npt5.doc
7 of 11
1.0
Ith, Iop, Vop,
η d, λ p, θ , θ ,Im
Not conforming to the specification
5-3-3 Appearance
AQL(%)
Failure judgment criteria
1.0
Parameters of stem and cap are not conforming the specification
rust
、cracking、dirt、bend
* Inspection is performed after blowing the window glass.
6 Supplements
6.1 ODS materials
This product shall not contain the following materials. Also the following materials shall not be used in
the production process for this product.
Materials for ODS:CFCs
、Halon,Carbon tetrachloride ,etc.
6.2 Brominated flame retardants
6.3 Packing
6.3.1 Packing method
(1) Laser diodes are packaged in an Anti-Static-plastic box.
(2) Each Anti-Static-plastic box can accommodate 100 laser diodes maximum.
(3) 5 Anti-Static-plastic box is piled up together and enlaced with an Elastic band.
(4) The above bound boxes are stuffed into a clean Anti-Static-bag ,then this is vacuumized and
sealed thermally.
(5) Each packing case can accommodate 500 laser diodes, which is the minimum unit of packing.
labels where the model number, quantity and lot number are printed are struck on both of the
bag and on the case
(refer to 6.3.4).
6.3.2 Packing materials
No.
Component parts
Material
1
Laser tray
Conductive polystyrene resin
2
Package bag
Anti-static plastic
3
Package box
cardboard
6.3.3 Case appearance


Similar Part No. - GB-2423.22

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
GB-2423.22 ROITHNER-GB-2423.22 Datasheet
204Kb / 10P
   Multi-Quanyum Well (MQW) Laser Diode
More results

Similar Description - GB-2423.22

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACTF46 ACT-ACTF46 Datasheet
733Kb / 7P
   This specification covers the characteristics of the following SAW Duplexer used for the cordless phones:
SEPT 04
logo
Roithner LaserTechnik G...
ELD98NPT50 ROITHNER-ELD98NPT50 Datasheet
1Mb / 7P
   the specification covers
logo
Delta Electronics, Inc.
DHS-B9292-04A DELTA-DHS-B9292-04A Datasheet
1Mb / 10P
   THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE HEATSINK
DHS-B9090-11A DELTA-DHS-B9090-11A Datasheet
1Mb / 10P
   THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE HEATSINK
logo
Tiger Electronic Co.,Lt...
LT10.7MS2 TGS-LT10.7MS2 Datasheet
460Kb / 8P
   This specification shall cover the characteristics of the ceramic
logo
Shoulder Electronics Li...
HDF280TS3 SHOULDER-HDF280TS3 Datasheet
213Kb / 8P
   This specification shall cover the characteristics of SAW filter F280TS3 used for the WLAN
logo
Delta Electronics, Inc.
AFB0648HH-A DELTA-AFB0648HH-A Datasheet
536Kb / 7P
   THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE FAN HEATSINK
AFB0724VH-AF00 DELTA-AFB0724VH-AF00 Datasheet
778Kb / 9P
   THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE FAN HEATSINK
AFB0812HH-T500 DELTA-AFB0812HH-T500 Datasheet
615Kb / 8P
   THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE FAN HEATSINK
AFB0824SHB DELTA-AFB0824SHB Datasheet
667Kb / 8P
   THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE FAN HEATSINK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com