Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1473005 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 1473005
Description  DDR1&DDR2 SODIMM SOCKET 0.6MM PITCH 200POS STANDARD PROFILE STANDARD TYPE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1473005 Datasheet(HTML) 2 Page - Tyco Electronics

  1473005 Datasheet HTML 1Page - Tyco Electronics 1473005 Datasheet HTML 2Page - Tyco Electronics 1473005 Datasheet HTML 3Page - Tyco Electronics 1473005 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image


Similar Part No. - 1473005

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1473074 MACOM-1473074 Datasheet
2Mb / 43P
   AMP Dynamic Series Connectors
More results

Similar Description - 1473005

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1612618-1 MACOM-1612618-1 Datasheet
365Kb / 4P
   DDR1 DDR2 SODIMM SOCKET 0.6mm PITCH 200POS 9.2mm HEIGHT STANDARD TYPE
1612618-4 MACOM-1612618-4 Datasheet
365Kb / 4P
   DDR1 DDR2 SODIMM SOCKET 0.6MM PITCH 200POS 9.2MM HEIGHT STANDARD TYPE
1473149-4 MACOM-1473149-4 Datasheet
373Kb / 4P
   DDR1 & DDR2 SODIMM SOCKET 0.6mm PITCH 200POS STANDARD PROFILE STANDARD TYPE (NEW LATCH TYPE)
1747407-4 MACOM-1747407-4 Datasheet
433Kb / 4P
   DDR1 DDR2 SODIMM SOCKET 0.6MM PITCH 200POS 8MM HEIGHT STANDARD TYPE (LATCH DIRECT SOLDERING TYPE)
1565917-4 MACOM-1565917-4 Datasheet
89Kb / 1P
   EMBOSS ASSEMBLY DDR1 DDR2 SODIMM SOCKET 200P STANDARD PROFILE STANDARD TYPE
1565918-4 MACOM-1565918-4 Datasheet
91Kb / 1P
   EMBOSS ASSEMBLY DDR1 & DDR2 SODIMM SOCKET 200P STANDARD PROFILE REVERSE TYPE
2-2013022-1 MACOM-2-2013022-1 Datasheet
469Kb / 6P
   DDR3 SODIMM SOCKET 0.6MM PITCH 204POS 4MM HEIGHT STANDARD TYPE
1652263 MACOM-1652263 Datasheet
469Kb / 6P
   DDR3 SODIMM SOCKET 0.6mm PITCH 204POS
logo
Micron Technology
MT16HTS25664HY MICRON-MT16HTS25664HY Datasheet
331Kb / 14P
   DDR2 SDRAM SODIMM
2006
MT8HTF6464HDY MICRON-MT8HTF6464HDY Datasheet
370Kb / 19P
   DDR2 SDRAM SODIMM
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com