Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BPC-9210-H Datasheet(PDF) 1 Page - BOSER Technology Co., Ltd

Part # BPC-9210-H
Description  10.4 Panel PC with Touch Screen, V4 Eden, 2 COM, 4 USB, 12V DC Adapter
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSER [BOSER Technology Co., Ltd]
Direct Link  http://www.boser.com.tw
Logo BOSER - BOSER Technology Co., Ltd

BPC-9210-H Datasheet(HTML) 1 Page - BOSER Technology Co., Ltd

  BPC-9210-H Datasheet HTML 1Page - BOSER Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
All specifications and photos are subject to change without notice. #201107
www.boser.com.tw
» Aluminum front panel design
» 10.4" TFT color panel display w/touch screen
» VIA V4 Eden processor
» VGA, dual Ethernet, Audio port
» 1 x 2.5" HDD space
» 1 x CF socket
» 2 x COM port, 4 x USB2.0 port
» 12V DC Adapter
» 1 x 4cm ball bearing cooling fan
» Option for Wireless LAN module
» Option for open frame type
LCD
Size: 10.4"
Max. Resolution: 800 x 600 pixels
Brightness: 230 cd/m²
Contrast Ratio: 500:1
Max. Color: 26.2K colors
Pixel Pitch: 0.264 x 0.264 mm
Touch Screen
10.4" resistive
SBC
HS-2622
CPU
VIA V4 Eden processor 1GHz
System Chipset
VIA CX700(M)
System Memory
1 x 200-pin SO-DIMM, DDR2 533MHz, Max. 1GB
Display Interface:
1 x D-SUB 15-pin
Audio Interface
Audio jack for MIC In, Line Out, Line In
Ethernet Interface
2 x RJ-45 for Ethernet
1 x USB wireless LAN module (option)
Storage
1 x 2.5” HDD space
1 x Type II CF socket
Watchdog Timer
Software programmable time-out intervals from
1~255 sec. or 1~255 min.
H/W Status Monitor
Monitoring temperatures, voltages, and cooling fan
status
Thermal System
1 x 4cm ball bearing cooling fan
Power
12V 84W DC adapter
Operating/Storage Temperature
0~50ºC/-20~+70ºC
Certification
FCC/CE Class A compliance
IP65 front panel protection compliance
Dimensions
29.2(L) x 22.6(H) x 8.7(W) cm
Cut Out Size
26.2(L) x 20.0(H) cm
10.4” Panel PC with Touch Screen, V4 Eden, 2 COM, 4 USB, 12V DC Adapter
BPC-9210-H
10.4” Panel PC w/Touch Screen, Eden 1GHz CPU,
2 COM, 4 USB, 12V DC Adapter
OPC-9210-H
10.4” Open Frame Panel PC w/Touch Screen, Eden
1GHz CPU, 2 COM, 4 USB, 12V DC Adapter
Accessory Options
Table Top Metal Stand, Memory Module, CF Module,
Wireless LAN Module, 2.5” SATA HDD
BPC-9210-H
System
I/O Interface
Ordering Information
Features
Dimensions (unit:cm)
15.0
10.0
29.2
23.0
1.7
1.4
25.8
8.7
1.76
DC Adapter
CRT
ON/OFF
WLAN ANT
KB/MS
CF
COM
Audio
COM
2xRJ-45
4xUSB


Similar Part No. - BPC-9210-H

ManufacturerPart #DatasheetDescription
logo
BOSER Technology Co., L...
BPC-9212-F BOSER-BPC-9212-F Datasheet
643Kb / 1P
   12.1 Panel PC with Touch Screen, Atom N550, 2 COM, 4 USB, 12V DC Adapter
BPC-9212-Q BOSER-BPC-9212-Q Datasheet
270Kb / 1P
   12.1 Panel PC with Touch Screen, Core Duo, 4 COM, 6 USB, 12V DC Adapter
BPC-9215-C BOSER-BPC-9215-C Datasheet
624Kb / 1P
   15 Panel PC with Touch Screen, P-M/C-M, 6 COM, 6 USB, 180W ATX P/S
BPC-9215-F BOSER-BPC-9215-F Datasheet
240Kb / 1P
   15 Panel PC with Touch Screen, Atom N550, 2 COM, 4 USB, 180W ATX P/S
BPC-9215-K BOSER-BPC-9215-K Datasheet
243Kb / 1P
   15 Panel PC with Touch Screen, T56N, 1 COM, 8 USB, 180W ATX P/S
More results

Similar Description - BPC-9210-H

ManufacturerPart #DatasheetDescription
logo
BOSER Technology Co., L...
BPC-9208-H BOSER-BPC-9208-H Datasheet
256Kb / 1P
   8.4 Panel PC with Touch Screen, V4 Eden, 2 COM, 4 USB, 12V DC Adapter
BPF-3012-E BOSER-BPF-3012-E Datasheet
352Kb / 1P
   12.1 Fanless Panel PC with Touch Screen, V4 Eden, 4 COM, 4 USB, 12V DC Adapter
BPF-3017-E BOSER-BPF-3017-E Datasheet
324Kb / 1P
   17 Fanless Panel PC with IR Touch Screen, V4 Eden, 4 COM, 2 USB, 12V DC Adapter
BPC-9212-F BOSER-BPC-9212-F Datasheet
643Kb / 1P
   12.1 Panel PC with Touch Screen, Atom N550, 2 COM, 4 USB, 12V DC Adapter
BPC-9212-Q BOSER-BPC-9212-Q Datasheet
270Kb / 1P
   12.1 Panel PC with Touch Screen, Core Duo, 4 COM, 6 USB, 12V DC Adapter
BPC-9317-O BOSER-BPC-9317-O Datasheet
638Kb / 1P
   17 High Brightness Panel PC with Touch Screen, Core 2 Duo, 4 COM, 6 USB, 12V DC Adapter
BPF-3217-Y BOSER-BPF-3217-Y Datasheet
733Kb / 1P
   17 Fanless Panel PC with Touch Screen, V4 Eden, 2W Stereo Speaker
BPF-3219-Y BOSER-BPF-3219-Y Datasheet
672Kb / 1P
   19 Fanless Panel PC with Touch Screen, V4 Eden, 2W Stereo, TV-out
BPC-9215-F BOSER-BPC-9215-F Datasheet
240Kb / 1P
   15 Panel PC with Touch Screen, Atom N550, 2 COM, 4 USB, 180W ATX P/S
BPC-9217-Z BOSER-BPC-9217-Z Datasheet
578Kb / 1P
   17 Panel PC with Touch Screen, Core 2 Duo, 4 COM, 4 USB, 180W ATX P/S
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com