Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM74C373N Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # MM74C373N
Description  3-STATE Octal D-Type Latch . 3-STATE Octal D-Type Flip-Flop
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MM74C373N Datasheet(HTML) 1 Page - Fairchild Semiconductor

  MM74C373N Datasheet HTML 1Page - Fairchild Semiconductor MM74C373N Datasheet HTML 2Page - Fairchild Semiconductor MM74C373N Datasheet HTML 3Page - Fairchild Semiconductor MM74C373N Datasheet HTML 4Page - Fairchild Semiconductor MM74C373N Datasheet HTML 5Page - Fairchild Semiconductor MM74C373N Datasheet HTML 6Page - Fairchild Semiconductor MM74C373N Datasheet HTML 7Page - Fairchild Semiconductor MM74C373N Datasheet HTML 8Page - Fairchild Semiconductor MM74C373N Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
© 2004 Fairchild Semiconductor Corporation
DS005906
www.fairchildsemi.com
October 1987
Revised January 2004
MM74C373 • MM74C374
3-STATE Octal D-Type Latch •
3-STATE Octal D-Type Flip-Flop
General Description
The MM74C373 and MM74C374 are integrated, comple-
mentary MOS (CMOS), 8-bit storage elements with 3-
STATE outputs. These outputs have been specially
designed to drive high capacitive loads, such as one might
find when driving a bus, and to have a fan out of 1 when
driving standard TTL. When a high logic level is applied to
the OUTPUT DISABLE input, all outputs go to a high
impedance state, regardless of what signals are present at
the other inputs and the state of the storage elements.
The MM74C373 is an 8-bit latch. When LATCH ENABLE is
high, the Q outputs will follow the D inputs. When LATCH
ENABLE goes low, data at the D inputs, which meets the
set-up and hold time requirements, will be retained at the
outputs until LATCH ENABLE returns high again.
The MM74C374 is an 8-bit, D-type, positive-edge triggered
flip-flop. Data at the D inputs, meeting the set-up and hold
time requirements, is transferred to the Q outputs on posi-
tive-going transitions of the CLOCK input.
Both the MM74C373 and the MM74C374 are being assem-
bled in 20-pin dual-in-line packages with 0.300” pin cen-
ters.
Features
s Wide supply voltage range:
3V to 15V
s High noise immunity: 0.45 VCC (typ.)
s Low power consumption
s TTL compatibility:
Fan out of 1driving standard TTL
s Bus driving capability
s 3-STATE outputs
s Eight storage elements in one package
s Single CLOCK/LATCH ENABLE and OUTPUT DIS-
ABLE control inputs
s 20-pin dual-in-line package with 0.300” centers takes
half the board space of a 24-pin package
Ordering Code:
Note 1: Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Order Number
Package Number
Package Description
MM74C373M
(Note 1)
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide
MM74C373N
N20A
20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide
MM74C374N
N20A
20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide


Similar Part No. - MM74C373N

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM74C373 NSC-MM74C373 Datasheet
170Kb / 8P
   Octal D-Type Latch Octal D-Type Flip-Flop
More results

Similar Description - MM74C373N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74HCT373 FAIRCHILD-MM74HCT373 Datasheet
108Kb / 9P
   3-STATE Octal D-Type Latch . 3-STATE Octal D-Type Flip-Flop
MM74HCT373 FAIRCHILD-MM74HCT373_05 Datasheet
122Kb / 10P
   3-STATE Octal D-Type Latch 3-STATE Octal D-Type Flip-Flop
logo
ON Semiconductor
MM74HCT573 ONSEMI-MM74HCT573 Datasheet
222Kb / 11P
   Octal D-Type Latch ??3-STATE Octal D-Type Flip-Flop
Revised May 2005
logo
Fairchild Semiconductor
MM74HCT573 FAIRCHILD-MM74HCT573_05 Datasheet
114Kb / 9P
   Octal D-Type Latch - 3-STATE Octal D-Type Flip-Flop
MM74HCT573 FAIRCHILD-MM74HCT573 Datasheet
98Kb / 8P
   Octal D-Type Latch 3-STATE Octal D-Type Flip-Flop
logo
ON Semiconductor
MM74HC374 ONSEMI-MM74HC374 Datasheet
209Kb / 10P
   3-STATE Octal D-Type Flip-Flop
Revised May 2005
logo
Integral Corp.
IN74VHCT374 INTEGRAL-IN74VHCT374 Datasheet
309Kb / 8P
   Octal D-type flip-flop (3-state)
logo
KODENSHI_AUK CORP.
KK74VHCT374 KODENSHI-KK74VHCT374 Datasheet
324Kb / 8P
   Octal D-type flip-flop (3-state)
logo
IK Semicon Co., Ltd
IN74VHCT374 IKSEMICON-IN74VHCT374 Datasheet
312Kb / 8P
   Octal D-type flip-flop (3-state)
logo
Texas Instruments
CD74AC574M TI-CD74AC574M Datasheet
1Mb / 17P
[Old version datasheet]   Octal D-Type Flip-Flop, 3-State
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com