Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WRB2409YES-1W Datasheet(PDF) 2 Page - Microdc power Technology Co., Ltd

Part # WRB2409YES-1W
Description  Wide Input,Isolated&Regulated Single Output SIP12 DC-DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

WRB2409YES-1W Datasheet(HTML) 2 Page - Microdc power Technology Co., Ltd

  WRB2409YES-1W Datasheet HTML 1Page - Microdc power Technology Co., Ltd WRB2409YES-1W Datasheet HTML 2Page - Microdc power Technology Co., Ltd WRB2409YES-1W Datasheet HTML 3Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
WR
WRB-
B-Y
YE
ES-
S-1
1W
W
WRB
WRB--Y
YE
ES-
S-2
2W
W
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 2 of 3
TEMPERATURE
TEMPERATURE CHARACTERISTICS
CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Storage humidity range
95
%
NO-load power consumption
120
°C
Operating temperature
-25
71
°C
Storage temperature
-55
125
°C
Lead temperature
1.5mm from case for 10 seconds
300
°C
Temp.rise at full load
15
35
°C
Cooling
Free air convection
Case material
Non-Conductive Plastic(UL94-V0)
Short circuit protection
*
Continuous,automatic recovery
MTBF
1000
K hours
Weight
6.6
g
*Supply voltage must be discontinued at the end of short circuit duration.
ISOLATION
ISOLATION SPECIFICATIONS
SPECIFICATIONS
Parameter
Test conditions
Min.
Typ.
Max.
Units
Isolation test voltage
Flash tested for 1 minute and 1mA max
1500
VDC
Isolation resistance
Test at Viso=500VDC
1000
Isolation capacitance
100KHz,1v
35
80
pF
APPLICATION
APPLICATION NOTE
NOTE
SIZE Graph
1) Recommended circuit
If you want to further decrease the input/output ripple, an ”LC” filtering network may be connected to the input and output
ends of the DC/DC converter, see (Figure 1). Lin However, the capacitance of the output filter capacitor must be proper. If
the capacitance is too big, a startup problem might arise. For every channel of output, provided the safe and reliable
operation is ensured, the greatest capacitance of its filter capacitor sees (Table 1). General:
Cin:
5V,12V
100PF
24V,48V
10uF
Cout:
47PF(typ.)
Lin:
4.7PH ~120PH
Lout:
2.2PH ~10PH
2) Input current
While using unstable power source, please ensure the output voltage and ripple voltage do not exceed indexes of the
converter. The preceding power source must be able to provide for converter sufficient starting current Ip.
General: Ip≤1.4*Iin-max
3) No parallel connection or plug and play
TYPICAL
TYPICAL CHARACTERISTICS
CHARACTERISTICS
Temperature Derating Graph
RECOMMENDED
RECOMMENDED CIRCUIT
CIRCUIT
OUTPUT GRAPH
SIMPLIFIED SCHEMATIC
TYPICAL APPLICATIONS
EXTERNAL CAPACITOR TABLE (TABLE 1)
Single
Single Vout
Vout
Cout
Cout
(VDC)
(μF)
5
680
9
560
12
470
15
330
IINPUT
NPUT S
SPECIFICATIONS
PECIFICATIONS
Parameter
conditions
Input voltage
2:1 input range
Input filter
Pi network


Similar Part No. - WRB2409YES-1W

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
WRB2409YD-2W MICRODC-WRB2409YD-2W Datasheet
484Kb / 3P
   2W, WIDE INPUT, ISOLATED & REGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
WRB2409YD-4W MICRODC-WRB2409YD-4W Datasheet
783Kb / 3P
   4W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WRB2409YDK-3W MICRODC-WRB2409YDK-3W Datasheet
476Kb / 4P
   3W,Wide Input,ISOLATED®ULATEDSINGLEOUTPUT DC/DCConverters
WRB2409YDV-3W MICRODC-WRB2409YDV-3W Datasheet
748Kb / 3P
   3W,WIDE INPUT, ISOLATED & REGULATED DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
WRB2409YMD-10W MICRODC-WRB2409YMD-10W Datasheet
766Kb / 3P
   2:1WIDEINPUT,ISOLATED®ULATED Dual/SingleOutputDC/DCConverter
More results

Similar Description - WRB2409YES-1W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
VRB2412LD-40WHR3 MORNSUN-VRB2412LD-40WHR3 Datasheet
825Kb / 5P
   40W, Wide input, isolated & regulated single output DC/DC converter
logo
GAPTEC Electronic GmbH ...
75QBW4 GAPTEC-75QBW4 Datasheet
3Mb / 7P
   75W - Single Output DC-DC Converter - Wide Input - Isolated & Regulated
1D8W GAPTEC-1D8W Datasheet
1Mb / 4P
   1W - Single Output DC-DC Converter - Wide Input - Isolated & Regulated
3T8W GAPTEC-3T8W Datasheet
1Mb / 4P
   3W - Single Output DC-DC Converter - Wide Input - Isolated & Regulated
3T14W4 GAPTEC-3T14W4 Datasheet
1Mb / 4P
   3W - Single Output DC-DC Converter - Wide Input - Isolated & Regulated
1T8W GAPTEC-1T8W Datasheet
1Mb / 4P
   1W - Single Output DC-DC Converter - Wide Input - Isolated & Regulated
logo
MORNSUN Science& Techno...
URB2403LD-20W MORNSUN-URB2403LD-20W Datasheet
424Kb / 3P
   ULTRA WIDE INPUT , ISOLATED & REGULATED SINGLE OUTPUT DC-DC CONVERTER
VRB2403LD-30WR3 MORNSUN-VRB2403LD-30WR3 Datasheet
2Mb / 8P
   30W, Wide input, isolated & regulated single output DC/DC converter
logo
GAPTEC Electronic GmbH ...
3D8W GAPTEC-3D8W Datasheet
1Mb / 4P
   3W - Single Output DC-DC Converter - Wide Input - Isolated & Regulated
75HBW4 GAPTEC-75HBW4 Datasheet
684Kb / 2P
   75W - Single Output DC-DC Converter - Wide Input - Isolated & Regulated
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com