Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMMP-5618-BLK Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # AMMP-5618-BLK
Description  6??0 GHz General Purpose Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AMMP-5618-BLK Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  AMMP-5618-BLK Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AMMP-5618-BLK Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AMMP-5618-BLK Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AMMP-5618-BLK Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AMMP-5618-BLK Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AMMP-5618-BLK Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AMMP-5618-BLK Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AMMP-5618
6–20 GHz General Purpose Amplifier
Data Sheet
Description
Avago’s AMMP-5618 is a high power, medium gain
amplifier that operates from 6 GHz to 20 GHz. The
amplifier is designed to be an easy-to-use component
for any surface mount PCB application. In communication
systems, it can be used as a LO buffer, or as a transmit
driver amplifier. During typical operation with a single
5V supply, each gain stage is biased for Class-A operation
for optimal power output with minimal distortion. The
amplifier has integrated 50Ω I/O match, DC blocking,
self-bias and choke to eliminate complex tuning and
assembly processes typically required by hybrid (discrete-
FET) amplifiers. The package is fully SMT compatible with
backside grounding and I/O to simplify assembly.
Note: These devices are ESD sensitive. The following pre-
cautions are strongly recommended. Ensure that an ESD
approved carrier is used when dice are transported from
one destination to another. Personal grounding is to be
worn at all times when handling these devices.
Features
• 5x 5 mm surface mount package
• Broad band performance 6–20 GHz
• High +19 dBm output power
• Medium 13 dB typical gain
• 50Ω input and output match
• Single 5V (107 mA) supply bias
Applications
• Microwave radio systems
• Satellite VSAT
• Commercial grade military
Attention: Observe precautions for
handling electrostatic sensitive devices.
ESD Machine Model (Class A) = 50V
ESD Human Body Model (Class 0) = 150V
Refer to Avago Application Note A004R:
Electrostatic Discharge Damage and Control.
Package Diagram
Functional Block Diagram
4
3
2
1
5
6
7
8
1
2
3
7
5
6
4
8
RF IN
NC
NC
NC
RF OUT
NC
Vd
NC
Pin
Function
1
NC
2
Vd
3
NC
4
RF_out
5
NC
6
NC
7
NC
8
RF_in


Similar Part No. - AMMP-5618-BLK

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
AMMP-5618-BLK HP-AMMP-5618-BLK Datasheet
241Kb / 9P
   6-20 GHz General Purpose Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-5618-BLK AVAGO-AMMP-5618-BLK Datasheet
234Kb / 9P
   6-20 GHz General Purpose Amplifier
AMMP-5618-BLK AVAGO-AMMP-5618-BLK Datasheet
118Kb / 2P
   Refer to Appendix A
logo
Broadcom Corporation.
AMMP-5618-BLK BOARDCOM-AMMP-5618-BLK Datasheet
397Kb / 7P
   6??0 GHz General Purpose Amplifier
More results

Similar Description - AMMP-5618-BLK

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-5618 AVAGO-AMMP-5618_15 Datasheet
397Kb / 7P
   6??0 GHz General Purpose Amplifier
logo
Broadcom Corporation.
AMMP-5618 BOARDCOM-AMMP-5618 Datasheet
397Kb / 7P
   6??0 GHz General Purpose Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-5618 AVAGO-AMMP-5618 Datasheet
234Kb / 9P
   6-20 GHz General Purpose Amplifier
logo
Agilent(Hewlett-Packard...
AMMP-5618 HP-AMMP-5618 Datasheet
241Kb / 9P
   6-20 GHz General Purpose Amplifier
logo
Skyworks Solutions Inc.
SKY65014-214LF SKYWORKS-SKY65014-214LF Datasheet
338Kb / 5P
   InGaP General Purpose Amplifier LF-6 GHz
SKY65015-214LF SKYWORKS-SKY65015-214LF Datasheet
334Kb / 5P
   InGaP General-Purpose Amplifier LF-6 GHz
SKY65013-214LF SKYWORKS-SKY65013-214LF Datasheet
343Kb / 5P
   InGaP General-Purpose Amplifier LF-6 GHz
SKY65016-214LF SKYWORKS-SKY65016-214LF Datasheet
341Kb / 5P
   InGaP General-Purpose Amplifier LF-3 GHz
logo
Qorvo, Inc
TGA2731-SM QORVO-TGA2731-SM Datasheet
616Kb / 15P
   2.7??.0 GHz Driver Amplifier
Julyl 2019
logo
Agilent(Hewlett-Packard...
ATF-21186 HP-ATF-21186 Datasheet
75Kb / 8P
   0.5-6 GHz General Purpose Gallium Arsenide FET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com