Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMMP-5620-BLKG Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # AMMP-5620-BLKG
Description  6 ??20 GHz High Gain Amplifier in SMT Package
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AMMP-5620-BLKG Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

  AMMP-5620-BLKG Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AMMP-5620-BLKG Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AMMP-5620-BLKG Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AMMP-5620-BLKG Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AMMP-5620-BLKG Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AMMP-5620-BLKG Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AMMP-5620-BLKG Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Package Dimension, PCB Layout and Tape and Reel information
Please refer to Avago Technologies Application Note 5520, AMxP-xxxx production Assembly Process (Land Pattern A).
Part Number Ordering Information
Part Number
Devices per
Container
Container
AMMP-5620-BLKG
10
Antistatic Bag
AMMP-5620-TR1G
100
7” Reel
AMMP-5620-TR2G
500
7” Reel
For product information and a complete list of distributors, please go to our web site:
www.avagotech.com
Avago, Avago Technologies, and the A logo are trademarks of Avago Technologies in the United States and other countries.
Data subject to change. Copyright © 2005-2013 Avago Technologies. All rights reserved. Obsoletes AV01-0585EN
AV02-0513EN - July 16, 2013
Typical Scattering Parameters
Please refer to <http://www.avagotech.com> for typical scattering parameters data.


Similar Part No. - AMMP-5620-BLKG

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-5620-BLKG AVAGO-AMMP-5620-BLKG Datasheet
524Kb / 12P
   6 20 GHz High Gain Amplifier in SMT Package
AMMP-5620-BLKG AVAGO-AMMP-5620-BLKG Datasheet
118Kb / 2P
   Refer to Appendix A
logo
Broadcom Corporation.
AMMP-5620-BLKG BOARDCOM-AMMP-5620-BLKG Datasheet
201Kb / 7P
   6 ??20 GHz High Gain Amplifier in SMT Package
More results

Similar Description - AMMP-5620-BLKG

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-5620 AVAGO-AMMP-5620_15 Datasheet
201Kb / 7P
   6 ??20 GHz High Gain Amplifier in SMT Package
AMMP-5620 AVAGO-AMMP-5620 Datasheet
524Kb / 12P
   6 20 GHz High Gain Amplifier in SMT Package
logo
Broadcom Corporation.
AMMP-5620 BOARDCOM-AMMP-5620 Datasheet
201Kb / 7P
   6 ??20 GHz High Gain Amplifier in SMT Package
logo
Agilent(Hewlett-Packard...
HMMC-5620 HP-HMMC-5620 Datasheet
130Kb / 6P
   6-20 GHz High-Gain Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-5620 AVAGO-AMMC-5620 Datasheet
589Kb / 8P
   6 - 20 GHz High Gain Amplifier
logo
Broadcom Corporation.
AMMC-5620 BOARDCOM-AMMC-5620 Datasheet
599Kb / 8P
   6 - 20 GHz High Gain Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-5620 AVAGO-AMMC-5620_15 Datasheet
599Kb / 8P
   6 - 20 GHz High Gain Amplifier
VMMK-3603 AVAGO-VMMK-3603 Datasheet
926Kb / 10P
   1 - 6 GHz Positive Gain Slope Low Noise Amplifier in SMT Package
logo
Broadcom Corporation.
VMMK-3603 BOARDCOM-VMMK-3603 Datasheet
926Kb / 10P
   1 - 6 GHz Positive Gain Slope Low Noise Amplifier in SMT Package
logo
AVAGO TECHNOLOGIES LIMI...
VMMK-3603 AVAGO-VMMK-3603_15 Datasheet
926Kb / 10P
   1 - 6 GHz Positive Gain Slope Low Noise Amplifier in SMT Package
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com