Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMMP-5620-TR2G Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # AMMP-5620-TR2G
Description  6 ??20 GHz High Gain Amplifier in SMT Package
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AMMP-5620-TR2G Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  AMMP-5620-TR2G Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AMMP-5620-TR2G Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AMMP-5620-TR2G Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AMMP-5620-TR2G Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AMMP-5620-TR2G Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AMMP-5620-TR2G Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AMMP-5620-TR2G Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Electrical Specifications
1. Small/large signal data measured in a fully de-embedded test fixture at TA = 25 degree Celsius.
2. Specifications are derived from measurements in a 50 Ohm test environment. Aspects of the amplifier performance
may be improved over a narrower bandwidth by application of additional conjugate, linearity, or low noise matching.
3. All tested parameters guaranteed with measurement accuracy ± 0.5 dB for NF and ± 1.0 dB for gain.
Table 1. RF Electrical Characteristics (TA=25°C, Freq=18GHz, Vd=5.0V, Idq=95mA)
Parameter
Min
Typ.
Max
Unit
Small-signal Gain, Gain
15.5
17.5
19.5
dB
Noise Figure, NF
5.1
7.0
dB
Output Power at 1dB Gain Compression, P1dB
14.8
dBm
Third Order Intercept Point, OIP3
22.5
dBm
Input Return Loss, RLin
11.5
dB
Output Return Loss, RLout
11.6
dB
Reverse Isolation, Isolation
-43.0
dB
Table 2. Recommended Operating Range
Description
Min.
Typical
Max.
Unit
Drain Supply Voltage, Vd
5
V
Drain Supply Current, Id
70
95
130
mA
Notes:
1. Ambient operation temperature TA = 25°C unless otherwise noted.
2. Channel-to-board Thermal Resistance is measured using Infrared Microscopy method.
Table 3. Thermal Properties
Parameter
Test Conditions
Value
Thermal Resistance,
θjc
θjc = 28 °C/W
Note: Channel-to-board Thermal Resistance is measured using Infrared Microscopy method.
Absolute Minimum and Maximum Ratings
Table 4. Minimum and Maximum Ratings
Description
Min.
Max.
Unit
Comments
Drain Supply Voltage, Vd
7.5
V
Total Drain Current, Id
135
mA
RF Input Power, Pin
20
dBm
CW
Power Dissipation, Pd
1.0
W
Channel Temperature, Tch
+150
°C
Storage Temperature, Tstg
-65
+150
°C
Maximum Assembly Temperature, Tmax
+260
°C
Notes:
1. Operation in excess of any one of these conditions may result in permanent damage to this device. The absolute maximum ratings for Vd, Id, Pd
and Pin were determined at an ambient temperature of 25°C unless noted otherwise.


Similar Part No. - AMMP-5620-TR2G

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-5620-TR2G AVAGO-AMMP-5620-TR2G Datasheet
524Kb / 12P
   6 20 GHz High Gain Amplifier in SMT Package
AMMP-5620-TR2G AVAGO-AMMP-5620-TR2G Datasheet
118Kb / 2P
   Refer to Appendix A
logo
Broadcom Corporation.
AMMP-5620-TR2G BOARDCOM-AMMP-5620-TR2G Datasheet
201Kb / 7P
   6 ??20 GHz High Gain Amplifier in SMT Package
More results

Similar Description - AMMP-5620-TR2G

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-5620 AVAGO-AMMP-5620_15 Datasheet
201Kb / 7P
   6 ??20 GHz High Gain Amplifier in SMT Package
AMMP-5620 AVAGO-AMMP-5620 Datasheet
524Kb / 12P
   6 20 GHz High Gain Amplifier in SMT Package
logo
Broadcom Corporation.
AMMP-5620 BOARDCOM-AMMP-5620 Datasheet
201Kb / 7P
   6 ??20 GHz High Gain Amplifier in SMT Package
logo
Agilent(Hewlett-Packard...
HMMC-5620 HP-HMMC-5620 Datasheet
130Kb / 6P
   6-20 GHz High-Gain Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-5620 AVAGO-AMMC-5620 Datasheet
589Kb / 8P
   6 - 20 GHz High Gain Amplifier
logo
Broadcom Corporation.
AMMC-5620 BOARDCOM-AMMC-5620 Datasheet
599Kb / 8P
   6 - 20 GHz High Gain Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-5620 AVAGO-AMMC-5620_15 Datasheet
599Kb / 8P
   6 - 20 GHz High Gain Amplifier
VMMK-3603 AVAGO-VMMK-3603 Datasheet
926Kb / 10P
   1 - 6 GHz Positive Gain Slope Low Noise Amplifier in SMT Package
logo
Broadcom Corporation.
VMMK-3603 BOARDCOM-VMMK-3603 Datasheet
926Kb / 10P
   1 - 6 GHz Positive Gain Slope Low Noise Amplifier in SMT Package
logo
AVAGO TECHNOLOGIES LIMI...
VMMK-3603 AVAGO-VMMK-3603_15 Datasheet
926Kb / 10P
   1 - 6 GHz Positive Gain Slope Low Noise Amplifier in SMT Package
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com