Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMMP-5620-TR2G Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # AMMP-5620-TR2G
Description  6 ??20 GHz High Gain Amplifier in SMT Package
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AMMP-5620-TR2G Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  AMMP-5620-TR2G Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AMMP-5620-TR2G Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AMMP-5620-TR2G Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AMMP-5620-TR2G Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AMMP-5620-TR2G Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AMMP-5620-TR2G Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AMMP-5620-TR2G Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
Figure 1. Gain
Figure 2. Isolation
Figure 5. Noise Figure
Figure 6. P1dB
Figure 3. Input Return Loss
Figure 4. Output Return Loss
Figure 7. Pout and Id vs. Pin
Selected performance plots
All data measured on at Vd = 5V, Id = 95mA, Ta = 25
°C, and 50 Ω at all ports.
Note: These measurements are obtained using demo board with 50 Ohm traces at input and output. Aspects of the amplifier performance may be
improved over a narrower bandwidth by application of additional conjugate, linearity or low noise matching.
0
4
8
12
16
20
4
7
10
13
16
19
22
Frequency (GHz)
-70
-60
-50
-40
-30
-20
-10
0
4
7
10
13
16
19
22
Frequency (GHz)
-40
-30
-20
-10
0
4
7
10
13
16
19
22
Frequency (GHz)
-35
-30
-25
-20
-15
-10
-5
0
4
7
10
13
16
19
22
Frequency (GHz)
0
1
2
3
4
5
6
7
8
4
7
10
13
16
19
22
Frequency (GHz)
0
4
8
12
16
20
4
7
10
13
16
19
22
Frequency (GHz)
-10
-5
0
5
10
15
20
-20
-15
-10
-5
0
5
10
Pin (dBm)
90
95
100
105
110
115
120
18 GHz
13 GHz
7 GHz


Similar Part No. - AMMP-5620-TR2G

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-5620-TR2G AVAGO-AMMP-5620-TR2G Datasheet
524Kb / 12P
   6 20 GHz High Gain Amplifier in SMT Package
AMMP-5620-TR2G AVAGO-AMMP-5620-TR2G Datasheet
118Kb / 2P
   Refer to Appendix A
logo
Broadcom Corporation.
AMMP-5620-TR2G BOARDCOM-AMMP-5620-TR2G Datasheet
201Kb / 7P
   6 ??20 GHz High Gain Amplifier in SMT Package
More results

Similar Description - AMMP-5620-TR2G

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-5620 AVAGO-AMMP-5620_15 Datasheet
201Kb / 7P
   6 ??20 GHz High Gain Amplifier in SMT Package
AMMP-5620 AVAGO-AMMP-5620 Datasheet
524Kb / 12P
   6 20 GHz High Gain Amplifier in SMT Package
logo
Broadcom Corporation.
AMMP-5620 BOARDCOM-AMMP-5620 Datasheet
201Kb / 7P
   6 ??20 GHz High Gain Amplifier in SMT Package
logo
Agilent(Hewlett-Packard...
HMMC-5620 HP-HMMC-5620 Datasheet
130Kb / 6P
   6-20 GHz High-Gain Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-5620 AVAGO-AMMC-5620 Datasheet
589Kb / 8P
   6 - 20 GHz High Gain Amplifier
logo
Broadcom Corporation.
AMMC-5620 BOARDCOM-AMMC-5620 Datasheet
599Kb / 8P
   6 - 20 GHz High Gain Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-5620 AVAGO-AMMC-5620_15 Datasheet
599Kb / 8P
   6 - 20 GHz High Gain Amplifier
VMMK-3603 AVAGO-VMMK-3603 Datasheet
926Kb / 10P
   1 - 6 GHz Positive Gain Slope Low Noise Amplifier in SMT Package
logo
Broadcom Corporation.
VMMK-3603 BOARDCOM-VMMK-3603 Datasheet
926Kb / 10P
   1 - 6 GHz Positive Gain Slope Low Noise Amplifier in SMT Package
logo
AVAGO TECHNOLOGIES LIMI...
VMMK-3603 AVAGO-VMMK-3603_15 Datasheet
926Kb / 10P
   1 - 6 GHz Positive Gain Slope Low Noise Amplifier in SMT Package
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com