Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WRB2412YQD-40W Datasheet(PDF) 2 Page - Microdc power Technology Co., Ltd

Part # WRB2412YQD-40W
Description  30W~40W, WIDE INPUT, ISOLATED & REGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

WRB2412YQD-40W Datasheet(HTML) 2 Page - Microdc power Technology Co., Ltd

  WRB2412YQD-40W Datasheet HTML 1Page - Microdc power Technology Co., Ltd WRB2412YQD-40W Datasheet HTML 2Page - Microdc power Technology Co., Ltd WRB2412YQD-40W Datasheet HTML 3Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
WRA-YQD-40&
WRA-YQD-40&WRB-YQD-
WRB-YQD-4
40W
0W
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 2 of 3
SINGLE OUTPUT(WRB-YQD-40W)
Pin
Assignment
Pin
Assignment
1
+Vin
6
+Vout
2
-Vin
7
-Vout
3,5
No pin
8
Trim
4
CTRL (ON/OFF)
APPLICATION
APPLICATION NOTE
NOTE
Requirement on output load
In order to ensure the product operate efficiently and reliably,in addition to a
max load(namely full load), a minimum load is specified for this kind of DC/DC
converter.Make sure the specified range of input voltage is not exceeded,the
minimum output load no less than 10% load.If the actual load is less than the
specified minimum load, the output ripple may increase sharply while its
efficiency and reliability will reduce greatly.If the actual output power is very
small,please add an appropriate resistor as extra loading,or contact our
company for other lower output power products.
Recommended Circuit
All the WR-YQD-40W Series have been tested according to the following
recommended testing circuit before leaving factory.This series should be tested
under load(see Figure 1).
If you want to further decrease the input/output ripple,you can increase
capacitance properly or choose capacitors with low ESR.However,the
capacitance of the output filter capacitor must be proper.If the capacitance is
too big,a startup problem might arise.For every channel of output,provided the
safe and reliable operation is ensured,the greatest capacitance of its filter
capacitor sees (Table 1).General:
Cin: 10μF-47μF
Cout: 10μF/100mA
CTRL Terminal
When open or high impedance,the converter work well; When this pin is ′high′;
the converter shutdown; It should be note that the input current (Ic) should
between 5-10mA, exceeding the maximum 20mA will cause permanence
damage to the converter.
The value of R Can be derived as follows :
Input current
While using unstable power source,please ensure the output voltage and ripple
voltage do not exceed indexes of the converter.The preceding power source
must be able to provide for converter sufficient starting current Ip.
General:Ip≤1.6*Iin-max
No parallel connection or plug and play
Mechanical
Mechanical Specification
Specification
Unit:mm
Pin section tolerances:±0.10mm
General tolerances:±0.25mm
TYPICAL
TYPICAL CHARACTERISTICS
CHARACTERISTICS
Temperature Derating Graph
AMBIENT TEMPERATURE (℃)
External
External Output
Output Trimming
Trimming
ON/OFF
ON/OFF Control
Control Pin
Pin
CONTROL INPUT.....................................PIN4
CONTROL COMMON................................PIN2
LOGIC COMPATIBILITY......CMOS OR OPEN COLLECTOR TTL
CONTROL VOLTAGE
ON..........................................+5.5VDC min OR OPEN CIRCUIT
OFF......................................+2.5VDC max. OR SHORT TO PIN2
DUAL OUTPUT(WRA-YQD-40W)
Pin
Assignment
Pin
Assignment
1
+Vin
5
+Vout
2
-Vin
6
Common
3
No pin
7
-Vout
4
CTRL (ON/OFF)
8
Trim


Similar Part No. - WRB2412YQD-40W

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
WRB2412YQD-20W MICRODC-WRB2412YQD-20W Datasheet
687Kb / 3P
   20W,WIDEINPUT, ISOLATED & REGULATED DUAL/SINGLE OUTPUTDC-DCCONVERTER
More results

Similar Description - WRB2412YQD-40W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
VRB2412LD-40WHR3 MORNSUN-VRB2412LD-40WHR3 Datasheet
825Kb / 5P
   40W, Wide input, isolated & regulated single output DC/DC converter
VRB2403LD-30WR3 MORNSUN-VRB2403LD-30WR3 Datasheet
2Mb / 8P
   30W, Wide input, isolated & regulated single output DC/DC converter
URF1D03LD-40WR3 MORNSUN-URF1D03LD-40WR3 Datasheet
2Mb / 8P
   40W, Ultra wide input, isolated & regulated single output DC/DC converter
WRA2412LS-3W MORNSUN-WRA2412LS-3W Datasheet
196Kb / 2P
   WIDE INPUT, ISOLATED & REGULATED DUAL OUTPUT DC/DC CONVERTER
logo
GAPTEC Electronic GmbH ...
1S8W-2RP GAPTEC-1S8W-2RP Datasheet
958Kb / 3P
   1W - Dual/Single Output - Wide Input - Isolated & Regulated DC-DC Converter
1S8W-3RP GAPTEC-1S8W-3RP Datasheet
841Kb / 4P
   1W - Dual/Single Output - Wide Input - Isolated & Regulated DC-DC Converter
logo
Microdc power Technolog...
WRA-YD-2W MICRODC-WRA-YD-2W Datasheet
484Kb / 3P
   2W, WIDE INPUT, ISOLATED & REGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
GAPTEC Electronic GmbH ...
2TC12W4 GAPTEC-2TC12W4 Datasheet
854Kb / 3P
   2W - Single/Dual Output DC-DC Converter - Wide Input - Isolated & Regulated
logo
Microdc power Technolog...
WRB0503YD-2000 MICRODC-WRB0503YD-2000 Datasheet
673Kb / 4P
   8W, WIDE INPUT, ISOLATED & REGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
MORNSUN Science& Techno...
VRB121DLD-20WR3 MORNSUN-VRB121DLD-20WR3 Datasheet
3Mb / 9P
   20W,wide input isolated & regulated dual / single output DC/DC converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com