Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1-84981-6 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 1-84981-6
Description  ASSY, 1.00MM FFC CONN SMT, H
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1-84981-6 Datasheet(HTML) 1 Page - Tyco Electronics

  1-84981-6 Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - 1-84981-6

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-84981-6 MACOM-1-84981-6 Datasheet
643Kb / 32P
   FPC Connector Family
1-84981-6 MACOM-1-84981-6 Datasheet
643Kb / 32P
   FPC Connector Family
1-84981-6 MACOM-1-84981-6 Datasheet
662Kb / 32P
   FPC Connector Family
More results

Similar Description - 1-84981-6

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
C-84984 TEC-C-84984 Datasheet
167Kb / 2P
   ASSY, 1.00mm FFC CONN DIP, V
C-84534 TEC-C-84534 Datasheet
193Kb / 1P
   ASSY, 1.25mm FFC CONN, VERTICAL
logo
Molex Electronics Ltd.
53780-3070 MOLEX-53780-3070 Datasheet
406Kb / 5P
   1.25 W/B CONN WAFER ASSY FOR SMT
0524662871 MOLEX11-0524662871 Datasheet
319Kb / 3P
   0.8 BOARD TO BOARD CONN HOUSING ASSY SMT
0533980571 MOLEX11-0533980571 Datasheet
438Kb / 5P
   1.25 W/B CONN. ASSY FOR SMT(ST.)
0525881875 MOLEX11-0525881875 Datasheet
298Kb / 3P
   0.8 BOARD TO BOARD CONN HOUSING ASSY SMT
0533980471 MOLEX11-0533980471 Datasheet
438Kb / 5P
   1.25 W/B CONN. ASSY FOR SMT(ST.)
5050700000 MOLEX-5050700000 Datasheet
336Kb / 5P
   0.35 BB CONN. H=0.6 SSB6 RP PLUG ASSY
2019/02/27
5050660000 MOLEX-5050660000 Datasheet
480Kb / 5P
   0.35 BB CONN. H=0.6 SSB6 RP REC ASSY
2022/11/30
52365-1091 MOLEX11-52365-1091 Datasheet
255Kb / 3P
   1.0 BOARD TO BOARD CONN. REC. HSG. ASSY SMT
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com