Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD1550-C500 Datasheet(PDF) 3 Page - Roithner LaserTechnik GmbH

Part # LD1550-C500
Description  Lasing Mode Structure: multi mode Peak Wavelength : typ. 1560 nm Optical Ouput Power: 500 mW, CW Package: 9.0 mm, flat window MPD available on request
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

LD1550-C500 Datasheet(HTML) 3 Page - Roithner LaserTechnik GmbH

  LD1550-C500 Datasheet HTML 1Page - Roithner LaserTechnik GmbH LD1550-C500 Datasheet HTML 2Page - Roithner LaserTechnik GmbH LD1550-C500 Datasheet HTML 3Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
16.05.2012
LD1550-C500
3 of 3
Package Dimensons
9 mm Package (Unit:mm)
Safety of Laser light
Laser Light can damage the human eyes and skin. Do not expose the eye or
skin directly to any laser light and/or through optical lens. When handling the
LDs, wear appropriate safety glasses to prevent laser light, even any
reflections from entering to the eye. Focused laser beam through optical
instruments will increase the chance of eye hazard.
The LD emitts invisible light
Cautions
1. Operating methode
This LD shall change its forward voltage requirement and optical ouput power according to
temperature change. Also, the LD will require more operation current to maintain same ouput power
as it degrades. In order to maintain output power, use of APC (Automatic Power Control) is
recommended. Which use monitor feedback to adjust the operation current.
Confirm that electrical spike current generated by swithing on and off does not exceed the maximum
operating current level specified herein above as absolute maximum rating. Also, employ appropriat
countermeasures to reduce chattering and/or overshooting in the circuit.
2. Static Electricity
Static electricity or electrical surges will reduce and degrade the reliability of the LDs. It is
recommended to use a wrist trap or anti-electrostatic glove when handeling the product.
3. Absolute Maximum Rating
Active layer of LDs shall have high current density and generate high electric field during its operation.
In order to prevent excessive damage, the LD must be operated striclty below absolute maximum
rating.


Similar Part No. - LD1550-C500

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
LD150 BANNER-LD150 Datasheet
756Kb / 9P
   Laser Contrast Sensor
logo
LightKey Optoelectronic...
LD15011AB LIGHTKEY-LD15011AB Datasheet
157Kb / 3P
   1.50 inch Single Digit 7 Segment LED Display
LD15011ABRG LIGHTKEY-LD15011ABRG Datasheet
100Kb / 3P
   1.50 inch Single Digit 7 Segment Dual-color LED Display
LD15011AD LIGHTKEY-LD15011AD Datasheet
157Kb / 3P
   1.50 inch Single Digit 7 Segment LED Display
LD15011AG LIGHTKEY-LD15011AG Datasheet
157Kb / 3P
   1.50 inch Single Digit 7 Segment LED Display
More results

Similar Description - LD1550-C500

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
LD635-C220 ROITHNER-LD635-C220 Datasheet
156Kb / 2P
   Lasing Mode Structure: multi mode Peack Wavelength: typ. 633 nm Optical Ouput Power: 220 mW, CW Package: 9.0 mm, flat window
LD690-C350 ROITHNER-LD690-C350 Datasheet
156Kb / 2P
   Lasing Mode Structure: multi mode Peck Wavelength : typ. 690nm Optical Ouput Power: 350 mW, CW Package: 9.0 mm, flat window
LD1430-C003 ROITHNER-LD1430-C003 Datasheet
332Kb / 4P
   Lasing Mode Structure: single mode Peak Wavelength : typ. 1430 nm Optical Ouput Power: 3 mW, CW Package: 5.6 mm, flat window
LD1490-C010 ROITHNER-LD1490-C010 Datasheet
403Kb / 3P
   Lasing Mode: single longitudinal mode Peak Wavelength : typ. 1490 nm Optiacl Ouput Power: 10 mW, CW Package: 5.6 mm, flat window
LDM-0980-002W-35 ROITHNER-LDM-0980-002W-35 Datasheet
155Kb / 4P
   Lasing Mode Structure: multi mode Peak Wavelength : typ. 980 nm Optical Ouput Power: 2 W Package: TO-3, without Photodiode
LD-445-1000MG ROITHNER-LD-445-1000MG Datasheet
372Kb / 3P
   Multi Transverse Mode Peak Wavelength: 445 nm Optical Ouput Power: 1W Package:5.6 mm, dismounted
LD-405-200 ROITHNER-LD-405-200 Datasheet
809Kb / 4P
   Peak Wavelength: 405nm Optical Ouput Power: 200mW Multi Transverse Mode Package:5.6 mm, without Photodiode
APG2C1-410 ROITHNER-APG2C1-410 Datasheet
345Kb / 4P
   Structure: InGaN Peak Wavelength: 410 nm Optical Output Power: typ. 125 mW Life Time: > 10.000 hours
APG2C1-375-E ROITHNER-APG2C1-375-E Datasheet
318Kb / 4P
   Structure: InGaN Peak Wavelength: 375 nm Optical Output Power: typ. 200 mW Life Time: > 10.000 hours
APG2C1-395 ROITHNER-APG2C1-395 Datasheet
324Kb / 4P
   Structure: InGaN Peak Wavelength: 395 nm Optical Output Power: typ. 55 mWLife Time: > 10.000 hours
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com