Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD1550-C500 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # LD1550-C500
Description  Lasing Mode Structure: multi mode Peak Wavelength : typ. 1560 nm Optical Ouput Power: 500 mW, CW Package: 9.0 mm, flat window MPD available on request
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

LD1550-C500 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  LD1550-C500 Datasheet HTML 1Page - Roithner LaserTechnik GmbH LD1550-C500 Datasheet HTML 2Page - Roithner LaserTechnik GmbH LD1550-C500 Datasheet HTML 3Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
16.05.2012
LD1550-C500
1 of 3
LD1550-C500
TECHNICAL DATA
Infrared Laser Diode
Features
• Lasing Mode Structure: multi mode
• Peak Wavelength : typ. 1560 nm
• Optical Ouput Power: 500 mW, CW
• Package: 9.0 mm, flat window
• MPD available on request
Electrical Connection
Pin Configuration
Bottom View
PIN
Function
1
LD Cathode
2
LD Anode
3
(PD on request)
Absolute Maximum Ratings (TC=15°C)
Item
Symbol
Value
Unit
CW Output Power
PO
500
mW
LD Reverse Voltage
Vr
2
V
LD Forward Current
Iop
4.5
A
Operating Case Temperature
TC
0 … +30
°C
Storage Temperature
Tstg
-40 … +85
°C
Specifications (TC=15°C)
Item
Symbol
Min.
Typ.
Max.
Unit
Optical Specifications
CW Output Power
PO
-
500
-
mW
Center Wavelength
λ
C
1540
1560
1580
nm
Spectral Width (FWHM)
Δλ
-
9
-
nm
Wavelength Temperature Coefficient
Δλ / ΔT
-
0.6
-
nm/K
FWHM Beam Divergence
Θ
-
7
-
deg
Θ
-
33
-
deg
Emitting Area Width
WE
-
100
-
µm
Electrical Specifications
Threshold Current
Ith
-
-
0.7
A
Operating Current
Iop
-
2.5
-
A
Slope Efficiency
η
0.28
-
-
W/A
Operating Voltage
Vop
-
1.8
-
V
The above specifications are for reference purpose only and subjected to change without prior notice.


Similar Part No. - LD1550-C500

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
LD150 BANNER-LD150 Datasheet
756Kb / 9P
   Laser Contrast Sensor
logo
LightKey Optoelectronic...
LD15011AB LIGHTKEY-LD15011AB Datasheet
157Kb / 3P
   1.50 inch Single Digit 7 Segment LED Display
LD15011ABRG LIGHTKEY-LD15011ABRG Datasheet
100Kb / 3P
   1.50 inch Single Digit 7 Segment Dual-color LED Display
LD15011AD LIGHTKEY-LD15011AD Datasheet
157Kb / 3P
   1.50 inch Single Digit 7 Segment LED Display
LD15011AG LIGHTKEY-LD15011AG Datasheet
157Kb / 3P
   1.50 inch Single Digit 7 Segment LED Display
More results

Similar Description - LD1550-C500

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
LD635-C220 ROITHNER-LD635-C220 Datasheet
156Kb / 2P
   Lasing Mode Structure: multi mode Peack Wavelength: typ. 633 nm Optical Ouput Power: 220 mW, CW Package: 9.0 mm, flat window
LD690-C350 ROITHNER-LD690-C350 Datasheet
156Kb / 2P
   Lasing Mode Structure: multi mode Peck Wavelength : typ. 690nm Optical Ouput Power: 350 mW, CW Package: 9.0 mm, flat window
LD1430-C003 ROITHNER-LD1430-C003 Datasheet
332Kb / 4P
   Lasing Mode Structure: single mode Peak Wavelength : typ. 1430 nm Optical Ouput Power: 3 mW, CW Package: 5.6 mm, flat window
LD1490-C010 ROITHNER-LD1490-C010 Datasheet
403Kb / 3P
   Lasing Mode: single longitudinal mode Peak Wavelength : typ. 1490 nm Optiacl Ouput Power: 10 mW, CW Package: 5.6 mm, flat window
LDM-0980-002W-35 ROITHNER-LDM-0980-002W-35 Datasheet
155Kb / 4P
   Lasing Mode Structure: multi mode Peak Wavelength : typ. 980 nm Optical Ouput Power: 2 W Package: TO-3, without Photodiode
LD-445-1000MG ROITHNER-LD-445-1000MG Datasheet
372Kb / 3P
   Multi Transverse Mode Peak Wavelength: 445 nm Optical Ouput Power: 1W Package:5.6 mm, dismounted
LD-405-200 ROITHNER-LD-405-200 Datasheet
809Kb / 4P
   Peak Wavelength: 405nm Optical Ouput Power: 200mW Multi Transverse Mode Package:5.6 mm, without Photodiode
APG2C1-410 ROITHNER-APG2C1-410 Datasheet
345Kb / 4P
   Structure: InGaN Peak Wavelength: 410 nm Optical Output Power: typ. 125 mW Life Time: > 10.000 hours
APG2C1-375-E ROITHNER-APG2C1-375-E Datasheet
318Kb / 4P
   Structure: InGaN Peak Wavelength: 375 nm Optical Output Power: typ. 200 mW Life Time: > 10.000 hours
APG2C1-395 ROITHNER-APG2C1-395 Datasheet
324Kb / 4P
   Structure: InGaN Peak Wavelength: 395 nm Optical Output Power: typ. 55 mWLife Time: > 10.000 hours
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com